Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74HCT1G126GV Arkusz danych(PDF) 2 Page - NXP Semiconductors

Numer części 74HCT1G126GV
Szczegółowy opis  Bus buffer/line driver; 3-state
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT1G126GV Arkusz danych(HTML) 2 Page - NXP Semiconductors

  74HCT1G126GV Datasheet HTML 1Page - NXP Semiconductors 74HCT1G126GV Datasheet HTML 2Page - NXP Semiconductors 74HCT1G126GV Datasheet HTML 3Page - NXP Semiconductors 74HCT1G126GV Datasheet HTML 4Page - NXP Semiconductors 74HCT1G126GV Datasheet HTML 5Page - NXP Semiconductors 74HCT1G126GV Datasheet HTML 6Page - NXP Semiconductors 74HCT1G126GV Datasheet HTML 7Page - NXP Semiconductors 74HCT1G126GV Datasheet HTML 8Page - NXP Semiconductors 74HCT1G126GV Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2002 May 15
2
Philips Semiconductors
Product specification
Bus buffer/line driver; 3-state
74HC1G126; 74HCT1G126
FEATURES
• Wide operating voltage from 2.0 to 6.0 V
• Symmetrical output impedance
• High noise immunity
• Low power dissipation
• Balanced propagation delays
• Very small 5 pins package
• Output capability: bus driver.
DESCRIPTION
The 74HC1G/HCT1G126 is a highspeed Si-gate CMOS
device.
The 74HC1G/HCT1G126 provides one non-inverting
buffer/line driver with 3-state output. The 3-state output is
controlled by the output enable input pin (OE). A LOW at
pin OE causes the output as assume a high-impedance
OFF-state.
The bus driver output currents are equal compared to the
74HC/HCT126.
QUICK REFERENCE DATA
GND = 0 V; Tamb =25 °C; tr =rf ≤ 6.0 ns.
Notes
1. CPD is used to determine the dynamic power dissipation (PD in µW).
PD =CPD × VCC2 × fi +(CL × VCC2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in Volts.
2. For HC1G the conditions is VI = GND to VCC.
For HCT1G the conditions is VI = GND to VCC − 1.5 V.
FUNCTION TABLE
See note 1.
Note
1. H = HIGH voltage level;
L = LOW voltage level;
X = don’t care;
Z = high-impedance OFF-state.
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
HC1G
HCT1G
tPHL/tPLH
propagation delay A to Y
CL = 15 pF; VCC = 5 V
9
10
ns
CI
input capacitance
1.5
1.5
pF
CPD
power dissipation capacitance
notes 1 and 2
30
27
pF
INPUTS
OUTPUT
OE
A
Y
HL
L
HHH
LX
Z


Podobny numer części - 74HCT1G126GV

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74HCT1G126GV NXP-74HCT1G126GV Datasheet
83Kb / 12P
   Bus buffer/line driver; 3-state
Rev. 04-20 July 2007
74HCT1G126GV PHILIPS-74HCT1G126GV Datasheet
430Kb / 12P
   Bus buffer/line driver; 3-state
2002 May 15
logo
Nexperia B.V. All right...
74HCT1G126GV NEXPERIA-74HCT1G126GV Datasheet
223Kb / 12P
   Bus buffer/line driver; 3-state
Rev. 5 - 17 January 2022
More results

Podobny opis - 74HCT1G126GV

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74LVC1G125 PHILIPS-74LVC1G125 Datasheet
94Kb / 17P
   Bus buffer/line driver; 3-state
2004 Sep 15
74AHC_AHCT1G126 PHILIPS-74AHC_AHCT1G126_15 Datasheet
198Kb / 17P
   Bus buffer/line driver; 3-state
Rev. 8-23 August 2012
XC7SH125 PHILIPS-XC7SH125_15 Datasheet
93Kb / 14P
   Bus buffer/line driver; 3-state
Rev. 01-4 September 2009
74LVC1G126GW.125 NXP-74LVC1G126GW.125 Datasheet
368Kb / 21P
   Bus buffer/line driver; 3-state
Rev. 12-2 July 2012
74LVC1G126 NXP-74LVC1G126_09 Datasheet
98Kb / 16P
   Bus buffer/line driver; 3-state
Rev. 08-9 April 2009
logo
Nexperia B.V. All right...
74AHC1G125-Q100 NEXPERIA-74AHC1G125-Q100 Datasheet
700Kb / 15P
   Bus buffer/line driver; 3-state
74AHC1G126-Q100 NEXPERIA-74AHC1G126-Q100 Datasheet
696Kb / 15P
   Bus buffer/line driver; 3-state
logo
Unisonic Technologies
U74LVC1G125 UTC-U74LVC1G125_V01 Datasheet
193Kb / 5P
   BUS BUFFER/LINE DRIVER 3-STATE
logo
Nexperia B.V. All right...
74LVC1G126 NEXPERIA-74LVC1G126 Datasheet
272Kb / 18P
   Bus buffer/line driver; 3-state
Rev. 16 - 18 January 2022
logo
NXP Semiconductors
74AHC1G126 PHILIPS-74AHC1G126 Datasheet
80Kb / 16P
   Bus buffer/line driver; 3-state
2002 Jun 06
74HC1G126 PHILIPS-74HC1G126 Datasheet
430Kb / 12P
   Bus buffer/line driver; 3-state
2002 May 15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com