Zakładka z wyszukiwarką danych komponentów |
|
74VHC132NX Arkusz danych(PDF) 1 Page - Fairchild Semiconductor |
|
74VHC132NX Arkusz danych(HTML) 1 Page - Fairchild Semiconductor |
1 / 8 page © 2005 Fairchild Semiconductor Corporation DS012124 www.fairchildsemi.com September 1995 Revised February 2005 74VHC132 Quad 2-Input NAND Schmitt Trigger General Description The VHC132 is an advanced high speed CMOS 2-input NAND Schmitt Trigger Gate fabricated with silicon gate CMOS technology. It achieves the high-speed operation similar to Bipolar Schottky TTL while maintaining the CMOS low power dissipation. Pin configuration and func- tion are the same as the VHC00 but the inputs have hyster- esis between the positive-going and negative-going input thresholds, which are capable of transforming slowly changing input signals into sharply defined, jitter-free out- put signals. Thus greater noise margin then conventional gates is provided. An input protection circuit ensures that 0V to 7V can be applied to the input pins without regard to the supply voltage. This device can be used to interface 5V to 3V systems and two supply systems such as battery backup. This circuit prevents device destruction due to mis- matched supply and input voltages. Features s High Speed: tPD 3.9 ns (typ) at VCC 5 V s Power down protection is provided on all inputs s Low power dissipation: ICC 2 PA (max) at TA 25qC s Low noise: VOLP 0.8 V (max) s Pin and function compatible with 74HC132 Ordering Code: Surface mount packages are also available on Tape and Reel. Specify by appending the suffix letter “X” to the ordering code. Pb-Free package per JEDEC J-STD-020B. Note 1: “_NL” indicates Pb-Free package (per JEDEC J-STD-020B). Device available in Tape and Reel only. Order Number Package Package Description Number 74VHC132M M14A 14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow 74VHC132SJ M14D Pb-Free 14-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide 74VHC132MTC MTC14 14-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide 74VHC132MTCX_NL (Note 1) MTC14 Pb-Free 14-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide 74VHC132N N14A 14-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide |
Podobny numer części - 74VHC132NX |
|
Podobny opis - 74VHC132NX |