Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADC32RF82 Arkusz danych(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Numer części ADC32RF82
Szczegółowy opis  Dual-Channel, 2457.6-MSPS Telecom Receiver and Feedback Device
Download  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADC32RF82 Arkusz danych(HTML) 7 Page - Texas Instruments

Back Button ADC32RF82 Datasheet HTML 3Page - Texas Instruments ADC32RF82 Datasheet HTML 4Page - Texas Instruments ADC32RF82 Datasheet HTML 5Page - Texas Instruments ADC32RF82 Datasheet HTML 6Page - Texas Instruments ADC32RF82 Datasheet HTML 7Page - Texas Instruments ADC32RF82 Datasheet HTML 8Page - Texas Instruments ADC32RF82 Datasheet HTML 9Page - Texas Instruments ADC32RF82 Datasheet HTML 10Page - Texas Instruments ADC32RF82 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 151 page
background image
7
ADC32RF82
www.ti.com
SBAS869 – SEPTEMBER 2017
Product Folder Links: ADC32RF82
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
Performance is shown with DDC bypassed. When DDC is enabled, performance improves by the decimation filtering process.
(2)
Minimum values are specified at AOUT = –3 dBFS.
(3)
Output amplitude, AOUT, refers to the signal amplitude in the ADC digital output that is same as the analog input amplitude, AIN, except
when the digital gain feature is used. If digital gain is G, then AOUT = G + AIN.
(4)
The ADC internal resistance = 65 Ω, the driving source resistance = 50 Ω.
6.6 AC Performance Characteristics: fS = 2457.6 MSPS
typical values specified at an ambient temperature of 25°C; minimum and maximum values are specified over an ambient
temperature range of –40°C to +85°C; and chip sampling rate = 2457.6 MSPS, 50% clock duty cycle, DDC-bypassed
performance
(1), AVDD19 = 1.9 V, AVDD = 1.15 V, DVDD = 1.15 V, –2-dBFS differential input, and 0-dB digital gain (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN(2)
NOM
MAX
UNIT
SNR
Signal-to-noise ratio
fIN = 100 MHz, AOUT = –2 dBFS
62.5
dBFS
fIN = 900 MHz, AOUT = –2 dBFS
61.2
fIN = 1850 MHz, AOUT = –2 dBFS
55
58.7
fIN = 2100 MHz, AOUT = –2 dBFS
57.9
fIN = 2600 MHz, AOUT = –2 dBFS
56.0
fIN = 3500 MHz, AOUT
(3) = –3 dBFS with 2-dB gain
54.2
NSD
Noise spectral density
averaged across the
Nyquist zone
fIN = 100 MHz, AOUT = –2 dBFS
153.4
dBFS/Hz
fIN = 900 MHz, AOUT = –2 dBFS
152.1
fIN = 1850 MHz, AOUT = –2 dBFS
149.6
fIN = 2100 MHz, AOUT = –2 dBFS
148.8
fIN = 2600 MHz, AOUT = –2 dBFS
146.9
fIN = 3500 MHz, AOUT
(3) = –3 dBFS with 2-dB gain
145.1
Small-signal SNR
fIN = 1850 MHz, AOUT = –40 dBFS
63.3
dBFS
NF(4)
Noise figure
fIN = 1850 MHz, AOUT = –40 dBFS
24.7
dB
SINAD
Signal-to-noise and
distortion ratio
fIN = 100 MHz, AOUT = –2 dBFS
62.0
dBFS
fIN = 900 MHz, AOUT = –2 dBFS
60.0
fIN = 1850 MHz, AOUT = –2 dBFS
58.4
fIN = 2100 MHz, AOUT = –2 dBFS
57.5
fIN = 2600 MHz, AOUT = –2 dBFS
54.6
fIN = 3500 MHz, AOUT
(3) = –3 dBFS with 2-dB gain
47.1
ENOB
Effective number of bits
fIN = 100 MHz, AOUT = –2 dBFS
10.0
Bits
fIN = 900 MHz, AOUT = –2 dBFS
9.7
fIN = 1850 MHz, AOUT = –2 dBFS
9.4
fIN = 2100 MHz, AOUT = –2 dBFS
9.3
fIN = 2600 MHz, AOUT = –2 dBFS
8.8
fIN = 3500 MHz, AOUT
(3) = –3 dBFS with 2-dB gain
7.5
SFDR
Spurious-free dynamic
range
fIN = 100 MHz, AOUT = –2 dBFS
71
dBc
fIN = 900 MHz, AOUT = –2 dBFS
67
fIN = 1850 MHz, AOUT = –2 dBFS
71
fIN = 2100 MHz, AOUT = –2 dBFS
69
fIN = 2600 MHz, AOUT = –2 dBFS
59
fIN = 3500 MHz, AOUT
(3) = –3 dBFS with 2-dB gain
47
HD2
Second-order harmonic
distortion
fIN = 100 MHz, AOUT = –2 dBFS
71
dBc
fIN = 900 MHz, AOUT = –2 dBFS
67
fIN = 1850 MHz, AOUT = –2 dBFS
72
fIN = 2100 MHz, AOUT = –2 dBFS
69
fIN = 2700 MHz, AOUT = –2 dBFS
59
fIN = 3500 MHz, AOUT
(3) = –3 dBFS with 2-dB gain
48


Podobny numer części - ADC32RF82

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADC32RF80 TI1-ADC32RF80 Datasheet
434Kb / 8P
[Old version datasheet]   ADC32RF80 Dual-Channel
ADC32RF80 TI1-ADC32RF80 Datasheet
8Mb / 136P
[Old version datasheet]   Dual-Channel, 3-GSPS Telecom Receiver and Feedback Devices
ADC32RF80 TI-ADC32RF80 Datasheet
8Mb / 138P
[Old version datasheet]   ADC32RF8x Dual-Channel, 3-GSPS Telecom Receiver and Feedback Devices
ADC32RF80IRMPR TI1-ADC32RF80IRMPR Datasheet
434Kb / 8P
[Old version datasheet]   ADC32RF80 Dual-Channel
ADC32RF80IRMPR TI1-ADC32RF80IRMPR Datasheet
8Mb / 136P
[Old version datasheet]   Dual-Channel, 3-GSPS Telecom Receiver and Feedback Devices
More results

Podobny opis - ADC32RF82

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADC31RF80 TI1-ADC31RF80 Datasheet
8Mb / 136P
[Old version datasheet]   3-GSPS Telecom Receiver and Feedback Device
ADC32RF80 TI1-ADC32RF80_16 Datasheet
8Mb / 136P
[Old version datasheet]   Dual-Channel, 3-GSPS Telecom Receiver and Feedback Devices
ADC32RF80 TI-ADC32RF80_V01 Datasheet
8Mb / 138P
[Old version datasheet]   ADC32RF8x Dual-Channel, 3-GSPS Telecom Receiver and Feedback Devices
ADS58J63 TI1-ADS58J63 Datasheet
5Mb / 84P
[Old version datasheet]   Quad-Channel, 14-Bit, 500-MSPS Telecom Receiver Device
ADS62PF49 TI1-ADS62PF49 Datasheet
581Kb / 8P
[Old version datasheet]   Dual-Channel, 250-MSPS Feedback Receiver IC
ADS58J63 TI-ADS58J63_15 Datasheet
5Mb / 87P
[Old version datasheet]   ADS58J63 Quad-Channel, 14-Bit, 500-MSPS Telecom Receiver Device
ADS54T02 TI-ADS54T02 Datasheet
1Mb / 44P
[Old version datasheet]   Dual Channel 12-Bit 750 Msps Receiver and Feedback IC
ADS54T02 TI-ADS54T02_15 Datasheet
1Mb / 49P
[Old version datasheet]   Dual Channel 12-Bit 750 Msps Receiver and Feedback IC
ADS58H40 TI1-ADS58H40_14 Datasheet
2Mb / 60P
[Old version datasheet]   Quad-Channel, 250-MSPS Receiver and Feedback ADC
ADS58H40 TI-ADS58H40_15 Datasheet
2Mb / 59P
[Old version datasheet]   Quad-Channel, 250-MSPS Receiver and Feedback ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com