Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

GS8180QV36BGD-167I Arkusz danych(PDF) 5 Page - GSI Technology

Numer części GS8180QV36BGD-167I
Szczegółowy opis  18Mb Burst of 2 SigmaQuad SRAM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  GSI [GSI Technology]
Strona internetowa  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS8180QV36BGD-167I Arkusz danych(HTML) 5 Page - GSI Technology

  GS8180QV36BGD-167I Datasheet HTML 1Page - GSI Technology GS8180QV36BGD-167I Datasheet HTML 2Page - GSI Technology GS8180QV36BGD-167I Datasheet HTML 3Page - GSI Technology GS8180QV36BGD-167I Datasheet HTML 4Page - GSI Technology GS8180QV36BGD-167I Datasheet HTML 5Page - GSI Technology GS8180QV36BGD-167I Datasheet HTML 6Page - GSI Technology GS8180QV36BGD-167I Datasheet HTML 7Page - GSI Technology GS8180QV36BGD-167I Datasheet HTML 8Page - GSI Technology GS8180QV36BGD-167I Datasheet HTML 9Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
GS8180QV18/36BD-200/167
Rev: 1.02b 11/2011
5/28
© 2007, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Background
Separate I/O SRAMs, from a system architecture point of view, are attractive in applications where alternating reads and writes are
needed. Therefore, the SigmaQuad SRAM interface and truth table are optimized for alternating reads and writes. Separate I/O
SRAMs are unpopular in applications where multiple reads or multiple writes are needed because burst read or write transfers from
Separate I/O SRAMs can cut the RAM’s bandwidth in half.
A SigmaQuad SRAM can begin an alternating sequence of reads and writes with either a read or a write. In order for any separate
I/O SRAM that shares a common address between its two ports to keep both ports running all the time, the RAM must implement
some sort of burst transfer protocol. The burst must be at least long enough to cover the time the opposite port is receiving
instructions on what to do next. The rate at which a RAM can accept a new random address is the most fundamental performance
metric for the RAM. Each of the three SigmaQuad SRAMs support similar address rates because random address rate is
determined by the internal performance of the RAM and they are all based on the same internal circuits. Differences between the
truth tables of the different SigmaQuad SRAMs, or any other Separate I/O SRAMs, follow from differences in how the RAM’s
interface is contrived to interact with the rest of the system. Each mode of operation has its own advantages and disadvantages. The
user should consider the nature of the work to be done by the RAM to evaluate which version is best suited to the application at
hand.
Burst of 2 SigmaQuad SRAM DDR Read
The read port samples the status of the Address Input and R pins at each rising edge of K. A low on the Read Enable-bar pin, R,
begins a read cycle. Data can be clocked out one cycle later and again one half cycle after that. A high on the Read Enable-bar pin,
R, begins a read port deselect cycle.
Burst of 2 Double Data Rate SigmaQuad SRAM Read First
Read A
NOP
Write B
Read C Write D
Read E Write F
Read G Write H
NOP
A
B
C
D
E
F
G
H
B
B+1
D
D+1
F
F+1
H
H+1
B
B+1
D
D+1
F
F+1
H
H+1
A
A+1
C
C+1
E
E+1
G
K
K
Address
R
W
BWx
D
C
C
Q


Podobny numer części - GS8180QV36BGD-167I

ProducentNumer częściArkusz danychSzczegółowy opis
logo
GSI Technology
GS8180QV36BGD-167 GSI-GS8180QV36BGD-167 Datasheet
414Kb / 28P
   18Mb Burst of 2 SigmaQuad SRAM
More results

Podobny opis - GS8180QV36BGD-167I

ProducentNumer częściArkusz danychSzczegółowy opis
logo
GSI Technology
GS8180QV18BD-167 GSI-GS8180QV18BD-167 Datasheet
414Kb / 28P
   18Mb Burst of 2 SigmaQuad SRAM
GS8180QV18BD-200 GSI-GS8180QV18BD-200 Datasheet
414Kb / 28P
   18Mb Burst of 2 SigmaQuad SRAM
GS8180QV36BD-200I GSI-GS8180QV36BD-200I Datasheet
414Kb / 28P
   18Mb Burst of 2 SigmaQuad SRAM
GS8180QV18BD-200I GSI-GS8180QV18BD-200I Datasheet
414Kb / 28P
   18Mb Burst of 2 SigmaQuad SRAM
GS8180QV18BGD-167 GSI-GS8180QV18BGD-167 Datasheet
414Kb / 28P
   18Mb Burst of 2 SigmaQuad SRAM
GS8180QV18BGD-167I GSI-GS8180QV18BGD-167I Datasheet
414Kb / 28P
   18Mb Burst of 2 SigmaQuad SRAM
GS8180QV18BD-167I GSI-GS8180QV18BD-167I Datasheet
414Kb / 28P
   18Mb Burst of 2 SigmaQuad SRAM
GS8180QV18BGD-200 GSI-GS8180QV18BGD-200 Datasheet
414Kb / 28P
   18Mb Burst of 2 SigmaQuad SRAM
GS8180QV18D GSI-GS8180QV18D Datasheet
778Kb / 32P
   18Mb Burst of 2 SigmaQuad SRAM
GS8180Q18D GSI-GS8180Q18D Datasheet
777Kb / 32P
   18Mb Burst of 2 SigmaQuad SRAM
GS8180QV36BGD-200 GSI-GS8180QV36BGD-200 Datasheet
414Kb / 28P
   18Mb Burst of 2 SigmaQuad SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com