Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CD40161BC Arkusz danych(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Numer części CD40161BC
Szczegółowy opis  Decade Counter with Asynchronous Clear
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NSC [National Semiconductor (TI)]
Strona internetowa  http://www.national.com
Logo NSC - National Semiconductor (TI)

CD40161BC Arkusz danych(HTML) 5 Page - National Semiconductor (TI)

  CD40161BC Datasheet HTML 1Page - National Semiconductor (TI) CD40161BC Datasheet HTML 2Page - National Semiconductor (TI) CD40161BC Datasheet HTML 3Page - National Semiconductor (TI) CD40161BC Datasheet HTML 4Page - National Semiconductor (TI) CD40161BC Datasheet HTML 5Page - National Semiconductor (TI) CD40161BC Datasheet HTML 6Page - National Semiconductor (TI) CD40161BC Datasheet HTML 7Page - National Semiconductor (TI) CD40161BC Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Logic Waveforms
CD40160B
CD40162B Decade Counters
TLF5986 – 4
CD40161B
CD40163B Binary Counters
TLF5986 – 5
Switching Time Waveforms
TLF5986 – 6
Note 1
All input pulses are from generators having the following characteristics tr e tf e 20 ns PRR s 1 MHz duty cycle s 50% ZOUT
50X
Note 2
All times are measured from 50% to 50%
Cascading Packages
TLF5986 – 7
5


Podobny numer części - CD40161BC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CD40161B TI-CD40161B Datasheet
552Kb / 13P
[Old version datasheet]   CMOS Synchronous Programmable 4-Bit Counters
CD40161B-MIL TI1-CD40161B-MIL Datasheet
958Kb / 17P
[Old version datasheet]   CMOS Synchronous Programmable 4-Bit Counters
CD40161BE TI-CD40161BE Datasheet
552Kb / 13P
[Old version datasheet]   CMOS Synchronous Programmable 4-Bit Counters
CD40161BE TI1-CD40161BE Datasheet
958Kb / 17P
[Old version datasheet]   CMOS Synchronous Programmable 4-Bit Counters
CD40161BEE4 TI1-CD40161BEE4 Datasheet
958Kb / 17P
[Old version datasheet]   CMOS Synchronous Programmable 4-Bit Counters
More results

Podobny opis - CD40161BC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
74HC160 NSC-74HC160 Datasheet
148Kb / 6P
   Synchronous Decade Counter with Asynchronous Clear
logo
Renesas Technology Corp
HD74LS162A RENESAS-HD74LS162A Datasheet
201Kb / 11P
   Synchronous Decade Counter (synchronous clear)
HD74LS160A RENESAS-HD74LS160A Datasheet
203Kb / 11P
   Synchronous Decade Counter (direct clear)
HD74HC160 RENESAS-HD74HC160 Datasheet
159Kb / 15P
   Synchronous Decade Counter (Direct Clear)
logo
Fairchild Semiconductor
MM74HC161 FAIRCHILD-MM74HC161_03 Datasheet
108Kb / 9P
   Synchronous Binary Counter with Asynchronous Clear Synchronous Binary Counter with Synchronous Clear
MM74HC161 FAIRCHILD-MM74HC161 Datasheet
85Kb / 8P
   Synchronous Binary Counter with Asynchronous Clear . Synchronous Binary Counter with Synchronous Clear
logo
NXP Semiconductors
HEF40160B PHILIPS-HEF40160B Datasheet
155Kb / 10P
   4-bit synchronous decade counter with asynchronous reset
January 1995
logo
Fairchild Semiconductor
74VHC161 FAIRCHILD-74VHC161 Datasheet
88Kb / 10P
   4-Bit Binary Counter with Asynchronous Clear
logo
NXP Semiconductors
74AC11190 PHILIPS-74AC11190 Datasheet
339Kb / 12P
   ASYNCHRONOUS PRESETTABLE SYNCHRONOUS DECADE UP/DOWN COUNTER
October 17 1990
logo
Nexperia B.V. All right...
74HC160 NEXPERIA-74HC160 Datasheet
256Kb / 15P
   Presettable synchronous BCD decade counter; asynchronous reset
Rev. 4 - 27 March 2019
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com