Zakładka z wyszukiwarką danych komponentów |
|
1N4749A Arkusz danych(PDF) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd |
|
1N4749A Arkusz danych(HTML) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd |
1 / 3 page 1.0W ZENER DIODE Characteristic Symbol Value Unit Zener Current (see Table page 2) IZ Pd / VZ mA Power Dissipation Derate Above 50°C (Note 1) Pd 1.0 6.67 W mW/°C Thermal Resistance - Junction to Ambient Air RqJA 175 °C/W Forward Voltage @ IF = 200 mA VF 1.2 V Operating and Storage Temperature Range Tj, TSTG -65 to + 175 °C Note: 1. Valid provided that leads are kept at TL @ 50°C with lead length = 9.5mm (3/8”) from case. 2. EC Directive 2002/95/EC (RoHS) revision 13.2.2003. Glass and High Temperature Solder Exemptions Applied where applicable, see EU Directive Annex Notes 5 and 7. Maximum Ratings Mechanical Data · 1.0 Watt Power Dissipation · 3.3V - 75V Nominal Zener Voltage · Standard VZ Tolerance is 5% · Lead Free Finish, RoHS Compliant (Note 2) · Case: DO-41 · Case Material: Glass. UL Flammability Classification Rating 94V-0 · Moisture Sensitivity: Level 1 per J-STD-020C · Terminals: Finish ¾ Sn96.5Ag3.5. Solderable per MIL-STD-202, Method 208 · Polarity: Cathode Band · Marking: Type Number · Weight: 0.35 grams (approximate) A A B C D DO-41GLASS Dim Min Max A 26.0 — B — 4.10 C — 0.86 D — 2.60 All Dimensions in mm Features @ TA = 25°C unless otherwise specified 1 of 3 1N4728A - 1N4761A 1N4728A - 1N4761A www.senocn.com Z ibo Seno Electronic Engineering Co., Ltd. Alldatasheet |
Podobny numer części - 1N4749A |
|
Podobny opis - 1N4749A |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |