Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

1N4747A Arkusz danych(PDF) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

Numer części 1N4747A
Szczegółowy opis  1.0W ZENER DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Strona internetowa  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

1N4747A Arkusz danych(HTML) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

  1N4747A Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd 1N4747A Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Case: SMA/DO-214AC, Molded Plastic
1N4728A – 1N4764A
1 of 2
H
Classification Rating 94V-O
3.3 – 100V Nomimal Zener Voltage
1N4728A – 1N4764A
1.0W ZENER DIODE
Features
Glass Passivated Die Construction
1.0 Watt Power Dissipation
5% Standard Vz Tolerance
Low Inductance
Typical IR Less Than 5.0µA Above 11V
Plastic Case Material Has UL Flammability
Mechanical Data
Terminals: Axial Leads, Solderable per
MIL-STD-202, Method 208
Polarity: Cathode Band
Marking: Type Number
Weight: 0.35 grams (approx.)
Lead Free: For RoHS / Lead Free Version
Maximum Ratings @T
A=25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
DC Power Dissipation at TL = 50°C (Note 1)
Derate above 50°C
Pd
1.0
6.67
W
mW/°C
Forward Voltage @ IF = 200mA
VF
1.2
V
Thermal Resistance Junction to Ambient (Note 2)
RθJA
170
K/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C
Note: 1. Measured at lead length 3/8” (9.5mm) from body.
2. Valid provided that leads are kept at ambient temperature at a distance of 10mm from the case.
E
SMA/DO-214AC
Dim
Min
Max
A
2.50
2.90
B
4.00
4.60
C
1.40
1.60
D
0.152
0.305
E
4.80
5.28
F
2.00
2.44
G
0.051
0.203
H
0.76
1.52
All Dimensions in mm
D
C
B
A
G
F
Z ibo Seno Electronic Engineering Co., Ltd.
www.senocn.com
Alldatasheet


Podobny numer części - 1N4747A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
1N4747A PHILIPS-1N4747A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
logo
Vishay Siliconix
1N4747A VISHAY-1N4747A Datasheet
75Kb / 4P
   Zener Diodes
Rev. 2.3. 13-Nov-12
logo
Renesas Technology Corp
1N4747A RENESAS-1N4747A Datasheet
166Kb / 6P
   Silicon Planar Zener Diodes for Stabilized Power Supply
logo
Anova Technologies CO.,...
1N4747A ANOVA-1N4747A Datasheet
240Kb / 3P
   Axial Lead Zener Diodes
logo
List of Unclassifed Man...
1N4747A ETC1-1N4747A Datasheet
56Kb / 2P
   ZENER DIODES
More results

Podobny opis - 1N4747A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Diodes Incorporated
1N4728A DIODES-1N4728A_08 Datasheet
124Kb / 3P
   1.0W ZENER DIODE
logo
Won-Top Electronics
1N4728A WTE-1N4728A Datasheet
44Kb / 4P
   1.0W ZENER DIODE
logo
Comchip Technology
1N4728A COMCHIP-1N4728A Datasheet
123Kb / 3P
   1.0W Zener Diode
logo
Diodes Incorporated
1N4728A DIODES-1N4728A_1 Datasheet
451Kb / 4P
   1.0W ZENER DIODE
DS18007 Rev. 16 - 2
SMAZ36-13 DIODES-SMAZ36-13 Datasheet
129Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
SMAZ39-13 DIODES-SMAZ39-13 Datasheet
129Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
SMAZ7V5-13 DIODES-SMAZ7V5-13 Datasheet
129Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
logo
Sangdest Microelectroni...
1SMA4741 SMC-1SMA4741 Datasheet
265Kb / 6P
   1.0W SURFACE MOUNT ZENER DIODE
logo
Won-Top Electronics
1SMA4736A WTE-1SMA4736A Datasheet
96Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
logo
Diodes Incorporated
SMAZ5V1 DIODES-SMAZ5V1_1 Datasheet
90Kb / 4P
   1.0W SURFACE MOUNT ZENER DIODE
DS18015 Rev. 14 - 2
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com