Zakładka z wyszukiwarką danych komponentów
  Polish  ▼

Delete All
ON OFF
ALLDATASHEET.PL

X  

Preview PDF Download HTML

DSD1792 Arkusz danych(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Numer części DSD1792
Szczegółowy opis  24 bit 192 KHZ SAMPLING ADVANCED SEGMENT AUDIO STEREO DIGITAL TO ANARLOG CONVERTER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BURR-BROWN [Burr-Brown (TI)]
Strona internetowa  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DSD1792 Arkusz danych(HTML) 1 Page - Burr-Brown (TI)

  DSD1792 Datasheet HTML 1Page - Burr-Brown (TI) DSD1792 Datasheet HTML 2Page - Burr-Brown (TI) DSD1792 Datasheet HTML 3Page - Burr-Brown (TI) DSD1792 Datasheet HTML 4Page - Burr-Brown (TI) DSD1792 Datasheet HTML 5Page - Burr-Brown (TI) DSD1792 Datasheet HTML 6Page - Burr-Brown (TI) DSD1792 Datasheet HTML 7Page - Burr-Brown (TI) DSD1792 Datasheet HTML 8Page - Burr-Brown (TI) DSD1792 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
DSD1792
SLES067A − MARCH 2003 − REVISED AUGUST 2003
24BIT, 192kHz SAMPLING, ADVANCED SEGMENT,
AUDIO STEREO DIGITALTOANALOG CONVERTER
FEATURES
D Supports Both DSD and PCM Formats
D 24-Bit Resolution
D Analog Performance:
− Dynamic Range:
− 132 dB (9 V rms, Mono)
− 129 dB (4.5 V rms, Stereo)
− 127 dB (2 V rms, Stereo)
− THD+N: 0.0004%
D Differential Current Output: 7.8 mA p-p
D 8× Oversampling Digital Filter:
− Stop-Band Attenuation: –130 dB
− Pass-Band Ripple:
±0.00001 dB
D Sampling Frequency: 10 kHz to 200 kHz
D System Clock: 128, 192, 256, 384, 512, or
768 fS With Autodetect
D Accepts 16-, 20-, and 24-Bit Audio Data
D PCM Data Formats: Standard, I2S, and
Left-Justified
D Optional Interface to External Digital Filter or
DSP Available
D TDMCA Interface Available
D User-Programmable Mode Controls:
− Digital Attenuation: 0 dB to –120 dB,
0.5 dB/Step
− Digital De-Emphasis
− Digital Filter Rolloff: Sharp or Slow
− Soft Mute
D Dual Supply Operation:
− 5 V Analog, 3.3 V Digital
D 5-V Tolerant Digital Inputs
D Small 28-Lead SSOP Package, Lead-Free
Product
APPLICATIONS
D A/V Receivers
D SACD Player
D DVD Players
D HDTV Receivers
D Car Audio Systems
D Digital Multi-Track Recorders
D Other Applications Requiring 24-Bit Audio
DESCRIPTION
The DSD1792 is a monolithic CMOS integrated circuit that
includes stereo digital-to-analog converters and support
circuitry in a small 28-lead SSOP package. The data
converters use TI’s advanced-segment DAC architecture
to achieve excellent dynamic performance and improved
tolerance to clock jitter. The DSD1792 provides balanced
current outputs, allowing the user to optimize analog
performance externally. The DSD1792 accepts the PCM
and DSD audio data formats, providing easy interfacing to
audio DSP and decoder chips. The DSD1792 also
interfaces with external digital filter devices (DF1704,
DF1706, PMD200). Sampling rates up to 200 kHz are
supported. A full set of user−programmable functions is
accessible through a 4-wire serial control port, which
supports register write and readback functions. The
DSD1792 also supports the time-division-multiplexed
command and audio (TDMCA) data format.
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with appropriate
precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more susceptible to
damage because very small parametric changes could cause the device not to meet its published specifications.
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
BurrBrown Products
from Texas Instruments
Copyright
 2003, Texas Instruments Incorporated


Html Pages

1  2  3  4  5  6  7  8  9  10 


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn