Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDA3MVRBFABFQ1 Arkusz danych(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Numer części TDA3MVRBFABFQ1
Szczegółowy opis  SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
Download  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TDA3MVRBFABFQ1 Arkusz danych(HTML) 10 Page - Texas Instruments

Back Button TDA3MVRBFABFQ1 Datasheet HTML 6Page - Texas Instruments TDA3MVRBFABFQ1 Datasheet HTML 7Page - Texas Instruments TDA3MVRBFABFQ1 Datasheet HTML 8Page - Texas Instruments TDA3MVRBFABFQ1 Datasheet HTML 9Page - Texas Instruments TDA3MVRBFABFQ1 Datasheet HTML 10Page - Texas Instruments TDA3MVRBFABFQ1 Datasheet HTML 11Page - Texas Instruments TDA3MVRBFABFQ1 Datasheet HTML 12Page - Texas Instruments TDA3MVRBFABFQ1 Datasheet HTML 13Page - Texas Instruments TDA3MVRBFABFQ1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 256 page
background image
10
TDA3MV, TDA3MA
TDA3LX, TDA3LA
SPRS964C – JUNE 2016 – REVISED JULY 2017
www.ti.com
Submit Documentation Feedback
Product Folder Links: TDA3MV TDA3MA TDA3LX TDA3LA
Terminal Configuration and Functions
Copyright © 2016–2017, Texas Instruments Incorporated
MUXMODE values which correspond to defined functions should be used.
6. TYPE: Signal type and direction:
I = Input
O = Output
IO = Input or Output
D = Open drain
DS = Differential Signaling
A = Analog
PWR = Power
GND = Ground
CAP = LDO Capacitor
7. BALL RESET STATE: The state of the terminal at power-on reset:
drive 0 (OFF): The buffer drives VOL (pulldown or pullup resistor not activated).
drive 1 (OFF): The buffer drives VOH (pulldown or pullup resistor not activated).
OFF: High-impedance
PD: High-impedance with an active pulldown resistor
PU: High-impedance with an active pullup resistor
8. BALL RESET REL. STATE: The state of the terminal at the deactivation of the rstoutn signal (also
mapped to the PRCM SYS_WARM_OUT_RST signal).
drive 0 (OFF): The buffer drives VOL (pulldown or pullup resistor not activated).
drive clk (OFF): The buffer drives a toggling clock (pulldown or pullup resistor not activated).
drive 1 (OFF): The buffer drives VOH (pulldown or pullup resistor not activated).
OFF: High-impedance
PD: High-impedance with an active pulldown resistor
PU: High-impedance with an active pullup resistor
NOTE
For more information on the CORE_PWRON_RET_RST reset signal and its reset sources,
see the Power, Reset, and Clock Management / Reset Management Functional Description
section of the Device TRM.
9. BALL RESET REL. MUXMODE: This muxmode is automatically configured at the release of the
rstoutn signal (also mapped to the PRCM SYS_WARM_OUT_RST signal).
10. IO VOLTAGE VALUE: This column describes the IO voltage value (VDDS supply).
11. POWER: The voltage supply that powers the terminal IO buffers.
12. HYS: Indicates if the input buffer is with hysteresis:
Yes: With hysteresis
No: Without hysteresis
An empty box means "Yes".
NOTE
For more information, see the hysteresis values in Section 5.7, DC Electrical Characteristics.
13. BUFFER TYPE: Drive strength of the associated output buffer.
NOTE
For programmable buffer strength:
The default value is given in Table 4-2.
A note describes all possible values according to the selected muxmode.
14. PULL UP / DOWN TYPE: Denotes the presence of an internal pullup or pulldown resistor. Pullup and


Podobny numer części - TDA3MVRBFABFQ1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TDA3MVRBFABFQ1 TI1-TDA3MVRBFABFQ1 Datasheet
3Mb / 256P
[Old version datasheet]   TDA3x SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA3MVRBFABFQ1 TI1-TDA3MVRBFABFQ1 Datasheet
2Mb / 261P
[Old version datasheet]   SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA3MVRBFABFQ1 TI1-TDA3MVRBFABFQ1 Datasheet
3Mb / 271P
[Old version datasheet]   TDA3x SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA3MVRBFABFQ1 TI1-TDA3MVRBFABFQ1 Datasheet
3Mb / 271P
[Old version datasheet]   TDA3x SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA3MVRBFABFQ1 TI1-TDA3MVRBFABFQ1 Datasheet
3Mb / 270P
[Old version datasheet]   TDA3x SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
More results

Podobny opis - TDA3MVRBFABFQ1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TDA3 TI1-TDA3_18 Datasheet
2Mb / 261P
[Old version datasheet]   SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA3MV TI1-TDA3MV_V02 Datasheet
3Mb / 271P
[Old version datasheet]   TDA3x SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA3MV TI1-TDA3MV Datasheet
3Mb / 256P
[Old version datasheet]   TDA3x SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA3MV TI1-TDA3MV_V03 Datasheet
3Mb / 270P
[Old version datasheet]   TDA3x SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA3MV TI-TDA3MV_V04 Datasheet
3Mb / 271P
[Old version datasheet]   TDA3x SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA3MV TI1-TDA3MV_V01 Datasheet
3Mb / 271P
[Old version datasheet]   TDA3x SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA2EG TI1-TDA2EG Datasheet
4Mb / 393P
[Old version datasheet]   SoC for Advanced Driver Assistance Systems (ADAS) 23mm Package (ABC Package) Silicon Revision 2.0
TDA2EG-17 TI1-TDA2EG-17 Datasheet
4Mb / 391P
[Old version datasheet]   SoC for Advanced Driver Assistance Systems (ADAS) 17mm Package (CBD Package) Silicon Revision 2.0
TDA2E-17 TI1-TDA2E-17 Datasheet
4Mb / 401P
[Old version datasheet]   SoC for Advanced Driver Assistance Systems (ADAS) 17mm Package (CBD Package)
DM505_017 TI1-DM505_017 Datasheet
3Mb / 290P
[Old version datasheet]   SoC for Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com