Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LMZM33602 Arkusz danych(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Numer części LMZM33602
Szczegółowy opis  LMZM33603 4-V to 36-V Input, 3-A Step-Down DC-DC Power Module in QFN Package
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LMZM33602 Arkusz danych(HTML) 4 Page - Texas Instruments

  LMZM33602 Datasheet HTML 1Page - Texas Instruments LMZM33602 Datasheet HTML 2Page - Texas Instruments LMZM33602 Datasheet HTML 3Page - Texas Instruments LMZM33602 Datasheet HTML 4Page - Texas Instruments LMZM33602 Datasheet HTML 5Page - Texas Instruments LMZM33602 Datasheet HTML 6Page - Texas Instruments LMZM33602 Datasheet HTML 7Page - Texas Instruments LMZM33602 Datasheet HTML 8Page - Texas Instruments LMZM33602 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
4
LMZM33603
SNVSAO6 – SEPTEMBER 2017
www.ti.com
Product Folder Links: LMZM33603
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under note (2).
Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The ambient temperature is the air temperature of the surrounding environment. The junction temperature is the temperature of the
internal power IC when the device is powered. Operating below the maximum ambient temperature, as shown in the safe operating area
(SOA) curves in the typical characteristics sections, ensures that the maximum junction temperature of any component inside the
module is never exceeded.
6 Specifications
6.1 Absolute Maximum Ratings
Over operating ambient temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Input voltage
VIN
–0.3
42
V
EN/SYNC
–5.5
VIN + 0.3
V
PGOOD
–0.3
15
V
FB, RT
–0.3
4.5
V
Output voltage
SW
–1
VIN + 0.3
V
SW (< 10-ns transients)
–5
42
V
VOUT
–0.3
VIN
V
Sink current
PGOOD
3
mA
Mechanical shock
Mil-STD-883D, Method 2002.3, 1 msec, 1/2 sine, mounted
500
G
Mechanical vibration
Mil-STD-883D, Method 2007.2, 20 to 2000 Hz
20
G
Operating IC junction temperature, TJ
(2)
–40
125
°C
Operating ambient temperature, TA
–40
105
°C
Storage temperature, Tstg
–40
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2500
V
Charged-device model (CDM), per JEDEC specification JESD22-
C101(2)
±750
(1)
For output voltages
≤ 5 V, the recommended minimum VIN is 4 V or (VOUT + 1.5 V), whichever is greater. For output voltages > 5 V, the
recommended minimum VIN is (1.3 × VOUT). See Voltage Dropout for information on voltage dropout.
6.3 Recommended Operating Conditions
Over operating ambient temperature range (unless otherwise noted)
MIN
MAX
UNIT
Input voltage, VIN
4(1)
36
V
Output voltage, VOUT
1
18
V
EN voltage, VEN
–5
36
V
PGOOD pullup voltage, VPGOOD
12
V
PGOOD sink current, IPGOOD
1
mA
Output current, IOUT
0
3
A
Operating ambient temperature, TA
–40
105
°C


Podobny numer części - LMZM33602

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LMZM33602 TI1-LMZM33602 Datasheet
747Kb / 30P
[Old version datasheet]   4-V to 36-V Input, 2-A Step-Down DC-DC Power Module in QFN Package
LMZM33602RLRR TI1-LMZM33602RLRR Datasheet
747Kb / 30P
[Old version datasheet]   4-V to 36-V Input, 2-A Step-Down DC-DC Power Module in QFN Package
More results

Podobny opis - LMZM33602

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LMZM33603 TI1-LMZM33603_18 Datasheet
1,017Kb / 36P
[Old version datasheet]   4-V to 36-V Input, 3-A Step-Down DC/DC Power Module in QFN Package
LMZM33602 TI1-LMZM33602 Datasheet
747Kb / 30P
[Old version datasheet]   4-V to 36-V Input, 2-A Step-Down DC-DC Power Module in QFN Package
TPSM53603 TI1-TPSM53603 Datasheet
1Mb / 33P
[Old version datasheet]   TPSM53603 36-V Input, 3-A Power Module in RLF QFN Package
LMZM23600 TI1-LMZM23600 Datasheet
1,006Kb / 36P
[Old version datasheet]   36-V, 0.5-A Step-Down DC-DC Power Module in 3.8-mm x 3-mm Package
TPSM53604 TI1-TPSM53604 Datasheet
1Mb / 33P
[Old version datasheet]   TPSM53604 36-V Input, 4-A Power Module in RLF QFN Package
LMZM23601 TI1-LMZM23601_18 Datasheet
1Mb / 44P
[Old version datasheet]   36-V, 1-A Step-Down DC/DC Power Module in 3.8-mm x 3-mm Package
TPSM53604 TI1-TPSM53604_V01 Datasheet
1Mb / 33P
[Old version datasheet]   TPSM53604 36-V Input, 4-A Power Module in RLF QFN Package
LMZM23601 TI1-LMZM23601 Datasheet
837Kb / 32P
[Old version datasheet]   36-V, 1-A Step-Down DC-DC Nano Module
TLVM13640 TI-TLVM13640 Datasheet
2Mb / 40P
[Old version datasheet]   TLVM13640 High-Density, 3-V to 36-V Input, 1-V to 6-V Output, 4-A Synchronous Buck DC/DC Power Module With Enhanced HotRod??QFN Package
APRIL 2022
TPSM53602 TI1-TPSM53602 Datasheet
1Mb / 33P
[Old version datasheet]   TPSM53602 36-V Input, 2-A Power Module in RLF QFN Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com