Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74AUP1G79DBVRG4 Arkusz danych(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Numer części SN74AUP1G79DBVRG4
Szczegółowy opis  SN74AUP1G79 Low-Power Single Positive-Edge-Triggered D-Type Flip-Flop
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AUP1G79DBVRG4 Arkusz danych(HTML) 11 Page - Texas Instruments

Back Button SN74AUP1G79DBVRG4 Datasheet HTML 7Page - Texas Instruments SN74AUP1G79DBVRG4 Datasheet HTML 8Page - Texas Instruments SN74AUP1G79DBVRG4 Datasheet HTML 9Page - Texas Instruments SN74AUP1G79DBVRG4 Datasheet HTML 10Page - Texas Instruments SN74AUP1G79DBVRG4 Datasheet HTML 11Page - Texas Instruments SN74AUP1G79DBVRG4 Datasheet HTML 12Page - Texas Instruments SN74AUP1G79DBVRG4 Datasheet HTML 13Page - Texas Instruments SN74AUP1G79DBVRG4 Datasheet HTML 14Page - Texas Instruments SN74AUP1G79DBVRG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 45 page
background image
11
SN74AUP1G79
www.ti.com
SCES592I – JULY 2004 – REVISED SEPTEMBER 2017
Product Folder Links: SN74AUP1G79
Submit Documentation Feedback
Copyright © 2004–2017, Texas Instruments Incorporated
6.11 Switching Characteristics: CL = 30 pF
over recommended operating free-air temperature range, CL = 30 pF (unless otherwise noted) (see Figure 3 and Figure 4)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fmax
VCC = 0.8 V
TA = 25°C
24
MHz
TA = –40°C to +85°C
20
VCC = 1.2 V ± 0.1 V
TA = 25°C
72
TA = –40°C to +85°C
80
VCC = 1.5 V ± 0.1 V
TA = 25°C
100
TA = –40°C to +85°C
100
VCC = 1.8 V ± 0.15 V
TA = 25°C
127
TA = –40°C to +85°C
140
VCC = 2.5 V ± 0.2 V
TA = 25°C
185
TA = –40°C to +85°C
210
VCC = 3.3 V ± 0.3 V
TA = 25°C
266
TA = –40°C to +85°C
260
tpd
CLK
Q
VCC = 0.8 V
TA = 25°C
27.2
ns
VCC = 1.2 V ± 0.1 V
TA = 25°C
7
11.5
17.3
TA = –40°C to +85°C
5.9
24
VCC = 1.5 V ± 0.1 V
TA = 25°C
5.7
8.3
11.8
TA = –40°C to +85°C
4.6
15.9
VCC = 1.8 V ± 0.15 V
TA = 25°C
4.7
6.7
9.6
TA = –40°C to +85°C
3.8
13
VCC = 2.5 V ± 0.2 V
TA = 25°C
3.7
4.9
7
TA = –40°C to +85°C
2.9
9
VCC = 3.3 V ± 0.3 V
TA = 25°C
3.2
4.1
5.8
TA = –40°C to +85°C
2.6
7.2
6.12 Operating Characteristics
TA = 25°C
PARAMETER
TEST CONDITIONS
VCC
TYP
UNIT
Cpd
Power dissipation capacitance
f = 10 MHz
0.8 V
2.5
pF
1.2 V ± 0.1 V
2.5
1.5 V ± 0.1 V
2.5
1.8 V ± 0.15 V
2.5
2.5 V ± 0.2 V
3
3.3 V ± 0.3 V
3


Podobny numer części - SN74AUP1G79DBVRG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74AUP1G79DBVRG4 TI-SN74AUP1G79DBVRG4 Datasheet
985Kb / 24P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUP1G79DBVRG4 TI-SN74AUP1G79DBVRG4 Datasheet
986Kb / 24P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUP1G79DBVRG4 TI1-SN74AUP1G79DBVRG4 Datasheet
1Mb / 34P
[Old version datasheet]   Low-Power Single Positive-Edge-Triggered D-Type Flip-Flop
More results

Podobny opis - SN74AUP1G79DBVRG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74AUP1G80 TI-SN74AUP1G80_08 Datasheet
501Kb / 17P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUP1G80 TI-SN74AUP1G80 Datasheet
375Kb / 14P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUP1G80 TI1-SN74AUP1G80_16 Datasheet
1Mb / 25P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUP1G80 TI1-SN74AUP1G80_17 Datasheet
1Mb / 38P
[Old version datasheet]   Low-Power Single Positive-Edge-Triggered D-Type Flip-Flop
SN74AUP1G80 TI-SN74AUP1G80_10 Datasheet
924Kb / 26P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUP1G79 TI-SN74AUP1G79_10 Datasheet
985Kb / 24P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUP1G74 TI1-SN74AUP1G74_15 Datasheet
1Mb / 31P
[Old version datasheet]   Low-Power Single Positive-Edge-Triggered D-Type Flip-Flop
SN74AUP1G79 TI1-SN74AUP1G79_15 Datasheet
1Mb / 34P
[Old version datasheet]   Low-Power Single Positive-Edge-Triggered D-Type Flip-Flop
SN74AUP1G80_017 TI1-SN74AUP1G80_017 Datasheet
1Mb / 41P
[Old version datasheet]   Low-Power Single Positive-Edge-Triggered D-Type Flip-Flop
SN74AUP1G79_101 TI-SN74AUP1G79_101 Datasheet
986Kb / 24P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com