Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

UF4001 Arkusz danych(PDF) 2 Page - Zibo Seno Electronic Engineering Co.,Ltd

Numer części UF4001
Szczegółowy opis  1.0A HIGH EFFICIENCY RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Strona internetowa  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

UF4001 Arkusz danych(HTML) 2 Page - Zibo Seno Electronic Engineering Co.,Ltd

  UF4001 Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd UF4001 Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
UF4001 - UF4007
2 of 2

0.01
0.1
1.0
10
100
0.6
1.0
1.4
1.8
T = 25 C
j
°
Pulse width = 300 s
2% duty cycle
µ
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics
F
UF4001 - UF4003
UF4006 - UF4007
UF4005
50V DC
Approx
50 NI (Non-inductive)
10 NI
1.0
NI
Oscilloscope
(Note 1)
Pulse
Generator
(Note 2)
Device
Under
Test
trr
Set time base for 5/10ns/cm
+0.5A
0A
-0.25A
-1.0A
Notes:
1. Rise Time = 7.0ns max. Input Impedance = 1.0M , 22pF.
2. Rise Time = 10ns max. Input Impedance = 50 .
Fig. 5 Reverse Recovery Time Characteristic and Test Circuit
(+)
(+)
(-)
(-)
1
10
100
1
10
100
V , REVERSE VOLTAGE (V)
Fig. 4 Typical Junction Capacitance
R
UF5406 - UF5408
UF5400 - UF5404
UF4001 - UF4007
Z ibo Seno Electronic Engineering Co., Ltd.
www.senocn.com
10
20
30
0
1
10
100
NUMBER OF CYCLES AT 60Hz
Fig. 3 Peak Forward Surge Current
Pulse width
8.3 ms single half-sine-wave
(JEDEC method)
0
0.25
0.50
0.75
1.00
025
50
75
100 125
150
175
T , AMBIENT TEMPERATURE ( C)
Fig. 1 Forward Current Derating Curve
A
°
Single phase half wave
Resistive or Inductive load
Alldatasheet


Podobny numer części - UF4001

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Won-Top Electronics
UF4001 WTE-UF4001 Datasheet
49Kb / 3P
   1.0A ULTRAFAST RECOVERY RECTIFIER
logo
Sangdest Microelectroni...
UF4001 SMC-UF4001 Datasheet
113Kb / 5P
   Switching Power Supply
logo
EIC discrete Semiconduc...
UF4001 EIC-UF4001 Datasheet
52Kb / 2P
   UTRAFAST EFFICIENT RECTIFIER DIODES
logo
List of Unclassifed Man...
UF4001 ETC1-UF4001 Datasheet
206Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
logo
Suntan Capacitors
UF4001 SUNTAN-UF4001 Datasheet
296Kb / 2P
   FAST RECOVERY RECTIFIER
More results

Podobny opis - UF4001

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Diodes Incorporated
HER101 DIODES-HER101 Datasheet
59Kb / 2P
   1.0A HIGH EFFICIENCY RECTIFIER
DS25001 Rev. D-3
logo
Won-Top Electronics
HER101 WTE-HER101 Datasheet
47Kb / 3P
   1.0A HIGH EFFICIENCY RECTIFIER
logo
Zibo Seno Electronic En...
MUR105 ZSELEC-MUR105 Datasheet
227Kb / 2P
   1.0A HIGH EFFICIENCY RECTIFIER
HER101 ZSELEC-HER101 Datasheet
113Kb / 2P
   1.0A HIGH EFFICIENCY RECTIFIER
logo
Won-Top Electronics
1H1 WTE-1H1 Datasheet
46Kb / 3P
   1.0A MINIATURE HIGH EFFICIENCY RECTIFIER
logo
Zibo Seno Electronic En...
1H1 ZSELEC-1H1 Datasheet
133Kb / 2P
   1.0A MINIATURE HIGH EFFICIENCY RECTIFIER
logo
SUNMATE electronic Co.,...
EGP10A SUNMATE-EGP10A Datasheet
146Kb / 2P
   1.0A Axial Leaded High Efficiency Rectifier
MUR170 SUNMATE-MUR170 Datasheet
140Kb / 2P
   1.0A Axial Leaded High Efficiency Rectifier
logo
Mospec Semiconductor
HER101 MOSPEC-HER101 Datasheet
132Kb / 2P
   HIGH EFFICIENCY RECTIFIERS(1.0A,50-400V)
HER106 MOSPEC-HER106 Datasheet
129Kb / 2P
   HIGH EFFICIENCY RECTIFIERS(1.0A,600-1000V)
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com