Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7656A Arkusz danych(PDF) 9 Page - Analog Devices

Numer części AD7656A
Szczegółowy opis  250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar 16-Bit ADC
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7656A Arkusz danych(HTML) 9 Page - Analog Devices

Back Button AD7656A Datasheet HTML 5Page - Analog Devices AD7656A Datasheet HTML 6Page - Analog Devices AD7656A Datasheet HTML 7Page - Analog Devices AD7656A Datasheet HTML 8Page - Analog Devices AD7656A Datasheet HTML 9Page - Analog Devices AD7656A Datasheet HTML 10Page - Analog Devices AD7656A Datasheet HTML 11Page - Analog Devices AD7656A Datasheet HTML 12Page - Analog Devices AD7656A Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
AD7656A
Data Sheet
Pin No.
Mnemonic
Description
10
DB7/HBEN/DCEN
Data Bit 7/High Byte Enable/Daisy-Chain Enable. When operating in parallel word mode (SER/PAR/SEL
= 0 and W/B = 0), Pin 10 takes on its Data Bit 7 function. When operating in parallel byte mode
(SER/PAR/SEL = 0 and W/B = 1), Pin 10 takes on its HBEN function. When in this mode and the HBEN
pin is logic high, the data is output MSB byte first on DB15 to DB8. When the HBEN pin is logic low,
the data is output LSB byte first on DB15 to DB8. When operating in serial mode (SER/PAR/SEL = 1),
Pin 10 takes on its DCEN function. When the DCEN pin is logic high, the AD7656A operates in daisy-
chain mode with DB5 to DB3 taking on their DCIN A to DCIN C function. When operating in serial
mode but not in daisy-chain mode, tie DCEN to DGND.
11
DB6/SCLK
Data Bit 6/Serial Clock. When SER/PAR/SEL = 0, this pin acts as a three-state parallel digital output pin.
When SER/PAR/SEL = 1, this pin takes on its SCLK input function; it is the read serial clock for the serial
transfer.
12
DB5/DCIN A
Data Bit 5/Daisy-Chain Input A. When SER/PAR/SEL is low, this pin acts as a three-state parallel
digital output pin. When SER/PAR SEL = 1 and DCEN = 1, this pin acts as Daisy-Chain Input A. When
operating in serial mode but not in daisy-chain mode, tie this pin to DGND.
13
DB4/DCIN B
Data Bit 4/Daisy-Chain Input B. When SER/PAR/SEL = 0, this pin acts as a three-state parallel digital
output pin. When SER/PAR/SEL = 1 and DCEN = 1, this pin acts as Daisy-Chain Input B. When
operating in serial mode but not in daisy-chain mode, tie this pin to DGND.
14
DB3/DCIN C
Data Bit 3/Daisy-Chain Input C. When SER/PAR/SEL = 0, this pin acts as a three-state parallel digital
output pin. When SER/PAR/SEL = 1 and DCEN = 1, this pin acts as Daisy-Chain Input C. When
operating in serial mode but not in daisy-chain mode, tie this pin to DGND.
15
DB2/SEL C
Data Bit 2/Select DOUT C. When SER/PAR/SEL = 0, this pin acts as a three-state parallel digital output
pin. When SER/PAR/SEL = 1, this pin takes on its SEL C function; it is used to configure the serial
interface. If this pin is 1, the serial interface operates with three DOUT output pins and enables
DOUT C as a serial output. If this pin is 0, the DOUT C is not enabled to operate as a serial data
output pin. Leave unused serial DOUT pins unconnected.
16
DB1/SEL B
Data Bit 1/Select DOUT B. When SER/PAR/SEL = 0, this pin acts as a three-state parallel digital output
pin. When SER/PAR/SEL = 1, this pin takes on its SEL B function; it is used to configure the serial
interface. If this pin is 1, the serial interface operates with two or three DOUT x output pins and
enables DOUT B as a serial output. If this pin is 0, the DOUT B is not enabled to operate as a serial
data output pin and only one DOUT output pin, DOUT A, is used. Leave unused serial DOUT pins
unconnected.
17
DB0/SEL A
Data Bit 0/Select DOUT A. When SER/PAR/SEL = 0, this pin acts as a three-state parallel digital output
pin. When SER/PAR/SEL = 1, Pin 17 takes on its SEL A function; it is used to configure the serial
interface. If this pin is 1, the serial interface operates with one, two, or three DOUT x output pins and
enables DOUT A as a serial output. When operating in serial mode, this pin must always be 1.
18
BUSY
Busy Output. This pin transitions high when a conversion is started and remains high until the
conversion is complete and the conversion data is latched into the output data registers. Do not
initiate a new conversion on the AD7656A when the BUSY signal is high.
19
CS
Chip Select. This active low logic input frames the data transfer. When both CS and RD are logic low
in parallel mode, the output bus is enabled and the conversion result is output on the parallel data
bus lines. When both CS and WR are logic low in parallel mode, DB15 to DB8 are used to write data
to the on-chip control register. In serial mode, the CS is used to frame the serial read transfer and
clock out the MSB of the serial output data.
20
RD
Read Data. When both CS and RD are logic low in parallel mode, the output bus is enabled. In serial
mode, hold the RD line low.
21, 22, 23
CONVST C,
CONVST B,
CONVST A
Conversion Start Input C, Conversion Start Input B, and Conversion Start Input A. These logic inputs
are used to initiate conversions on the ADC pairs. CONVST A is used to initiate simultaneous conversions
on V1 and V2, CONVST B is used to initiate simultaneous conversions on V3 and V4, and CONVST C is
used to initiate simultaneous conversions on V5 and V6. When CONVST x switches from low to high,
the track-and-hold switch on the selected ADC pair switches from track to hold, and the conversion
is initiated. These inputs can also be used to place the ADC pairs into partial power-down mode.
24
STBY
Standby Mode Input. This pin is used to put all six on-chip ADCs into standby mode. The STBY pin is
high for normal operation and low for standby operation.
26
DVCC
Digital Power, 4.75 V to 5.25 V. Ideally, the DVCC and AVCC voltages are at the same potential and must
not be more than 0.3 V apart, even on a transient basis. Decouple this supply to DGND, and place
10 µF and 100 nF decoupling capacitors on the DVCC pin.
Rev. 0 | Page 8 of 28


Podobny numer części - AD7656A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7656A AD-AD7656A Datasheet
498Kb / 28P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar 16-Bit ADC
AD7656A-1 AD-AD7656A-1 Datasheet
624Kb / 28P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar, 16-Bit ADC
AD7656A-1 AD-AD7656A-1 Datasheet
664Kb / 29P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar, 16-Bit ADC
logo
List of Unclassifed Man...
AD7656A-1BSTZ ETC2-AD7656A-1BSTZ Datasheet
624Kb / 28P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar, 16-Bit ADC
logo
Analog Devices
AD7656A-1BSTZ AD-AD7656A-1BSTZ Datasheet
624Kb / 28P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar, 16-Bit ADC
More results

Podobny opis - AD7656A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7656A AD-AD7656A Datasheet
498Kb / 28P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar 16-Bit ADC
logo
List of Unclassifed Man...
AD7656A-1BSTZ ETC2-AD7656A-1BSTZ Datasheet
624Kb / 28P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar, 16-Bit ADC
logo
Analog Devices
AD7656A-1 AD-AD7656A-1 Datasheet
624Kb / 28P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar, 16-Bit ADC
AD7656A-1 AD-AD7656A-1_17 Datasheet
664Kb / 29P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar, 16-Bit ADC
logo
List of Unclassifed Man...
AD7656ABSTZ ETC2-AD7656ABSTZ Datasheet
498Kb / 28P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar 16-Bit ADC
logo
Analog Devices
AD7656YSTZ AD-AD7656YSTZ Datasheet
588Kb / 32P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar 16-/14-/12-Bit ADC
Rev. D
AD7656 AD-AD7656 Datasheet
588Kb / 32P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar 16-/14-/12-Bit ADC
Rev. D
AD7658 AD-AD7658 Datasheet
313Kb / 25P
   250 kSPS, 6-Channel,Simultaneous Sampling, Bipolar 12/14/16-Bit ADC
Rev. PrI
AD7656-1 AD-AD7656-1 Datasheet
866Kb / 32P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar, 16-/14-/12-Bit ADC
REV. 0
AD7862ANZ-10 AD-AD7862ANZ-10 Datasheet
331Kb / 16P
   Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com