Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7656A-1BSTZ-RL Arkusz danych(PDF) 8 Page - Analog Devices

Numer części AD7656A-1BSTZ-RL
Szczegółowy opis  250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar, 16-Bit ADC
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7656A-1BSTZ-RL Arkusz danych(HTML) 8 Page - Analog Devices

Back Button AD7656A-1BSTZ-RL Datasheet HTML 4Page - Analog Devices AD7656A-1BSTZ-RL Datasheet HTML 5Page - Analog Devices AD7656A-1BSTZ-RL Datasheet HTML 6Page - Analog Devices AD7656A-1BSTZ-RL Datasheet HTML 7Page - Analog Devices AD7656A-1BSTZ-RL Datasheet HTML 8Page - Analog Devices AD7656A-1BSTZ-RL Datasheet HTML 9Page - Analog Devices AD7656A-1BSTZ-RL Datasheet HTML 10Page - Analog Devices AD7656A-1BSTZ-RL Datasheet HTML 11Page - Analog Devices AD7656A-1BSTZ-RL Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
Data Sheet
AD7656A-1
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
64 63 62
61
60 59 58
57 56 55 54 53 52 51 50 49
47
AVCC
46
AVCC
45
V5
42
V4
43
AGND
44
AGND
48
V6
41
AVCC
40
AVCC
39
V3
37
AGND
36
V2
35
AVCC
34
AVCC
33
V1
38
AGND
2
DB13
3
DB12
4
DB11
7
DB8/DOUT A
6
DB9/DOUT B
5
DB10/DOUT C
1
DB14/REFBUFEN/DIS
8
DGND
9
VDRIVE
10
DB7/HBEN/DCEN
12
DB5/DCIN A
13
DB4/DCIN B
14
DB3/DCIN C
15
DB2/SEL C
16
DB1/SEL B
11
DB6/SCLK
17 18
19
20
21 22 23
24 25 26
27 28 29 30 31 32
PIN 1
AD7656A-1
TOP VIEW
(Not to Scale)
Figure 3. Pin Configuration
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Description1
1
DB14/REFBUFEN/DIS
Data Bit 14/Reference Buffer Enable and Disable. When SER/PAR/SEL = 0, this pin acts as a three-
state digital input/output pin.
2, 3, 64
DB13, DB12, DB15
Data Bit 12, Data Bit 13, and Data Bit 15. When SER/PAR/SEL = 0, these pins act as three-state parallel
digital input/output pins. When CS and RD are low, these pins are used to output the conversion
result. When CS and WR are low, these pins are used to write to the control register. When SER/PAR/SEL =
1, tie these pins to DGND.
4
DB11
Data Bit 11. When SER/PAR/SEL = 0, this pin acts as a three-state parallel digital output pin. When
SER/PAR/SEL = 1, tie this pin to DGND.
5
DB10/DOUT C
Data Bit 10/Serial Data Output C. When SER/PAR/SEL = 0, this pin acts as a three-state parallel digital
output pin. When SER/PAR/SEL = 1 and SEL C = 1, this pin functions as DOUT C and outputs serial
conversion data. This pin configures the serial interface to have three DOUT x output lines.
6
DB9/DOUT B
Data Bit 9/Serial Data Output B. When SER/PAR/SEL = 0, this pin acts as a three-state parallel digital
output pin. When SER/PAR/SEL = 1 and SEL B = 1, this pin functions as DOUT B and outputs serial
conversion data. This pin configures the serial interface to have two DOUT x output lines.
7
DB8/DOUT A
Data Bit 8/Serial Data Output A. When SER/PAR/SEL = 0, this pin acts as a three-state parallel digital
output pin. When SER/PAR/SEL = 1 and SEL A = 1, this pin functions as DOUT A and outputs serial
conversion data.
8, 25
DGND
Digital Ground. This is the ground reference point for all digital circuitry on the AD7656A-1. Connect
both DGND pins to the DGND plane of a system. The DGND and AGND voltages should ideally be at the
same potential and must not be more than 0.3 V apart, even on a transient basis.
9
VDRIVE
Logic Power Supply Input. The voltage supplied at this pin determines the operating voltage of the
interface. This pin is nominally at the same supply as the supply of the host interface.
Rev. 0 | Page 7 of 28


Podobny numer części - AD7656A-1BSTZ-RL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
AD7656A-1BSTZ-RL ETC2-AD7656A-1BSTZ-RL Datasheet
624Kb / 28P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar, 16-Bit ADC
logo
Analog Devices
AD7656A-1BSTZ-RL AD-AD7656A-1BSTZ-RL Datasheet
624Kb / 28P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar, 16-Bit ADC
More results

Podobny opis - AD7656A-1BSTZ-RL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7656A AD-AD7656A_17 Datasheet
521Kb / 29P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar 16-Bit ADC
AD7656A AD-AD7656A Datasheet
498Kb / 28P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar 16-Bit ADC
logo
List of Unclassifed Man...
AD7656A-1BSTZ ETC2-AD7656A-1BSTZ Datasheet
624Kb / 28P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar, 16-Bit ADC
logo
Analog Devices
AD7656A-1 AD-AD7656A-1 Datasheet
624Kb / 28P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar, 16-Bit ADC
logo
List of Unclassifed Man...
AD7656ABSTZ ETC2-AD7656ABSTZ Datasheet
498Kb / 28P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar 16-Bit ADC
logo
Analog Devices
AD7656YSTZ AD-AD7656YSTZ Datasheet
588Kb / 32P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar 16-/14-/12-Bit ADC
Rev. D
AD7656 AD-AD7656 Datasheet
588Kb / 32P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar 16-/14-/12-Bit ADC
Rev. D
AD7658 AD-AD7658 Datasheet
313Kb / 25P
   250 kSPS, 6-Channel,Simultaneous Sampling, Bipolar 12/14/16-Bit ADC
Rev. PrI
AD7656-1 AD-AD7656-1 Datasheet
866Kb / 32P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar, 16-/14-/12-Bit ADC
REV. 0
AD7862ANZ-10 AD-AD7862ANZ-10 Datasheet
331Kb / 16P
   Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com