Zakładka z wyszukiwarką danych komponentów |
|
AD9625-2.5EBZ Arkusz danych(PDF) 11 Page - Analog Devices |
|
AD9625-2.5EBZ Arkusz danych(HTML) 11 Page - Analog Devices |
11 / 74 page Data Sheet AD9625 Rev. C | Page 9 of 72 ABSOLUTE MAXIMUM RATINGS Table 6. Parameter Rating Electrical AVDD1 to AGND −0.3 V to +1.32 V AVDD2 to AGND −0.3 V to +2.75 V DRVDD1 to DRGND −0.3 V to +1.32 V DRVDD2 to DRGND −0.3 V to +2.75 V DVDD1 to DGND −0.3 V to +1.32 V DVDD2 to DGND −0.3 V to +2.75 V DVDDIO to DGND −0.3 V to +3.63 V SPI_VDDIO to DGND −0.3 V to +3.63 V AGND to DRGND −0.3 V to +0.3 V VIN± to AGND −0.3 V to AVDD1 + 0.2 V VCM to AGND −0.3 V to AVDD1 + 0.2 V VMON to AGND −0.3 V to AVDD1 + 0.2 V CLK± to AGND −0.3 V to AVDD1 + 0.2 V SYSREF± to AGND −0.3 V to AVDD1 + 0.2 V SYNCINB± to DRGND −0.3 V to DRVDD2 + 0.2 V SCLK to DRGND −0.3 V to SPI_VDDIO + 0.2 V SDIO to DRGND −0.3 V to SPI_VDDIO + 0.2 V IRQ to DRGND −0.3 V to DVDDIO + 0.2 V RSTB to DRGND −0.3 V to DVDDIO + 0.2 V CSB to DRGND −0.3 V to SPI_VDDIO + 0.2 V FD to DRGND −0.3 V to DVDDIO + 0.2 V DIVCLK± to DRGND −0.3 V to DRVDD2 + 0.2 V SERDOUT[x]± to DRGND −0.3 V to DRVDD1 + 0.2 V Environmental Storage Temperature Range −60°C to +150°C Operating Case Temperature Range −40°C to +85°C (measured at case) Maximum Junction Temperature 110°C Stresses at or above those listed under Absolute Maximum Ratings may cause permanent damage to the product. This is a stress rating only; functional operation of the product at these or any other conditions above those indicated in the operational section of this specification is not implied. Operation beyond the maximum operating conditions for extended periods may affect product reliability. THERMAL CHARACTERISTICS The following characteristics are for a 4-layer and 10-layer printed circuit board (PCB). Table 7. Thermal Resistance PCB TA (°C) θJA (°C/W) ΨJT (°C/W) ΨJB (°C/W) θJC (°C/W) 4-Layer 85.0 18.7 0.61 6.1 1.4 10-Layer 85.0 11.5 0.61 4.1 N/A1 1 N/A means not applicable. ESD CAUTION |
Podobny numer części - AD9625-2.5EBZ |
|
Podobny opis - AD9625-2.5EBZ |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |