Zakładka z wyszukiwarką danych komponentów |
|
K0900E70 Arkusz danych(PDF) 11 Page - Teccor Electronics |
|
K0900E70 Arkusz danych(HTML) 11 Page - Teccor Electronics |
11 / 224 page ©2002 Teccor Electronics P - 7 http://www.teccor.com Thyristor Product Catalog +1 972-580-7777 Description of Part Numbers SCR Rectifier Diac Sidac S 20 08 F12 Device Type S = Non-sensitive SCR Voltage Rating 20 = 200 V 40 = 400 V 60 = 600 V 80 = 800 V K0 = 1000 V Current Rating 01 = 1 A 06 = 6 A 08 = 8 A 10 = 10 A 12 = 12 A 15 = 15 A 16 = 16 A 20 = 20 A 25 = 25 A 35 = 35 A 55 = 55 A 65 = 65 A 70 = 70 A Package Type D = TO-252 (Surface Mount) E = TO-92 (Isolated) F = TO-202 (Non-isolated) J = TO-218X (Isolated) K = TO-218 (Isolated) L = TO-220 (Isolated) M = TO-218 (Non-isolated) N = TO-263 (Surface Mount) R = TO-220 (Non-isolated) V = TO-251 (Non-isolated) W = TO-218X (Non-isolated) Lead Form Dimensions TO-202 TO-220 TO-92 TO-218X TO-218 X Special Options V = 4000 V Isolation (TO-220 Package Only) D 20 15 L55 Device Type D = Rectifier Voltage Rating 20 = 200 V 40 = 400 V 60 = 600 V 80 = 800 V K0 = 1000 V Current Rating 15 = 15 A 20 = 20 A 25 = 25 A Package Type L = TO-220 (Isolated) Lead Form Dimensions TO-220 V Special Options V = 4000 V Isolation HT 32 91 Device Type HT = Diac Trigger in DO-35 ST = Diac Trigger in DO-214 Lead Form Dimensions DO-35 Voltage Rating 32 = 27 V to 37 V 35 = 30 V to 40 V 40 = 35 V to 45 V 32A / 5761 = 28 V to 36 V 32B / 5761A = 30 V to 34 V 34B = 32 V to 36 V 36A / 5762 = 32 V to 40 V 36B = 34 V to 38 V K 105 0 E70 Device Type K = Sidac Voltage Rating 105 = 95 V to 113 V 110 = 104 V to 118 V 120 = 110 V to 125 V 130 = 120 V to 138 V 140 = 130 V to 146 V 150 = 140 V to 170 V 200 = 190 V to 215 V 220 = 205 V to 230 V 240 = 220 V to 250 V 250 = 240 V to 280 V 300 = 270 V to 330 V Current Rating 0 = 1 A Package Type E = TO-92 (Isolated) F = TO-202 (Non-islolated) G = DO-15X (Isolated) S = DO-214 (Surface Mount) Lead Form Dimensions TO-202 TO-92 |
Podobny numer części - K0900E70 |
|
Podobny opis - K0900E70 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |