Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SMBJ12A Arkusz danych(PDF) 2 Page - Fairchild Semiconductor

Numer części SMBJ12A
Szczegółowy opis  DEVICES FOR BIPOLAR APPLICATIONS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SMBJ12A Arkusz danych(HTML) 2 Page - Fairchild Semiconductor

  SMBJ12A Datasheet HTML 1Page - Fairchild Semiconductor SMBJ12A Datasheet HTML 2Page - Fairchild Semiconductor SMBJ12A Datasheet HTML 3Page - Fairchild Semiconductor SMBJ12A Datasheet HTML 4Page - Fairchild Semiconductor SMBJ12A Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SMBJ5.0(C)A-SMBJ170(C)A, Rev. c
Transient Voltage Supressors
(continued)
Electrical Characteristics
T
A
= 25°C unless otherwise noted
Uni-directional
Bi-directional (C)
Device
Part
Marking
Reverse
Stand-off Voltage
VRWM (V)
Breakdown Voltage
VBR (V)
min
max
Test
Current
IT(mA)
Max Clamping
Voltage @IPPM
VC(V)
Max Peak Pulse
Surge Current
IPPM (A)
Max Reverse
Leakage VRWM
IR(uA)*
SMBJ5.0(C)A
KE(AE)
5.0
6.40
7.0
10
9.2
65.2
800
SMBJ6.0(C)A
KG(AG)
6.0
6.67
7.37
10
10.3
58.3
800
SMBJ6.5(C)A
KK(AK)
6.5
7.22
7.98
10
11.2
53.6
500
SMBJ7.0(C)A
KM(AM)
7.0
7.78
8.60
10
12.0
50.0
200
SMBJ7.5(C)A
KP(AP)
7.5
8.33
9.21
1
12.9
46.5
100
SMBJ8.0(C)A
KR(AR)
8.0
8.89
9.83
1
13.6
44.1
50
SMBJ8.5(C)A
KT(AT)
8.5
9.44
10.4
1
14.4
41.7
20
SMBJ9.0(C)A
KV(AV)
9.0
10.0
11.1
1
15.4
39.0
10
SMBJ10(C)A
KX(AX)
10
11.1
12.8
1
17.0
35.3
5
SMBJ11(C)A
KZ(AZ)
11
12.2
13.5
1
18.2
33.0
5
SMBJ12(C)A
LE(BE)
12
13.3
14.7
1
19.9
30.2
5
SMBJ13(C)A
LG(BG)
13
14.4
15.9
1
21.5
27.9
5
SMBJ14(C)A
LK(BK)
14
15.6
17.2
1
23.2
25.9
5
SMBJ15(C)A
LM(BM)
15
16.7
18.5
1
24.4
24.6
5
SMBJ16(C)A
LP(LM)
16
17.8
19.7
1
26.0
23.1
5
SMBJ17(C)A
LR(BR)
17
18.9
20.9
1
27.6
21.7
5
SMBJ18(C)A
LT(BT)
18
20.0
22.1
1
29.2
20.5
5
SMBJ20(C)A
LV(BV)
20
22.2
24.5
1
32.4
18.5
5
SMBJ22(C)A
LX(BX)
22
24.4
26.9
1
35.5
16.9
5
SMBJ24(C)A
LZ(BZ)
24
26.7
29.5
1
38.9
15.4
5
SMBJ26(C)A
ME(CE)
26
28.9
31.9
1
42.1
14.3
5
SMBJ28(C)A
MG(CG)
28
31.1
34.4
1
45.4
13.2
5
SMBJ30(C)A
MK(CK)
30
33.3
36.8
1
48.4
12.4
5
SMBJ33(C)A
MM(CM)
33
36.7
40.6
1
53.3
11.3
5
SMBJ36(C)A
MP(CP)
36
40.0
44.2
1
58.1
10.3
5
SMBJ40(C)A
MR(CR)
40
44.4
49.1
1
64.5
9.3
5
SMBJ43(C)A
MT(CT)
43
47.8
52.8
1
69.4
8.6
5
SMBJ45(C)A
MV(CV)
45
50.0
55.3
1
72.7
8.3
5
SMBJ48(C)A
MX(CX)
48
53.3
58.9
1
77.4
7.8
5
SMBJ51(C)A
MZ(CZ)
51
56.7
62.7
1
82.4
7.3
5
SMBJ54(C)A
NE(DE)
54
60.0
66.3
1
87.1
6.9
5
SMBJ58(C)A
NG(DG)
58
64.4
71.2
1
93.6
6.4
5
SMBJ60(C)A
NK(DK)
60
66.7
73.7
1
96.8
6.2
5
SMBJ64(C)A
NM(DM)
64
71.1
78.6
1
103.0
5.8
5
SMBJ70(C)A
NP(DP)
70
77.8
86.0
1
113.0
5.3
5
SMBJ75(C)A
NR(DR)
75
83.3
92.1
1
121.0
5.0
5
SMBJ78(C)A
NT(DT)
78
86.7
95.8
1
126.0
4.8
5
SMBJ85(C)A
NV(DV)
85
94.4
104.0
1
137.0
4.4
5
SMBJ90(C)A
NX(DX)
90
100.0
111.0
1
146.0
4.1
5
SMBJ100(C)A
NZ(DZ)
100
111.0
123.0
1
162.0
3.7
5
SMBJ110(C)A
PE(EE)
110
122.0
135.0
1
177.0
3.4
5
SMBJ120(C)A
PG(EG)
120
133.0
147.0
1
193.0
3.1
5
SMBJ130(C)A
PK(EK)
130
144.0
159.0
1
209.0
2.9
5
SMBJ150(C)A
PM(EM)
150
167.0
185.0
1
243.0
2.5
5
SMBJ160(C)A
PP(EP)
160
178.0
197.0
1
259.0
2.3
5
SMBJ170(C)A
PR(ER)
170
189.0
209.0
1
275.0
2.2
5
* For bidirectional parts with V
RWM<10V, the IR max limit is doubled.


Podobny numer części - SMBJ12A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Micro Commercial Compon...
SMBJ12A MCC-SMBJ12A Datasheet
202Kb / 9P
   Transient Voltage Suppressor 5.0 to 440 Volts 600 Watt
logo
Vishay Siliconix
SMBJ12A VISHAY-SMBJ12A Datasheet
112Kb / 6P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 04-Sep-07
logo
Jinan Gude Electronic D...
SMBJ12A JGD-SMBJ12A Datasheet
301Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Socay Electornics Co., ...
SMBJ12A SOCAY-SMBJ12A Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
HuaXinAn Electronics CO...
SMBJ12A HUAXINAN-SMBJ12A Datasheet
450Kb / 6P
   Transient Voltage Suppressors
More results

Podobny opis - SMBJ12A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
SA50 FAIRCHILD-SA50 Datasheet
56Kb / 5P
   DEVICES FOR BIPOLAR APPLICATIONS
SMCJ50 FAIRCHILD-SMCJ50 Datasheet
127Kb / 5P
   DEVICES FOR BIPOLAR APPLICATIONS
logo
Seme LAB
BFY81DCSM SEME-LAB-BFY81DCSM Datasheet
19Kb / 1P
   Dual Bipolar NPN Devices.
2N3501DCSM SEME-LAB-2N3501DCSM Datasheet
27Kb / 2P
   DUAL BIPOLAR NPN DEVICES
logo
Unisonic Technologies
MJE13007-P UTC-MJE13007-P_15 Datasheet
265Kb / 4P
   NPN BIPOLAR POWER TRANSISTOR FOR SWITCHING APPLICATIONS
MJE13009-Q UTC-MJE13009-Q Datasheet
257Kb / 4P
   NPN BIPOLAR POWER TRANSISTOR FOR SWITCHING APPLICATIONS
MJE13007-Q UTC-MJE13007-Q_15 Datasheet
266Kb / 4P
   NPN BIPOLAR POWER TRANSISTOR FOR SWITCHING APPLICATIONS
logo
STMicroelectronics
AN4160 STMICROELECTRONICS-AN4160 Datasheet
423Kb / 14P
   TVS devices for power line communication applications
logo
Seme LAB
2N918DCSM SEME-LAB-2N918DCSM Datasheet
15Kb / 1P
   Dual Bipolar NPN Devices in a hermetically sealed LCC2 Ceramic Surface Mount Package for High Reliability Applications
2N869AXDCSM SEME-LAB-2N869AXDCSM Datasheet
15Kb / 1P
   Dual Bipolar PNP Devices in a hermetically sealed LCC2 Ceramic Surface Mount Package for High Reliability Applications
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com