Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74AVCH16T245GR Arkusz danych(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Numer części SN74AVCH16T245GR
Szczegółowy opis  16 BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3 STATE OUTPUTS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

SN74AVCH16T245GR Arkusz danych(HTML) 10 Page - Texas Instruments

Back Button SN74AVCH16T245GR Datasheet HTML 6Page - Texas Instruments SN74AVCH16T245GR Datasheet HTML 7Page - Texas Instruments SN74AVCH16T245GR Datasheet HTML 8Page - Texas Instruments SN74AVCH16T245GR Datasheet HTML 9Page - Texas Instruments SN74AVCH16T245GR Datasheet HTML 10Page - Texas Instruments SN74AVCH16T245GR Datasheet HTML 11Page - Texas Instruments SN74AVCH16T245GR Datasheet HTML 12Page - Texas Instruments SN74AVCH16T245GR Datasheet HTML 13Page - Texas Instruments SN74AVCH16T245GR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
SN74AVCH16T245
16BIT DUALSUPPLY BUS TRANSCEIVER
WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3STATE OUTPUTS
SCES587A − AUGUST 2004 − REVISED OCTOBER 2004
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
CL − Load Capacitance − pF
0
1020
3040
5060
CL − Load Capacitance − pF
6
5
4
3
2
1
0
0
1020
3040
5060
6
5
4
3
2
1
0
6
5
4
3
2
1
0
TA = 25°C
VCCA = 1.2 V
TA = 25°C
VCCA = 1.2 V
Figure 1
Figure 2
×
VCCB= 1.2 V
+
VCCB = 1.5 V
r
VCCB = 1.8 V
H
VCCB = 2.5 V
Y
VCCB = 3.3 V
×
VCCB = 1.2 V
+
VCCB = 1.5 V
r
VCCB = 1.8 V
H
VCCB = 2.5 V
Y
VCCB = 3.3 V
CL − Load Capacitance − pF
0
1020
3040
5060
6
5
4
3
2
1
0
0
1020
3040
5060
6
5
4
3
2
1
0
TA = 25°C
VCCA = 1.5 V
TA = 25°C
VCCA = 1.5 V
Figure 3
Figure 4
CL − Load Capacitance − pF
×
VCCB = 1.2 V
+
VCCB = 1.5 V
r
VCCB = 1.8 V
H
VCCB = 2.5 V
Y
VCCB = 3.3 V
×
VCCB = 1.2 V
+
VCCB = 1.5 V
r
VCCB = 1.8 V
H
VCCB = 2.5 V
Y
VCCB = 3.3 V


Podobny numer części - SN74AVCH16T245GR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74AVCH16T245GR TI-SN74AVCH16T245GR Datasheet
581Kb / 21P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCH16T245GR TI-SN74AVCH16T245GR Datasheet
616Kb / 21P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCH16T245GR TI1-SN74AVCH16T245GR Datasheet
1Mb / 30P
[Old version datasheet]   16-Bit Dual-Supply Bus Transceiver
More results

Podobny opis - SN74AVCH16T245GR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74AVCA164245 TI-SN74AVCA164245 Datasheet
323Kb / 15P
[Old version datasheet]   16 BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3 STATE OUTPUTS
SN74AVCBH164245 TI-SN74AVCBH164245 Datasheet
294Kb / 13P
[Old version datasheet]   16 BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3 STATE OUTPUTS
SN74AVCAH164245 TI-SN74AVCAH164245_07 Datasheet
385Kb / 16P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC16T245 TI-SN74AVC16T245_08 Datasheet
519Kb / 22P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCA164245 TI-SN74AVCA164245_09 Datasheet
495Kb / 17P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCB164245-Q1 TI1-SN74AVCB164245-Q1 Datasheet
473Kb / 14P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC16T245-Q1 TI1-SN74AVC16T245-Q1 Datasheet
222Kb / 14P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCB164245 TI-SN74AVCB164245_10 Datasheet
638Kb / 20P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCAH164245 TI-SN74AVCAH164245_02 Datasheet
171Kb / 11P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCA164245 TI-SN74AVCA164245_07 Datasheet
378Kb / 15P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCB164245 TI-SN74AVCB164245 Datasheet
375Kb / 15P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com