Zakładka z wyszukiwarką danych komponentów |
|
SN74LVC1G79DBVTE4 Arkusz danych(PDF) 4 Page - Texas Instruments |
|
SN74LVC1G79DBVTE4 Arkusz danych(HTML) 4 Page - Texas Instruments |
4 / 14 page www.ti.com Electrical Characteristics TIMING REQUIREMENTS Switching Characteristics Switching Characteristics SN74LVC1G79 SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP SCES220R – APRIL 1999 – REVISED JANUARY 2007 over recommended operating free-air temperature range (unless otherwise noted) PARAMETER TEST CONDITIONS VCC MIN TYP(1) MAX UNIT IOH = –100 µA 1.65 V to 5.5 V VCC – 0.1 IOH = –4 mA 1.65 V 1.2 IOH = –8 mA 2.3 V 1.9 VOH V IOH = –16 mA 2.4 3 V IOH = –24 mA 2.3 IOH = –32 mA 4.5 V 3.8 IOL = 100 µA 1.65 V to 5.5 V 0.1 IOL = 4 mA 1.65 V 0.45 IOL = 8 mA 2.3 V 0.3 VOL V IOL = 16 mA 0.4 3 V IOL = 24 mA 0.55 IOL = 32 mA 4.5 V 0.55 II All inputs VI = 5.5 V or GND 0 to 5.5 V ±5 µA Ioff VI or VO = 5.5 V 0 ±10 µA ICC VI = 5.5 V or GND, IO = 0 1.65 V to 5.5 V 10 µA ∆I CC One input at VCC – 0.6 V, Other inputs at VCC or GND 3 V to 5.5 V 500 µA Ci VI = VCC or GND 3.3 V 3.5 pF (1) All typical values are at VCC = 3.3 V, TA = 25°C. over operating free-air temperature range (unless otherwise noted) (see Figure 1) VCC = 1.8 VCC = 2.5 VCC = 3.3 V VCC = 5 V ± 0.15 V ± 0.2 V ± 0.15 V ± 0.5 V PARAMETER UNIT MIN MAX MIN MAX MIN MAX MIN MAX fclock Clock frequency 160 160 160 160 MHz tw Pulse duration, CLK high or low 2.5 2.5 2.5 2.5 ns Data high 2.2 1.4 1.3 1.2 tsu Setup time before CLK ↑ ns Data low 2.6 1.4 1.3 1.2 th Hold time, data after CLK ↑ 0.3 0.4 1 0.5 ns over recommended operating free-air temperature range, C L = 15 pF (unless otherwise noted) (see Figure 1) VCC = 1.8 V VCC = 2.5 V VCC = 3.3 V VCC = 5 V FROM TO ± 0.15 V ± 0.2 V ± 0.3 V ± 0.5 V PARAMETER UNIT (INPUT) (OUTPUT) MIN MAX MIN MAX MIN MAX MIN MAX fmax 160 160 160 160 MHz tpd A, B, or C Y 2 18.2 1.2 6.2 1 4.5 0.8 3.1 ns over recommended operating free-air temperature range, C L = 30 pF or 50 pF (unless otherwise noted) (see Figure 2) VCC = 1.8 V VCC = 2.5 V VCC = 3.3 V VCC = 5 V FROM TO ± 0.15 V ± 0.2 V ± 0.3 V ± 0.5 V PARAMETER UNIT (INPUT) (OUTPUT) MIN MAX MIN MAX MIN MAX MIN MAX fmax 160 160 160 160 MHz tpd A, B, or C Y 2.2 20.5 1.4 7.1 1.3 5.4 1 3.6 ns 4 Submit Documentation Feedback |
Podobny numer części - SN74LVC1G79DBVTE4 |
|
Podobny opis - SN74LVC1G79DBVTE4 |