Zakładka z wyszukiwarką danych komponentów |
|
SN74LVC1G79DRLRG4 Arkusz danych(PDF) 2 Page - Texas Instruments |
|
SN74LVC1G79DRLRG4 Arkusz danych(HTML) 2 Page - Texas Instruments |
2 / 14 page www.ti.com C C TG C C TG C C C C C CLK D Q C TG TG 2 1 4 Absolute Maximum Ratings (1) SN74LVC1G79 SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP SCES220R – APRIL 1999 – REVISED JANUARY 2007 FUNCTION TABLE INPUTS OUTPUT Y CLK D ↑ H H ↑ L L L X Q0 LOGIC DIAGRAM (POSITIVE LOGIC) over operating free-air temperature range (unless otherwise noted) MIN MAX UNIT VCC Supply voltage range –0.5 6.5 V VI Input voltage range(2) –0.5 6.5 V VO Voltage range applied to any output in the high-impedance or power-off state(2) –0.5 6.5 V VO Voltage range applied to any output in the high or low state(2)(3) –0.5 VCC + 0.5 V IIK Input clamp current VI < 0 –50 mA IOK Output clamp current VO < 0 –50 mA IO Continuous output current ±50 mA Continuous current through VCC or GND ±100 mA DBV package 206 DCK package 252 θ JA Package thermal impedance(4) °C/W DRL package 142 YZP package 132 Tstg Storage temperature range –65 150 °C (1) Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. (2) The input negative-voltage and output voltage ratings may be exceeded if the input and output current ratings are observed. (3) The value of VCC is provided in the recommended operating conditions table. (4) The package thermal impedance is calculated in accordance with JESD 51-7. 2 Submit Documentation Feedback |
Podobny numer części - SN74LVC1G79DRLRG4 |
|
Podobny opis - SN74LVC1G79DRLRG4 |