Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ST7PLITE15F1B6 Arkusz danych(PDF) 8 Page - STMicroelectronics

Numer części ST7PLITE15F1B6
Szczegółowy opis  8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 4 TIMERS, SPI
Download  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7PLITE15F1B6 Arkusz danych(HTML) 8 Page - STMicroelectronics

Back Button ST7PLITE15F1B6 Datasheet HTML 4Page - STMicroelectronics ST7PLITE15F1B6 Datasheet HTML 5Page - STMicroelectronics ST7PLITE15F1B6 Datasheet HTML 6Page - STMicroelectronics ST7PLITE15F1B6 Datasheet HTML 7Page - STMicroelectronics ST7PLITE15F1B6 Datasheet HTML 8Page - STMicroelectronics ST7PLITE15F1B6 Datasheet HTML 9Page - STMicroelectronics ST7PLITE15F1B6 Datasheet HTML 10Page - STMicroelectronics ST7PLITE15F1B6 Datasheet HTML 11Page - STMicroelectronics ST7PLITE15F1B6 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 131 page
background image
ST7LITE1
8/131
12
PA6 /MCO/
ICCCLK/BREAK
I/O
CT
X
ei1
XX
Port A6
Main Clock Output or In Circuit
Communication Clock or Exter-
nal BREAK
Caution: During normal opera-
tion this pin must be pulled- up,
internally or externally (external
pull-up of 10k mandatory in
noisy environment). This is to
avoid entering ICC mode unex-
pectedly during a reset. In the
application, even if the pin is
configured as output, any reset
will put it back in input pull-up
13
PA5 /
ICCDATA
I/O CT HS
X
ei1
XX
Port A5
In Circuit Communication Data
14
PA4
I/O CT HS
X
XX
Port A4
15
PA3/ATPWM1
I/O CT HS
X
ei0
XX
Port A3
Auto-Reload Timer PWM1
16
PA2/ATPWM0
I/O CT HS
X
XX
Port A2
Auto-Reload Timer PWM0
17
PA1/ATIC
I/O CT HS
X
XX
Port A1
Auto-Reload Timer Input Cap-
ture
18
PA0/LTIC
I/O CT HS
X
XX
Port A0
Lite Timer Input Capture
19
OSC2
O
Resonator oscillator inverter output
20
OSC1/CLKIN
I
Resonator oscillator inverter input or External
clock input
Pin
No.
Pin Name
Level
Port / Control
Main
Function
(after reset)
Alternate Function
Input
Output
1


Podobny numer części - ST7PLITE15F1B6

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
ST7PLITE02F0U6TR STMICROELECTRONICS-ST7PLITE02F0U6TR Datasheet
1Mb / 125P
   8-BIT MICROCONTROLLER WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI
ST7PLITE02Y0B6 STMICROELECTRONICS-ST7PLITE02Y0B6 Datasheet
1Mb / 122P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI
August 2003 Rev. 2.4
ST7PLITE02Y0B6 STMICROELECTRONICS-ST7PLITE02Y0B6 Datasheet
1Mb / 125P
   8-BIT MICROCONTROLLER WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI
ST7PLITE02Y0B6 STMICROELECTRONICS-ST7PLITE02Y0B6 Datasheet
2Mb / 124P
   8-bit microcontroller with single voltage Flash memory, data EEPROM, ADC, timers, SPI
ST7PLITE02Y0B6TR STMICROELECTRONICS-ST7PLITE02Y0B6TR Datasheet
2Mb / 124P
   8-bit microcontroller with single voltage Flash memory, data EEPROM, ADC, timers, SPI
More results

Podobny opis - ST7PLITE15F1B6

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
ST7LITE2 STMICROELECTRONICS-ST7LITE2 Datasheet
1Mb / 131P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI
August 2003 Rev. 2.0
ST7LITE0 STMICROELECTRONICS-ST7LITE0 Datasheet
1Mb / 122P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI
August 2003 Rev. 2.4
ST7DALI STMICROELECTRONICS-ST7DALI Datasheet
2Mb / 141P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI, DALI
ST7FLIT19BF1B6 STMICROELECTRONICS-ST7FLIT19BF1B6 Datasheet
2Mb / 159P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 5 TIMERS, SPI
ST7LITE1XB STMICROELECTRONICS-ST7LITE1XB Datasheet
2Mb / 157P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 5 TIMERS, SPI
ST7LITE1XB STMICROELECTRONICS-ST7LITE1XB_08 Datasheet
2Mb / 159P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 5 TIMERS, SPI
ST7FLIT15BF1M6 STMICROELECTRONICS-ST7FLIT15BF1M6 Datasheet
2Mb / 159P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 5 TIMERS, SPI
ST7L05 STMICROELECTRONICS-ST7L05 Datasheet
1Mb / 104P
   8-bit MCU for automotive with single voltage Flash memory, data EEPROM, ADC, timers, SPI
ST7LITE3 STMICROELECTRONICS-ST7LITE3 Datasheet
3Mb / 167P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH, DATA EEPROM, ADC, TIMERS, SPI, LINSCI
ST7LITE3XF2 STMICROELECTRONICS-ST7LITE3XF2 Datasheet
2Mb / 173P
   8-bit MCU with single voltage Flash, data EEPROM, ADC, timers, SPI, LINSCI?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com