Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SB2040CT Arkusz danych(PDF) 3 Page - Chip Integration Technology Corporation

Numer części SB2040CT
Szczegółowy opis  20A High Power Schottky Barrier Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CITC [Chip Integration Technology Corporation]
Strona internetowa  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

SB2040CT Arkusz danych(HTML) 3 Page - Chip Integration Technology Corporation

  SB2040CT Datasheet HTML 1Page - Chip Integration Technology Corporation SB2040CT Datasheet HTML 2Page - Chip Integration Technology Corporation SB2040CT Datasheet HTML 3Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
CITC reserves the right to make changes to this document and its products and specifications at any
time without notice.
Customers should obtain and confirm the latest product information and specifications before final
design, purchase or use.
CITC makes no warranty, representation or guarantee regarding the suitability of its products for any
particular purpose, nor does CITC assume any liability for application assistance or customer product
design.
CITC does not warrant or accept any liability with products which are purchased or used for any
unintended or unauthorized application.
No license is granted by implication or otherwise under any intellectual property rights of CITC.
CITC products are not authorized for use as critical components in life support devices or systems
without express written approval of CITC.
http://www.citcorp.com.tw/
Tel:886-3-5600628
Fax:886-3-5600636
Add:Rm. 3, 2F., No.32, Taiyuan St., Zhubei City, Hsinchu County 302, Taiwan (R.O.C.)
SB2040CT THRU SB2065CT
20A High Power Schottky Barrier Rectifiers
Document ID : DS-11K70
Issued Date : 2010/05/05
Revised Date : 2012/05/31
Revision : C2


Podobny numer części - SB2040CT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pan Jit International I...
SB2040CT PANJIT-SB2040CT Datasheet
45Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS(VOLTAGE- 20 to 100 Volts CURRENT - 20.0 Ampere)
logo
Shenzhen Luguang Electr...
SB2040CT LUGUANG-SB2040CT Datasheet
1Mb / 2P
   20A High Power Schottky Barrier Rectifiers
logo
Won-Top Electronics
SB2040CT WTE-SB2040CT Datasheet
39Kb / 3P
   20A SCHOTTKY BARRIER RECTIFIER
logo
SUNMATE electronic Co.,...
SB2040CT SUNMATE-SB2040CT Datasheet
623Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Micro Commercial Compon...
SB2040CT MCC-SB2040CT Datasheet
380Kb / 2P
   20 Amp Schottky Barrier Rectifier 20 to 100 Volts
More results

Podobny opis - SB2040CT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Shenzhen Luguang Electr...
LGMBR2040FCT LUGUANG-LGMBR2040FCT Datasheet
1Mb / 2P
   20A High Power Schottky Barrier Rectifiers
LGSB2040CT LUGUANG-LGSB2040CT Datasheet
1Mb / 2P
   20A High Power Schottky Barrier Rectifiers
LGSB2040FCT LUGUANG-LGSB2040FCT Datasheet
2Mb / 2P
   20A High Power Schottky Barrier Rectifiers
logo
Chip Integration Techno...
MBR2040CT CITC-MBR2040CT Datasheet
99Kb / 3P
   20A High Power Schottky Barrier Rectifiers
logo
Shenzhen Luguang Electr...
LGMBR2040CT-J LUGUANG-LGMBR2040CT-J Datasheet
1Mb / 2P
   20A High Power Schottky Barrier Rectifiers
logo
Chip Integration Techno...
SBF2040CT CITC-SBF2040CT Datasheet
98Kb / 3P
   20A High Power Schottky Barrier Rectifiers
logo
MORE Semiconductor Comp...
MBR20100FCT MORESEMI-MBR20100FCT Datasheet
694Kb / 2P
   20A Schottky Barrier Rectifiers
MBR20150CT MORESEMI-MBR20150CT Datasheet
864Kb / 2P
   20A Schottky Barrier Rectifiers
MBR20150FCT MORESEMI-MBR20150FCT Datasheet
774Kb / 2P
   20A Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SM20200D SECOS-SM20200D_15 Datasheet
205Kb / 2P
   20A Schottky Barrier Rectifiers
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com