Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CAPA110 Arkusz danych(PDF) 1 Page - Axiomtek Co., Ltd.

Numer części CAPA110
Szczegółowy opis  3.5 Embedded SBC with AMD G-Series APU, AMD A50M, LVDS/DisplayPort/VGA
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AXIOMTEK [Axiomtek Co., Ltd.]
Strona internetowa  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

CAPA110 Arkusz danych(HTML) 1 Page - Axiomtek Co., Ltd.

  CAPA110_17 Datasheet HTML 1Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
138
axiomtek.com
* All specifications and photos are subject to change without notice.
2
3
4
5
6
7
1
0
© 2017 Axiomtek Co., Ltd. All rights reserved.
MIO
1 x RS-232/422/485 (COM 1 with +5V/+12V powered)
3 x RS-232 (COM 2-4 with +5V/+12V powered)
SATA
2 x SATA-600
Hardware Monitoring
Detect CPU/system temperature, voltage and fan speed
Ethernet
2 port 10/100/1000 Mbps supports Wake-on-LAN,
RPL/PXE Boot ROM with Realtek RTL8111E
Audio
HD Codec audio as MIC-in/Line-in/Line-out/Speaker-out
with Realtek ALC662
USB
6 x USB 2.0
SMBus
System Management Bus for advanced monitoring/control
(optional)
Digital I/O
8 channels IN/OUT programmable
Standard
CAPA110VPGGA-T56N
(P/N: E38E110105)
3.5" Embedded SBC with AMD G-Series APU T56N
1.65 GHz, VGA/DisplayPort/LVDS, 2 GbE LANs, 2 SATA-600,
4 COM, 6 USB and audio
Standard
Quick installation guide, user's manual/utility CD, cable
Cable
Part Number
Description
Qty
59382620000E
1 x COM w/ bracket, P=2.0 mm, L=300 mm
1
59384500100E
Audio cable w/ bracket, P=2.0 mm, L=450 mm
1
59382631000E
2 x USB 2.0 wafer cable w/ bracket, 180 mm
1
Optional
59380000300E
2 x COM w/ bracket, P=1.27 x 2.54, L=300 mm
59070213000E
DisplayPort to VGA cable, L=100 mm
59040131000E
DisplayPort to DVI cable, L=220 mm
59050203000E
DisplayPort to HDMI cable, L=185 mm
59091501000E
DisplayPort to DisplayPort cable, L=1500 mm
CPU
AMD G-Series APU T56N 1.65 GHz dual core onboard
System Memory
1 x 204-pin DDR3-1333 SO-DIMM, up to 4GB
Chipset
AMD A50M
BIOS
AMI UEFI BIOS
SSD
1 x CompactFlash™
Watchdog Timer
255 levels, 1~255 sec.
Expansion Interface
1 x PCI Express Mini Card V1.2
Battery
Lithium 3V/220mAH
Power Input
3. 2 x 2-pin connector
+12V DC-in only
AT Auto Power ON function supported
Power Requirement
AMD G-Series APU T56N @ 1.65 GHz, 1GB DDR3
Max. RMS: +12V @ 1.5A
Size
146 x 104mm
Board Thickness
1.6 mm
Operating Temperature
0°C ~ +60°C (32°F ~ 140°F), operation
Operation Humidity
10% ~ 95% relative humidity, non-condensing
Chipset
AMD G-series APU integrated graphic engine
T56N - Radeon™ HD6320
Memory Size
Max. up to 2GB in 4GB DDR3 module
Display Interface
1 x VGA
1 x DisplayPort
1 x LVDS; 18/24-bit single/dual channel
I/O
Ordering Information
Packing List
Core System
Rear view
Top view
DDR
SO-DIMM
CF type-II
COM 1
COM 3/4
COM 2
PCIe Mini Card
LVDS
DisplayPort
Audio
VGA
Ethernet 1
USB 2.0 3-6
USB 2.0 1/2
Ethernet 2
SATA
Display
DualView
Low Power
DDR3
DDR3
DDR3
PCIe Mini
PCIe Mini
PCIe Mini
AiRD
CAPA110
3.5" Embedded SBC with AMD G-Series APU, AMD A50M, LVDS/DisplayPort/VGA,
Dual LANs and Audio
Features
AMD G-Series APU dual core T56N (1.65 GHz)
1 DDR3-1333 SO-DIMM, up to 4GB
2 SATA-600
6 USB 2.0 ports
4 COM ports
DirectX 11 supported


Podobny numer części - CAPA110_17

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Axiomtek Co., Ltd.
CAPA110 AXIOMTEK-CAPA110_14 Datasheet
348Kb / 2P
   AMD A50M FCH
CAPA110 AXIOMTEK-CAPA110_16 Datasheet
239Kb / 1P
   1 DDR3 SO-DIMM supports up to 4 GB memory capacity
More results

Podobny opis - CAPA110_17

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Axiomtek Co., Ltd.
CAPA111 AXIOMTEK-CAPA111_17 Datasheet
225Kb / 1P
   3.5 Embedded SBC with AMD G-Series APU, AMD A50M, LVDS/VGA, Dual LANs
PICO100 AXIOMTEK-PICO100_17 Datasheet
360Kb / 1P
   Pico-ITX SBC with AMD G-Series APU, AMD A50M, LVDS/DisplayPort (VGA)
NANO100 AXIOMTEK-NANO100_17 Datasheet
362Kb / 1P
   Nano-ITX SBC with AMD G-Series APU, AMD A50M FCH, LVDS/DisplayPort/VGA
EP100 AXIOMTEK-EP100_17 Datasheet
269Kb / 1P
   EPIC SBC with AMD G-Series APU, AMD A50M FCH, Dual DisplayPort/VGA/LVDS
CAPA111VGGA-T40R AXIOMTEK-CAPA111VGGA-T40R Datasheet
238Kb / 2P
   3.5 Embedded SBC with AMD G-Series APU, AMD A50M, LVDS/VGA, Dual LANs and Audio
CAPA112 AXIOMTEK-CAPA112_17 Datasheet
293Kb / 1P
   3.5 Embedded SBC with AMD G-Series APU, AMD A55E, LVDS/VGA, Dual LANs
NANO101 AXIOMTEK-NANO101_17 Datasheet
315Kb / 1P
   Nano-ITX SBC with AMD G-Series APU, AMD A50M FCH, LVDS/VGA, Dual LANs
CAPA112 AXIOMTEK-CAPA112 Datasheet
391Kb / 1P
   AMD G-Series APU 3.5 Embedded SBC with AMD A55E FCH, LVDS/VGA, Dual LANs and Audio
MANO120 AXIOMTEK-MANO120_17 Datasheet
278Kb / 1P
   Mini-ITX SBC with AMD G-Series APU, AMD A55E, HDMI/VGA/LVDS
logo
Advantech Co., Ltd.
PCM-9375 ADVANTECH-PCM-9375 Datasheet
356Kb / 2P
   3.5" SBC w/ AMD LX800, VGA, LVDS, LCD
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com