Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TIP29A Arkusz danych(PDF) 1 Page - Thinki Semiconductor Co., Ltd.

Numer części TIP29A
Szczegółowy opis  1.0 Ampere NPN Type Epitaxial Silicon Power Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Strona internetowa  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

TIP29A Arkusz danych(HTML) 1 Page - Thinki Semiconductor Co., Ltd.

  TIP29A Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. TIP29A Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd. TIP29A Datasheet HTML 3Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
®
TIP29/TIP29A/TIP29B/TIP29C
Pb Free Plating Product
TIP29/TIP29A/TIP29B/TIP29C
Pb
1.0 Ampere NPN Type Epitaxial Silicon Power Transistors
φ3.6
0±0.
20
9.90±0.20
2.54typ
0.80±0.20
1.27±0.20
1.52±0.20
1.30±0.20
4.50±0.20
0.50±0.20
2.40±0.20
2.54typ
Dimensions in Millimeters
Package Dimension
TO-220C
1. BASE
2. COLLECTOR
3. EMITTER
1 2
3
© 2006 Thinki Semiconductor Co., Ltd.
http://www.thinkisemi.com/
Page 1/3
Rev.05
DESCRIPTION
·
·Moisure Sensitivity Level 1
·Complementary to Type TIP30 series
Rth(jc) is 4.167
OC/W, R
th(ja) is 62.5
OC/W
BASE
1
COLLECTOR
2
3
EMITTER
Maximum Ratings
Symbol
Rating
Rating
Unit
VCEO
Collector-Emitter Voltage
VCBO
Collector-Base Voltage
TIP29, TIP30
TIP29A, TIP30A
TIP29B, TIP30B
TIP29C, TIP30C
40
60
80
100
V
VEB
Emitter-Base Voltage
5.0
V
IC
Collector Current- Continuous
Peak
(1)
1.0
3.0
A
IB
Base Current-Continuous
0.4
A
PD
Total power dissipation @TC=25
OC
Derate above 25
OC
30
0.24
W
W/
OC
TJ,
Junction Temperature
-55 to +150
OC
TSTG
Storage Temperature
-55 to +150
OC
2. Pulse Test: Pulse Width=300us, Duty Cycle <2.0%
3. f T=| hfe | x f test
Notes:1. High Temperature Solder Exemption Applied, see EU Directive Annex 7.
It is intented for use in power
amplifier and switching application.
·


Podobny numer części - TIP29A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mospec Semiconductor
TIP29A MOSPEC-TIP29A Datasheet
145Kb / 3P
   POWER TRANSISTORS(1.0A,40-100V,30W)
logo
Micro Commercial Compon...
TIP29A MCC-TIP29A Datasheet
163Kb / 3P
   1.0 Amp Complementary Silicon Power Transistors
logo
Power Innovations Ltd
TIP29A POINN-TIP29A Datasheet
85Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Micro Commercial Compon...
TIP29A MCC-TIP29A Datasheet
252Kb / 3P
   1.0 Amp Complementary Silicon Power Transistors
logo
Transys Electronics
TIP29A TRSYS-TIP29A Datasheet
443Kb / 5P
   NPN SILICON POWER TRANSISTORS
More results

Podobny opis - TIP29A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MJ413 MOTOROLA-MJ413 Datasheet
134Kb / 4P
   10 AMPERE POWER TRANSISTORS NPN SILICON
logo
New Jersey Semi-Conduct...
2N6546 NJSEMI-2N6546 Datasheet
114Kb / 1P
   15 AMPERE NPN SILICON POWER TRANSISTORS
2N6676 NJSEMI-2N6676 Datasheet
208Kb / 2P
   15 AMPERE NPN SILICON POWER TRANSISTORS
logo
Motorola, Inc
MJ13090 MOTOROLA-MJ13090 Datasheet
266Kb / 6P
   15 AMPERE NPN SILICON POWER TRANSISTORS
logo
Toshiba Semiconductor
TDTC114E TOSHIBA-TDTC114E Datasheet
226Kb / 5P
   Bipolar Transistors Silicon NPN Epitaxial Type
2020-11-12 Rev.4.0
TDTC123J TOSHIBA-TDTC123J Datasheet
226Kb / 5P
   Bipolar Transistors Silicon NPN Epitaxial Type
2020-11-13 Rev.3.0
TDTC143Z TOSHIBA-TDTC143Z Datasheet
227Kb / 5P
   Bipolar Transistors Silicon NPN Epitaxial Type
2020-11-13 Rev.3.0
TTC3710B TOSHIBA-TTC3710B Datasheet
245Kb / 7P
   Bipolar Transistors Silicon NPN Epitaxial Type
2014-11-06 Rev.3.0
TTC011B TOSHIBA-TTC011B Datasheet
272Kb / 6P
   Bipolar Transistors Silicon NPN Epitaxial Type
2016-02-09 Rev.1.0
TTC017 TOSHIBA-TTC017 Datasheet
487Kb / 7P
   Bipolar Transistors Silicon NPN Epitaxial Type
2015-03-24 Rev.1.0
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com