Zakładka z wyszukiwarką danych komponentów |
|
TIP29B Arkusz danych(PDF) 1 Page - Thinki Semiconductor Co., Ltd. |
|
TIP29B Arkusz danych(HTML) 1 Page - Thinki Semiconductor Co., Ltd. |
1 / 3 page ® TIP29/TIP29A/TIP29B/TIP29C Pb Free Plating Product TIP29/TIP29A/TIP29B/TIP29C Pb 1.0 Ampere NPN Type Epitaxial Silicon Power Transistors φ3.6 0±0. 20 9.90±0.20 2.54typ 0.80±0.20 1.27±0.20 1.52±0.20 1.30±0.20 4.50±0.20 0.50±0.20 2.40±0.20 2.54typ Dimensions in Millimeters Package Dimension TO-220C 1. BASE 2. COLLECTOR 3. EMITTER 1 2 3 © 2006 Thinki Semiconductor Co., Ltd. http://www.thinkisemi.com/ Page 1/3 Rev.05 DESCRIPTION · ·Moisure Sensitivity Level 1 ·Complementary to Type TIP30 series Rth(jc) is 4.167 OC/W, R th(ja) is 62.5 OC/W BASE 1 COLLECTOR 2 3 EMITTER Maximum Ratings Symbol Rating Rating Unit VCEO Collector-Emitter Voltage VCBO Collector-Base Voltage TIP29, TIP30 TIP29A, TIP30A TIP29B, TIP30B TIP29C, TIP30C 40 60 80 100 V VEB Emitter-Base Voltage 5.0 V IC Collector Current- Continuous Peak (1) 1.0 3.0 A IB Base Current-Continuous 0.4 A PD Total power dissipation @TC=25 OC Derate above 25 OC 30 0.24 W W/ OC TJ, Junction Temperature -55 to +150 OC TSTG Storage Temperature -55 to +150 OC 2. Pulse Test: Pulse Width=300us, Duty Cycle <2.0% 3. f T=| hfe | x f test Notes:1. High Temperature Solder Exemption Applied, see EU Directive Annex 7. It is intented for use in power amplifier and switching application. · |
Podobny numer części - TIP29B |
|
Podobny opis - TIP29B |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |