Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9467-200EBZ Arkusz danych(PDF) 8 Page - Analog Devices

Numer części AD9467-200EBZ
Szczegółowy opis  Analog-to-Digital Converter
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9467-200EBZ Arkusz danych(HTML) 8 Page - Analog Devices

Back Button AD9467-200EBZ Datasheet HTML 4Page - Analog Devices AD9467-200EBZ Datasheet HTML 5Page - Analog Devices AD9467-200EBZ Datasheet HTML 6Page - Analog Devices AD9467-200EBZ Datasheet HTML 7Page - Analog Devices AD9467-200EBZ Datasheet HTML 8Page - Analog Devices AD9467-200EBZ Datasheet HTML 9Page - Analog Devices AD9467-200EBZ Datasheet HTML 10Page - Analog Devices AD9467-200EBZ Datasheet HTML 11Page - Analog Devices AD9467-200EBZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
AD9467
Data Sheet
Rev. D | Page 6 of 32
DIGITAL SPECIFICATIONS
AVDD1 = 1.8 V, AVDD2 = 3.3 V, AVDD3 = 1.8 V, DRVDD = 1.8 V, specified maximum sampling rate, 2.5 V p-p differential input, 1.25 V
internal reference, AIN = −1.0 dBFS, DCS on, default SPI settings, unless otherwise noted.
Table 3.
AD9467BCPZ-200
AD9467BCPZ-250
Parameter1
Temp
Min
Typ
Max
Min
Typ
Max
Unit
CLOCK INPUTS (CLK+, CLK−)
Logic Compliance
CMOS/LVDS/LVPECL
CMOS/LVDS/LVPECL
Differential Input Voltage2
Full
250
250
mV p-p
Input Common-Mode Voltage
Full
0.8
0.8
V
Input Resistance (Differential)
25°C
20
20
kΩ
Input Capacitance
25°C
2.5
2.5
pF
LOGIC INPUTS (SCLK, CSB, SDIO)
Logic 1 Voltage
Full
1.2
3.6
1.2
3.6
V
Logic 0 Voltage
Full
0.3
0.3
V
Input Resistance
25°C
30
30
kΩ
Input Capacitance
25°C
0.5
0.5
pF
LOGIC OUTPUT (SDIO)3
Logic 1 Voltage (IOH = 800 μA)
Full
1.7/3.1
1.7/3.1
V
Logic 0 Voltage (IOL = 50 μA)
Full
0.3
0.3
V
DIGITAL OUTPUTS (D0+ to D15+, D0− to
D15−, DCO+, DCO−, OR+, OR−)
Logic Compliance
LVDS
LVDS
Differential Output Voltage (VOD)
Full
247
545
247
545
mV
Output Offset Voltage (VOS)
Full
1.125
1.375
1.125
1.375
V
Output Coding (Default)
Offset binary
Offset binary
1
See the AN-835 Application Note, Understanding High Speed ADC Testing and Evaluation, for a complete set of definitions and how these tests were completed.
2
This is specified for LVDS and LVPECL only.
3
This depends on if SPIVDD is tied to a 1.8 V or 3.3 V supply.


Podobny numer części - AD9467-200EBZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9467-200EBZ AD-AD9467-200EBZ Datasheet
987Kb / 32P
   16-Bit, 200 MSPS/250 MSPS Analog-to-Digital Converter
Rev. D
More results

Podobny opis - AD9467-200EBZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TL505C TI-TL505C Datasheet
316Kb / 7P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS820 TI1-ADS820_13 Datasheet
409Kb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM2702 TI1-PCM2702_09 Datasheet
427Kb / 17P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM4201 TI1-PCM4201_16 Datasheet
847Kb / 26P
[Old version datasheet]   Analog-to-Digital Converter
PCM4204 TI1-PCM4204_16 Datasheet
1Mb / 38P
[Old version datasheet]   Analog-to-Digital Converter
ADS7821 TI1-ADS7821 Datasheet
201Kb / 11P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7805 TI1-ADS7805 Datasheet
949Kb / 20P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7809 TI1-ADS7809 Datasheet
1Mb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM1741 TI1-PCM1741_08 Datasheet
496Kb / 24P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1718E TI1-PCM1718E_15 Datasheet
347Kb / 14P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1728 TI1-PCM1728_15 Datasheet
328Kb / 16P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com