Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9642-210EBZ Arkusz danych(PDF) 11 Page - Analog Devices

Numer części AD9642-210EBZ
Szczegółowy opis  1.8 V Analog-to-Digital Converter (ADC)
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9642-210EBZ Arkusz danych(HTML) 11 Page - Analog Devices

Back Button AD9642-210EBZ Datasheet HTML 7Page - Analog Devices AD9642-210EBZ Datasheet HTML 8Page - Analog Devices AD9642-210EBZ Datasheet HTML 9Page - Analog Devices AD9642-210EBZ Datasheet HTML 10Page - Analog Devices AD9642-210EBZ Datasheet HTML 11Page - Analog Devices AD9642-210EBZ Datasheet HTML 12Page - Analog Devices AD9642-210EBZ Datasheet HTML 13Page - Analog Devices AD9642-210EBZ Datasheet HTML 14Page - Analog Devices AD9642-210EBZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
AD9642
Data Sheet
TYPICAL PERFORMANCE CHARACTERISTICS
AVDD = 1.8 V, DRVDD = 1.8 V, sample rate = maximum rate per speed grade, DCS enabled, 1.75 V p-p differential input, VIN = −1.0 dBFS,
32k sample, TA = 25°C, unless otherwise noted.
0
–20
THIRD HARMONIC
SECOND HARMONIC
–40
–60
–80
–100
–120
–140
10
0
20
30
40
50
60
70
80
FREQUENCY (MHz)
170MSPS
90.1MHz @ –1dBFS
SNR = 71.82dB (72.2dBFS)
SFDR = 93dBc
Figure 4. AD9642-170 Single-Tone FFT with fIN = 90.1 MHz
0
–20
THIRD HARMONIC
SECOND HARMONIC
–40
–60
–80
–100
–120
–140
10
0
20
30
40
50
60
70
80
FREQUENCY (MHz)
170MSPS
185.1MHz @ –1dBFS
SNR = 70.2dB (71.2dBFS)
SFDR = 86dBc
Figure 5. AD9642-170 Single-Tone FFT with fIN = 185.1 MHz
0
–20
THIRD HARMONIC
SECOND HARMONIC
–40
–60
–80
–100
–120
–140
10
0
20
30
40
50
60
70
80
FREQUENCY (MHz)
170MSPS
220.1MHz @ –1dBFS
SNR = 69.7dB (70.7dBFS)
SFDR = 84dBc
Figure 6. AD9642-170 Single-Tone FFT with fIN = 220.1 MHz
0
–20
THIRD HARMONIC
SECOND HARMONIC
–40
–60
–80
–100
–120
–140
10
0
20
30
40
50
60
70
80
FREQUENCY (MHz)
170MSPS
305.1MHz @ –1dBFS
SNR = 68.0dB (69.0dBFS)
SFDR = 86dBc
Figure 7. AD9642-170 Single-Tone FFT with fIN = 305.1 MHz
120
100
80
60
40
20
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
0
INPUT AMPLITUDE (dBFS)
SFDR (dBFS)
SNR (dBFS)
SFDR (dBc)
SNR (dBc)
Figure 8. AD9642-170 Single-Tone SNR/SFDR vs. Input Amplitude (AIN)
with fIN = 90.1 MHz, fS = 170 MSPS
60
65
70
75
80
85
90
95
100
60
75
90
105
120
135
150
165
180
195
210
225
240
255
270
285
300
315
330
345
FREQUENCY (MHz)
SFDR (dBc)
SNR (dBFS)
Figure 9. AD9642-170 Single-Tone SNR/SFDR vs. Input Frequency (fIN),
fS = 170 MSPS
Rev. B | Page 10 of 28


Podobny numer części - AD9642-210EBZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9642-210EBZ AD-AD9642-210EBZ Datasheet
1Mb / 28P
   14-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
REV. 0
AD9642-210EBZ AD-AD9642-210EBZ Datasheet
1Mb / 28P
   14-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
More results

Podobny opis - AD9642-210EBZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9268 AD-AD9268_17 Datasheet
2Mb / 45P
   1.8 V Dual Analog-to-Digital Converter (ADC)
AD9608 AD-AD9608_17 Datasheet
1Mb / 41P
   1.8 V Dual Analog-to-Digital Converter (ADC)
AD9266 AD-AD9266_17 Datasheet
1Mb / 33P
   1.8 V Analog-to-Digital Converter
AD9634 AD-AD9634_17 Datasheet
1Mb / 31P
   1.8 V Analog-to-Digital Converter
AD9601 AD-AD9601_17 Datasheet
972Kb / 33P
   1.8 V Analog-to-Digital Converter
AD9211 AD-AD9211_17 Datasheet
1Mb / 29P
   1.8 V Analog-to-Digital Converter
AD9626 AD-AD9626_17 Datasheet
1Mb / 37P
   1.8 V Analog-to-Digital Converter
AD9635 AD-AD9635_17 Datasheet
995Kb / 37P
   1.8 V Analog-to-Digital Converter
AD9637 AD-AD9637_17 Datasheet
1,012Kb / 41P
   1.8 V Analog-to-Digital Converter
AD9230 AD-AD9230_17 Datasheet
1Mb / 33P
   1.8 V Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com