Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

EC733341L Arkusz danych(PDF) 2 Page - E-CMOS Corporation

Numer części EC733341L
Szczegółowy opis  -30V, -4.2A P-Channel MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  E-CMOS [E-CMOS Corporation]
Strona internetowa  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC733341L Arkusz danych(HTML) 2 Page - E-CMOS Corporation

  EC733341L Datasheet HTML 1Page - E-CMOS Corporation EC733341L Datasheet HTML 2Page - E-CMOS Corporation EC733341L Datasheet HTML 3Page - E-CMOS Corporation EC733341L Datasheet HTML 4Page - E-CMOS Corporation EC733341L Datasheet HTML 5Page - E-CMOS Corporation EC733341L Datasheet HTML 6Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
EC733341L
-30V、
、-4.2A P-Channel MOSFET
E-CMOS Corp. (www.ecmos.com.tw)
Page 2 of 6
4L04N-Rev.F001
Electrical Characteristics (TA=25℃
℃ unless otherwise noted)
Parameter
Symbol
Condition
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS=0V ID=-250µA
-30
V
Zero Gate Voltage Drain Current
IDSS
VDS=-24V,VGS=0V
-1
µA
Gate-Body Leakage Current
IGSS
VGS=±12V,VDS=0V
±100
nA
ON CHARACTERISTICS (Note 3)
Gate Threshold Voltage
VGS(th)
VDS=VGS,ID=-250µA
-0.7
-2
V
VGS=-10V, ID=-4.2A
42
50
VGS=-4.5V, ID=-4A
53
65
Drain-Source On-State Resistance RDS(ON)
VGS=-2.5V, ID=-1A
80
120
m
Forward Transconductance
gFS
VDS=-5V,ID=-5A
10
S
DYNAMIC CHARACTERISTICS (Note4)
Input Capacitance
Clss
950
PF
Output Capacitance
Coss
120
PF
Reverse Transfer Capacitance
Crss
VDS=-15V,VGS=0V,
F=1.0MHz
70
PF
SWITCHING CHARACTERISTICS (Note 4)
Turn-on Delay Time
td(on)
6.5
nS
Turn-on Rise Time
tr
3
nS
Turn-Off Delay Time
td(off)
30
nS
Turn-Off Fall Time
tf
VDD=-15V,ID=-3.2A
VGS=-10V,RGEN=6
120
nS
Total Gate Charge
Qg
9.6
nC
Gate-Source Charge
Qgs
2
nC
Gate-Drain Charge
Qgd
VDS=-15V,ID=-4A,
VGS=-4.5V
2.6
nC
DRAIN-SOURCE DIODE CHARACTERISTICS
Diode Forward Voltage (Note 3)
VSD
VGS=0V,IS=-1A
-1.2
V


Podobny numer części - EC733341L

ProducentNumer częściArkusz danychSzczegółowy opis
logo
E-CMOS Corporation
EC733313 E-CMOS-EC733313 Datasheet
178Kb / 4P
   -30V, -8A P-Channel MOSFET
EC733313FR E-CMOS-EC733313FR Datasheet
178Kb / 4P
   -30V, -8A P-Channel MOSFET
EC733317 E-CMOS-EC733317 Datasheet
161Kb / 4P
   -30V, -7A P-Channel MOSFET
EC733317FR E-CMOS-EC733317FR Datasheet
161Kb / 4P
   -30V, -7A P-Channel MOSFET
EC733322 E-CMOS-EC733322 Datasheet
321Kb / 4P
   30V, 5.8A N-Channel MOSFET
More results

Podobny opis - EC733341L

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Unisonic Technologies
UT2305 UTC-UT2305 Datasheet
306Kb / 4P
   4.2A, 20V P-CHANNEL POWER MOSFET
logo
Alpha & Omega Semicondu...
AO4447A AOSMD-AO4447A Datasheet
194Kb / 5P
   30V P-Channel MOSFET
AO4801A AOSMD-AO4801A_11 Datasheet
279Kb / 5P
   30V P-Channel MOSFET
AON2705 AOSMD-AON2705 Datasheet
398Kb / 6P
   30V P-Channel MOSFET
AOD403 AOSMD-AOD403_11 Datasheet
414Kb / 6P
   30V P-Channel MOSFET
AO4415 AOSMD-AO4415 Datasheet
172Kb / 4P
   30V P-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com