Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LCD-016N002P Arkusz danych(PDF) 1 Page - Vishay Siliconix

Numer części LCD-016N002P
Szczegółowy opis  16 x 2 Character LCD
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LCD-016N002P Arkusz danych(HTML) 1 Page - Vishay Siliconix

  LCD-016N002P Datasheet HTML 1Page - Vishay Siliconix LCD-016N002P Datasheet HTML 2Page - Vishay Siliconix LCD-016N002P Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LCD-016N002P
www.vishay.com
Vishay
Revision: 05-Oct-12
1
Document Number: 37302
For technical questions, contact: displays@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
16 x 2 Character LCD
FEATURES
• Type: Character
• Display format: 16 x 2 characters
• Built-in controller: ST 7066 (or equivalent)
• Duty cycle: 1/16
• 5 x 8 dots includes cursor
• + 5 V power supply
• Optional: Smaller character size (2.95 mm x 4.35 mm)
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
Note
•VSS = 0 V, VDD = 5.0 V
For detailed information, please see the “Product Numbering System” document.
MECHANICAL DATA
ITEM
STANDARD VALUE
UNIT
Module Dimension
85.0 x 25.2
mm
Viewing Area
66.0 x 16.0
Dot Size
0.55 x 0.65
Dot Pitch
0.60 x 0.70
Mounting Hole
80.5 x 22.0
Character Size
2.95 x 5.55
ABSOLUTE MAXIMUM RATINGS
ITEM
SYMBOL
STANDARD VALUE
UNIT
MIN.
TYP.
MAX.
Power Supply
VDD to VSS
- 0.3
-
7.0
V
Input Voltage
VI
- 0.3
-
VDD
ELECTRICAL CHARACTERISTICS
ITEM
SYMBOL
CONDITION
STANDARD VALUE
UNIT
MIN.
TYP.
MAX.
Input Voltage
VDD
VDD = + 5 V
4.7
5.0
5.3
V
Supply Current
IDD
VDD = + 5 V
-1.2
1.5
mA
Recommended LC Driving
Voltage for Normal Temperature
Version Module
VDD to V0
- 20 °C
-
-
5.2
V
0 °C
-
-
4.2
25 °C
-
3.8
-
50 °C
3.5
-
-
70 °C
3.2
-
-
LED Forward Voltage
VF
25 °C
-
4.2
4.6
V
LED Forward Current - Array
IF
25 °C
-
100
-
mA
LED Forward Current - Edge
-
20
40
EL Power Supply Current
IEL
VEL = 110 VAC, 400 Hz
--
5.0
mA
OPTIONS
PROCESS COLOR
BACKLIGHT
TN
STN
Gray
STN
Yellow
STN
Blue
FSTN
B&W
STN
Color
None
LED
EL
CCFL
xxxx
x
xxx


Podobny numer części - LCD-016N002P

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
LCD-016N002P VISHAY-LCD-016N002P Datasheet
74Kb / 3P
   16 x 2 Character LCD
01-Jan-2022
LCD-016N002P VISHAY-LCD-016N002P Datasheet
74Kb / 3P
   16 x 2 Character LCD
01-Jan-2023
LCD-016N002P VISHAY-LCD-016N002P_V01 Datasheet
74Kb / 3P
   16 x 2 Character LCD
01-Jan-2022
LCD-016N002P VISHAY-LCD-016N002P_V02 Datasheet
74Kb / 3P
   16 x 2 Character LCD
01-Jan-2023
More results

Podobny opis - LCD-016N002P

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
LCD-016N002D VISHAY-LCD-016N002D Datasheet
76Kb / 3P
   16 x 2 Character LCD
Revision: 29-Oct-08
LCD-016N002J VISHAY-LCD-016N002J Datasheet
72Kb / 3P
   16 x 2 Character LCD
Revision: 22-Jun-17
LCD-016N002L1 VISHAY-LCD-016N002L1 Datasheet
77Kb / 3P
   16 x 2 Character LCD
Revision: 02-Oct-12
LCD-016N002M VISHAY-LCD-016N002M Datasheet
84Kb / 3P
   16 x 2 Character LCD
Revision: 05-Oct-12
LCD-016N002S VISHAY-LCD-016N002S Datasheet
68Kb / 3P
   16 x 2 Character LCD
Revision: 05-Oct-12
LCD-016N002T VISHAY-LCD-016N002T Datasheet
70Kb / 3P
   16 x 2 Character LCD
Revision: 05-Oct-12
LCD-016N002O VISHAY-LCD-016N002O_V01 Datasheet
75Kb / 3P
   16 x 2 Character LCD
01-Jan-2022
LCD-016N002L1 VISHAY-LCD-016N002L1_V02 Datasheet
66Kb / 3P
   16 x 2 Character LCD
01-Jan-2023
LCD-016N002C VISHAY-LCD-016N002C_V02 Datasheet
75Kb / 3P
   16 x 2 Character LCD
01-Jan-2023
LCD-016M002C VISHAY-LCD-016M002C Datasheet
116Kb / 3P
   16 x 2 Character LCD
Revision 01-Oct-02
LCD-016M002M VISHAY-LCD-016M002M Datasheet
117Kb / 3P
   16 x 2 Character LCD
Revision 01-Oct-02
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com