Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LCD-122H032E Arkusz danych(PDF) 1 Page - Vishay Siliconix

Numer części LCD-122H032E
Szczegółowy opis  122 x 32 Graphic LCD
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LCD-122H032E Arkusz danych(HTML) 1 Page - Vishay Siliconix

  LCD-122H032E Datasheet HTML 1Page - Vishay Siliconix LCD-122H032E Datasheet HTML 2Page - Vishay Siliconix LCD-122H032E Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LCD-122H032E, LCD-122H032J
www.vishay.com
Vishay
Revision: 23-Jun-17
1
Document Number: 37322
For technical questions, contact: displays@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
122 x 32 Graphic LCD
FEATURES
• Type: graphic
• Display format: 122 x 32 dots
• Built-in controller: SBN1661G
• Duty cycle: 1/32
• Available for external (E type), internal (J type), oscillation
2 kHz
• N.V. optional for +3 V power supply
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
Note
•VSS = 0 V, VDD = 5.0 V
For detailed information, please see the “Product Numbering System” document.
MECHANICAL DATA
ITEM
STANDARD VALUE
UNIT
Module dimension
80.0 x 36.0
mm
Viewing area
60.0 x 18.0
Dot size
0.40 x 0.45
Dot pitch
0.44 x 0.49
Mounting hole
75.0 x 28.0
Character size
n/a
ABSOLUTE MAXIMUM RATINGS
ITEM
SYMBOL
STANDARD VALUE
UNIT
MIN.
TYP.
MAX.
Power supply
VDD to VSS
4.75
5.0
5.25
V
Input voltage
VI
0-
VDD
ELECTRICAL CHARACTERISTICS
ITEM
SYMBOL
CONDITION
STANDARD VALUE
UNIT
MIN.
TYP.
MAX.
Input voltage
VDD
VDD = +5 V
4.5
5.0
5.5
V
Supply current
IDD
VDD = +5 V
-
1.0
1.4
mA
Recommended LC
driving voltage for
normal temperature
version module
VDD to V0
-20 °C
4.9
5.0
5.1
V
0 °C
4.7
4.8
4.9
25 °C
4.6
4.7
4.8
50 °C
4.3
4.4
4.7
70 °C
4.1
4.2
4.5
LED forward voltage
VF
25 °C
-
4.2
4.6
V
LED forward current
IF
25 °C
-
120
240
mA
EL power supply current
IEL
VEL = 110 VAC, 400 Hz
-
-
5.0
mA
OPTIONS
PROCESS COLOR
BACKLIGHT
TN
STN
GRAY
STN
YELLOW
STN
BLUE
FSTN
B&W
STN
COLOR
NONE
LED
EL
CCFL
-
xxxx
-
xxx
-


Podobny numer części - LCD-122H032E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
LCD-122H032E VISHAY-LCD-122H032E Datasheet
66Kb / 3P
   122 x 32 Graphic LCD
01-Jan-2022
LCD-122H032E VISHAY-LCD-122H032E Datasheet
67Kb / 3P
   122 x 32 Graphic LCD
01-Jan-2023
LCD-122H032E VISHAY-LCD-122H032E_V01 Datasheet
66Kb / 3P
   122 x 32 Graphic LCD
01-Jan-2022
More results

Podobny opis - LCD-122H032E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
LCD-122H032BP1 VISHAY-LCD-122H032BP1_V01 Datasheet
64Kb / 3P
   122 x 32 Graphic LCD
01-Jan-2022
LCD-122H032B VISHAY-LCD-122H032B_V01 Datasheet
65Kb / 3P
   122 x 32 Graphic LCD
01-Jan-2022
LCD-122H032K VISHAY-LCD-122H032K_V01 Datasheet
64Kb / 3P
   122 x 32 Graphic LCD
01-Jan-2022
LCD-122H032M VISHAY-LCD-122H032M_V01 Datasheet
64Kb / 3P
   122 x 32 Graphic LCD
01-Jan-2022
LCD-122H032D VISHAY-LCD-122H032D_V02 Datasheet
64Kb / 3P
   122 x 32 Graphic LCD
01-Jan-2023
LCD-122H032G VISHAY-LCD-122H032G_V02 Datasheet
66Kb / 3P
   122 x 32 Graphic LCD
01-Jan-2023
LCD-122H032L VISHAY-LCD-122H032L_V01 Datasheet
63Kb / 3P
   122 x 32 Graphic LCD
01-Jan-2022
LCD-122H032BP1 VISHAY-LCD-122H032BP1_V02 Datasheet
65Kb / 3P
   122 x 32 Graphic LCD
01-Jan-2023
LCD-122H032J VISHAY-LCD-122H032J_V02 Datasheet
67Kb / 3P
   122 x 32 Graphic LCD
01-Jan-2023
LCD-122H032A VISHAY-LCD-122H032A_V01 Datasheet
67Kb / 3P
   122 x 32 Graphic LCD
01-Jan-2022
LCD-122H032I VISHAY-LCD-122H032I Datasheet
70Kb / 3P
   122 x 32 Graphic LCD
Revision: 23-Jun-17
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com