Zakładka z wyszukiwarką danych komponentów |
|
NTE1838 Arkusz danych(PDF) 2 Page - NTE Electronics |
|
NTE1838 Arkusz danych(HTML) 2 Page - NTE Electronics |
2 / 3 page Electrical Characteristics: (TA = +25°C, V16 = 12V, I22 = 10mA unless otherwise specified) Parameter Symbol Test Conditions Min Typ Max Unit Chroma ACC Amplitude Characteristic ACC1 –3 0 +3 dB ACC2 –7 0 +2 dB ACC Phase Characteristic ACCØ1 – 0 ±3 deg ACCØ2 – 0 ±7 deg Maximum B–Y Demodulation Output B–Ymax 5.0 – – VPP Unicolor Amplitude Characteristic ∆GU – 17 – dB Tint Change Range ∆T – 110 – deg APC Pull–In Range fAPC ±300 – – Color Difference Output DC Voltage ERGB 6.7 7.2 7.7 V Color Difference DC Difference Voltage E∆RGB – – ±300 mV R–Y Relative Demodulation Angle ∠R–Y/B–Y – 104 – deg G–Y Relative Demodulation Angle ∠G–Y/B–Y – –122 – deg R–Y Demodulation Ratio R–Y/B–Y – 0.9 – G–Y Demodulation Ratio G–Y/B–Y – 0.3 – Video Video Tone Control Characteristic GPmin –5 –3 –1 dB GPmax 12 15 18 dB Video Voltage Gain VG 12 15 18 dB Contrast Variable Range ∆GC – 18 – dB Frequency Response ∆GV f = 5MHz –5 – – dB Synchronization, Deflection Sync Separation Input DC Level VSS – 9.3 – V Vertical Free–Running Frequency fV – fH/296.5 – Hz Vertical Blanking Pulse Width TBL – 19H – Vertical Drive Stage Voltage Gain VG – 16 – dB Horizontal Free–Running Frequency fH – 15.734 – kHz Horizontal Drive Output Pulse Width TH – 24.5 – µs Horizontal Sync Pull–In Range fPULL ±400 – – Hz |
Podobny numer części - NTE1838 |
|
Podobny opis - NTE1838 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |