Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LCD-160H128C Arkusz danych(PDF) 2 Page - Vishay Siliconix

Numer części LCD-160H128C
Szczegółowy opis  160 x 128 Graphic LCD
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LCD-160H128C Arkusz danych(HTML) 2 Page - Vishay Siliconix

  LCD-160H128C Datasheet HTML 1Page - Vishay Siliconix LCD-160H128C Datasheet HTML 2Page - Vishay Siliconix LCD-160H128C Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LCD-160H128C
www.vishay.com
Vishay
Revision: 22-Jun-17
2
Document Number: 37358
For technical questions, contact: displays@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
INTERFACE PIN FUNCTION
PIN NO.
SYMBOL
FUNCTION
1
FGND
Frame ground
2VSS
Power supply (ground)
3VDD
Power supply (+5 V)
4VADJ
Contrast adjustment
5VEE
Negative voltage output
6WR
Data write
7RD
Data read
8CE
Chip enable
9
C/D
Command / data read / write
10
HALT
Clock operating stop signal
11
Reset
Reset signal
12
DB0
Data bus line
13
DB1
Data bus line
14
DB2
Data bus line
15
DB3
Data bus line
16
DB4
Data bus line
17
DB5
Data bus line
18
DB6
Data bus line
19
DB7
Data bus line
20
NC
No connection
DIMENSIONS in millimeters
23.0 Max.
0.6
8.54
15.2
CCFL B/L
280.0 ± 10
8 x R3.5
4 x Ø 3.5
152.0 ± 0.5
150.0 ± 0.5
118.0
16.0
101.0 (VA)
95.96 (AA)
89.6
31.2
12.0
24.5
27.02
0.6
0.56
Dot Size


Podobny numer części - LCD-160H128C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
LCD-160H128C VISHAY-LCD-160H128C Datasheet
66Kb / 3P
   160 x 128 Graphic LCDs
01-Jan-2022
LCD-160H128C VISHAY-LCD-160H128C Datasheet
66Kb / 3P
   160 x 128 Graphic LCD
01-Jan-2023
LCD-160H128C VISHAY-LCD-160H128C_V01 Datasheet
66Kb / 3P
   160 x 128 Graphic LCDs
01-Jan-2022
LCD-160H128C VISHAY-LCD-160H128C_V02 Datasheet
66Kb / 3P
   160 x 128 Graphic LCD
01-Jan-2023
More results

Podobny opis - LCD-160H128C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
LCD-160H128B VISHAY-LCD-160H128B Datasheet
61Kb / 3P
   160 x 128 Graphic LCD
Revision: 11-Dec-12
LCD-160H128E VISHAY-LCD-160H128E Datasheet
63Kb / 3P
   160 x 128 Graphic LCD
Revision: 07-Nov-12
LCD-160H128C VISHAY-LCD-160H128C_V02 Datasheet
66Kb / 3P
   160 x 128 Graphic LCD
01-Jan-2023
LCD-160H128E VISHAY-LCD-160H128E_V02 Datasheet
66Kb / 3P
   160 x 128 Graphic LCD
01-Jan-2023
LCD-160H128B VISHAY-LCD-160H128B_V02 Datasheet
64Kb / 3P
   160 x 128 Graphic LCD
01-Jan-2023
LCD-160H128B VISHAY-LCD-160H128B_V01 Datasheet
64Kb / 3P
   160 x 128 Graphic LCD
01-Jan-2022
LCD-160H128E VISHAY-LCD-160H128E_V01 Datasheet
66Kb / 3P
   160 x 128 Graphic LCD
01-Jan-2022
LCD-160G128C VISHAY-LCD-160G128C Datasheet
112Kb / 3P
   160 x 128 Dots Graphic LCD
Revision 01-Oct-02
LCD-160G128B VISHAY-LCD-160G128B Datasheet
80Kb / 2P
   160 x 128 Dots Graphic LCD
Revision 01-Oct-02
LCD-160G128B VISHAY-LCD-160G128B_08 Datasheet
111Kb / 3P
   160 x 128 Dots Graphic LCD
Revision 01-Oct-02
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com