Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CDCU877GQL Arkusz danych(PDF) 3 Page - Texas Instruments

Numer części CDCU877GQL
Szczegółowy opis  1.8V PHASE LOCK LOOP CLOCK DRIVER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

CDCU877GQL Arkusz danych(HTML) 3 Page - Texas Instruments

  CDCU877GQL Datasheet HTML 1Page - Texas Instruments CDCU877GQL Datasheet HTML 2Page - Texas Instruments CDCU877GQL Datasheet HTML 3Page - Texas Instruments CDCU877GQL Datasheet HTML 4Page - Texas Instruments CDCU877GQL Datasheet HTML 5Page - Texas Instruments CDCU877GQL Datasheet HTML 6Page - Texas Instruments CDCU877GQL Datasheet HTML 7Page - Texas Instruments CDCU877GQL Datasheet HTML 8Page - Texas Instruments CDCU877GQL Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
CDCU877/CDCU877A
1.8V PHASE LOCK LOOP CLOCK DRIVER
SCAS688A − JUNE 2003 − REVISED JANUARY 2004
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Table 1. Terminal Functions
NAME
BGA
MLF
I/O
DESCRIPTION
AGND
G1
7
Analog ground
AVDD
H1
8
Analog power
CK
E1
4
I
Clock input with a (10 k
Ω to 100 kΩ) pulldown resistor
CK
F1
5
I
Complementary clock input with a (10 k
Ω to 100 kΩ) pulldown resistor
FBIN
E6
27
I
Feedback clock input
FBIN
F6
26
I
Complementary feedback clock input
FBOUT
H6
24
O
Feedback clock output
FBOUT
G6
25
O
Complementary feedback clock output
OE
F5
22
I
Output enable (asynchronous)
OS
D5
21
I
Output select (tied to GND or VDD)
GND
B2, B3, B4, B5,
C2, C5, H2, H5,
J2, J3, J4, J5
10
Ground
VDDQ
D2, D3, D4, E2,
E5, F2, G2, G3,
G4, G5
1, 6, 9, 15, 20,
23, 28, 31, 36
Logic and output power
Y[0:9]
A2, A1, D1, J1,
K3, A5, A6, D6,
J6, K4
38, 39, 3, 11, 14,
34, 33, 29, 19, 16
O
Clock outputs
Y[0:9]
A3, B1, C1, K1,
K2, A4, B6, C6,
K6, K5
37, 40, 2, 12, 13,
35, 32, 30, 18, 17
O
Complementary clock outputs
Table 2. Function Table
INPUTS
OUTPUTS
PLL
AVDD
OE
OS
CK
CK
Y
Y
FBOUT
FBOUT
PLL
GND
H
X
L
H
L
H
L
H
Bypassed/
Off
GND
H
X
H
L
H
L
H
L
Bypassed/
Off
GND
L
H
L
H
LZ
LZ
L
H
Bypassed/
Off
GND
L
L
H
L
LZ
Y7 Active
LZ
Y7 Active
H
L
Bypassed/
Off
1.8 V Nominal
L
H
L
H
LZ
LZ
L
H
On
1.8 V Nominal
L
L
H
L
LZ
Y7 Active
LZ
Y7 Active
H
L
On
1.8 V Nominal
H
X
L
H
L
H
L
H
On
1.8 V Nominal
H
X
H
L
H
L
H
L
On
1.8 V Nominal
X
X
L
L
LZ
LZ
LZ
LZ
Off
X
X
X
H
H
Reserved


Podobny numer części - CDCU877GQL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CDCU877GQL TI-CDCU877GQL Datasheet
945Kb / 23P
[Old version datasheet]   1.8-V PHASE LOCK LOOP CLOCK DRIVER
CDCU877GQL TI-CDCU877GQL Datasheet
945Kb / 23P
[Old version datasheet]   1.8-V PHASE LOCK LOOP CLOCK DRIVER
CDCU877GQL TI1-CDCU877GQL Datasheet
1Mb / 23P
[Old version datasheet]   1.8-V PHASE LOCK LOOP CLOCK DRIVER
CDCU877GQL TI-CDCU877GQL Datasheet
1Mb / 23P
[Old version datasheet]   1.8-V PHASE LOCK LOOP CLOCK DRIVER
CDCU877GQLR TI1-CDCU877GQLR Datasheet
1Mb / 24P
[Old version datasheet]   1.8-V PHASE LOCK LOOP CLOCK DRIVER
More results

Podobny opis - CDCU877GQL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Integrated Circuit Syst...
ICS93V850 ICST-ICS93V850 Datasheet
167Kb / 8P
   DDR Phase Lock Loop Clock Driver
logo
Texas Instruments
CDC2510B TI1-CDC2510B_15 Datasheet
632Kb / 14P
[Old version datasheet]   3.3V Phase-Lock Loop Clock Driver
logo
Renesas Technology Corp
ICS2510C RENESAS-ICS2510C Datasheet
322Kb / 8P
   3.3V Phase-Lock Loop Clock Driver
2019
logo
Texas Instruments
CDCF2509 TI1-CDCF2509_15 Datasheet
638Kb / 15P
[Old version datasheet]   3.3V Phase-Lock Loop Clock Driver
CDC2510 TI1-CDC2510_15 Datasheet
608Kb / 13P
[Old version datasheet]   3.3V Phase-Lock Loop Clock Driver
logo
Integrated Circuit Syst...
ICS93V855 ICST-ICS93V855 Datasheet
66Kb / 9P
   DDR Phase Lock Loop Clock Driver
logo
Texas Instruments
CDC2510C TI1-CDC2510C_15 Datasheet
687Kb / 17P
[Old version datasheet]   3.3V Phase- Lock Loop Clock Driver
logo
Integrated Device Techn...
IDTCSPF2510C IDT-IDTCSPF2510C Datasheet
69Kb / 8P
   3.3V PHASE-LOCK LOOP CLOCK DRIVER
logo
Integrated Circuit Syst...
ICS93701 ICST-ICS93701 Datasheet
175Kb / 9P
   DDR Phase Lock Loop Clock Driver
logo
Renesas Technology Corp
ICS93701 RENESAS-ICS93701 Datasheet
3Mb / 9P
   DDR Phase Lock Loop Clock Driver
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com