Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9252 Arkusz danych(PDF) 5 Page - Analog Devices

Numer części AD9252
Szczegółowy opis  Serial LVDS, 1.8 V ADC
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9252 Arkusz danych(HTML) 5 Page - Analog Devices

  AD9252_17 Datasheet HTML 1Page - Analog Devices AD9252_17 Datasheet HTML 2Page - Analog Devices AD9252_17 Datasheet HTML 3Page - Analog Devices AD9252_17 Datasheet HTML 4Page - Analog Devices AD9252_17 Datasheet HTML 5Page - Analog Devices AD9252_17 Datasheet HTML 6Page - Analog Devices AD9252_17 Datasheet HTML 7Page - Analog Devices AD9252_17 Datasheet HTML 8Page - Analog Devices AD9252_17 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 53 page
background image
AD9252
Data Sheet
Rev. E | Page 4 of 52
AC SPECIFICATIONS
AVDD = 1.8 V, DRVDD = 1.8 V, 2 V p-p differential input, 1.0 V internal reference, AIN = −0.5 dBFS, unless otherwise noted.
Table 2.
AD9252-50
Parameter1
Temperature
Min
Typ
Max
Unit
SIGNAL-TO-NOISE RATIO (SNR)
fIN = 2.4 MHz
Full
73.2
dB
fIN = 19.7 MHz
Full
71
73
dB
fIN = 35 MHz
Full
72.7
dB
fIN = 70 MHz
Full
71
dB
SIGNAL-TO-NOISE AND DISTORTION RATIO (SINAD)
fIN = 2.4 MHz
Full
72.5
dB
fIN = 19.7 MHz
Full
70.2
72.2
dB
fIN = 35 MHz
Full
72
dB
fIN = 70 MHz
Full
70.5
dB
EFFECTIVE NUMBER OF BITS (ENOB)
fIN = 2.4 MHz
Full
11.87
Bits
fIN = 19.7 MHz
Full
11.5
11.84
Bits
fIN = 35 MHz
Full
11.79
Bits
fIN = 70 MHz
Full
11.5
Bits
SPURIOUS-FREE DYNAMIC RANGE (SFDR)
fIN = 2.4 MHz
Full
85
dBc
fIN = 19.7 MHz
Full
73
84
dBc
fIN = 35 MHz
Full
83
dBc
fIN = 70 MHz
Full
79
dBc
WORST HARMONIC (SECOND OR THIRD)
fIN = 2.4 MHz
Full
−85
dBc
fIN = 19.7 MHz
Full
−84
−73
dBc
fIN = 35 MHz
Full
−83
dBc
fIN = 70 MHz
Full
−79
dBc
WORST OTHER (EXCLUDING SECOND OR THIRD)
fIN = 2.4 MHz
Full
−90
dBc
fIN = 19.7 MHz
Full
−90
−80
dBc
fIN = 35 MHz
Full
−90
dBc
fIN = 70 MHz
Full
−89
dBc
TWO-TONE INTERMODULATION DISTORTION (IMD)—AIN1 AND AIN2 = −7.0 dBFS
fIN1 = 15 MHz, fIN2 = 16 MHz
25°C
80.0
dBc
fIN1 = 70 MHz, fIN2 = 71 MHz
25°C
80.0
dBc
1
See the AN-835 Application Note, Understanding High Speed ADC Testing and Evaluation, for a complete set of definitions and how these tests were completed.


Podobny numer części - AD9252_17

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9252 AD-AD9252_15 Datasheet
1Mb / 52P
   Octal, 14-Bit, 50 MSPS, Serial LVDS, 1.8 V ADC
Rev. E
More results

Podobny opis - AD9252_17

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9287 AD-AD9287_17 Datasheet
2Mb / 52P
   Serial LVDS 1.8 V ADC
AD9212 AD-AD9212_17 Datasheet
1Mb / 57P
   Serial LVDS, 1.8 V ADC
AD9259 AD-AD9259_17 Datasheet
1Mb / 53P
   Serial LVDS 1.8 V ADC
AD9633 AD-AD9633_17 Datasheet
1Mb / 42P
   125 MSPS, Serial LVDS 1.8 V ADC
AD9259 AD-AD9259_15 Datasheet
1Mb / 52P
   Quad, 14-Bit, 50 MSPS Serial LVDS 1.8 V ADC
Rev. E
AD9287 AD-AD9287_15 Datasheet
1Mb / 52P
   Quad, 8-Bit, 100 MSPS, Serial LVDS 1.8 V ADC
Rev. E
AD9252 AD-AD9252_15 Datasheet
1Mb / 52P
   Octal, 14-Bit, 50 MSPS, Serial LVDS, 1.8 V ADC
Rev. E
AD9252ABCPZ-50 AD-AD9252ABCPZ-50 Datasheet
1Mb / 52P
   Octal, 14-Bit, 50 MSPS, Serial LVDS, 1.8 V ADC
Rev. E
AD9239 AD-AD9239_17 Datasheet
1Mb / 41P
   Serial Output 1.8 V ADC
AD9219 AD-AD9219_17 Datasheet
1Mb / 57P
   Quad, 10-Bit, 40/65 MSPS Serial LVDS 1.8 V ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com