Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9601BCPZ-250 Arkusz danych(PDF) 6 Page - Analog Devices

Numer części AD9601BCPZ-250
Szczegółowy opis  1.8 V Analog-to-Digital Converter
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9601BCPZ-250 Arkusz danych(HTML) 6 Page - Analog Devices

Back Button AD9601BCPZ-250 Datasheet HTML 2Page - Analog Devices AD9601BCPZ-250 Datasheet HTML 3Page - Analog Devices AD9601BCPZ-250 Datasheet HTML 4Page - Analog Devices AD9601BCPZ-250 Datasheet HTML 5Page - Analog Devices AD9601BCPZ-250 Datasheet HTML 6Page - Analog Devices AD9601BCPZ-250 Datasheet HTML 7Page - Analog Devices AD9601BCPZ-250 Datasheet HTML 8Page - Analog Devices AD9601BCPZ-250 Datasheet HTML 9Page - Analog Devices AD9601BCPZ-250 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
AD9601
Rev. 0 | Page 5 of 32
DIGITAL SPECIFICATIONS
AVDD = 1.8 V, DRVDD = 1.8 V, TMIN = −40°C, TMAX = +85°C, fIN = −1.0 dBFS, full scale = 1.25 V, DCS enabled, unless otherwise noted.
Table 3.
AD9601-200
AD9601-250
Parameter1
Temp
Min
Typ
Max
Min
Typ
Max
Unit
CLOCK INPUTS
Logic Compliance
Full
CMOS/LVDS/LVPECL
CMOS/LVDS/LVPECL
Internal Common-Mode Bias
Full
1.2
1.2
V
Differential Input Voltage
Full
0.2
6
0.2
6
V p-p
Input Voltage Range
Full
AVDD − 0.3
AVDD + 1.6
AVDD − 0.3
AVDD + 1.6
V
Input Common-Mode Range
Full
1.1
AVDD
1.1
AVDD
V
High Level Input Voltage (VIH)
Full
1.2
3.6
1.2
3.6
V
Low Level Input Voltage (VIL)
Full
0
0.8
0
0.8
V
Input Resistance (Differential)
Full
16
20
24
16
20
24
Input Capacitance
Full
4
4
pF
LOGIC INPUTS
Logic 1 Voltage
Full
0.8 × VDD
0.8 × VDD
V
Logic 0 Voltage
Full
0.2 × AVDD
0.2 × AVDD
V
Logic 1 Input Current (SDIO)
Full
0
0
μA
Logic 0 Input Current (SDIO)
Full
−60
−60
μA
Logic 1 Input Current
(SCLK, PDWN, CSB, RESET)
Full
55
50
μA
Logic 0 Input Current
(SCLK, PDWN, CSB, RESET)
Full
0
0
μA
Input Capacitance
25°C
4
4
pF
LOGIC OUTPUTS
High Level Output Voltage
Full
DRVDD − 0.05
DRVDD − 0.05
V
Low Level Output Voltage
Full
GND + 0.05
GND + 0.05
V
Output Coding
Twos complement, Gray code, or offset binary (default)
1 See the AN-835 Application Note, Understanding High Speed ADC Testing and Evaluation, for a complete set of definitions and how these tests were completed.


Podobny numer części - AD9601BCPZ-250

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9601BCPZ-250 AD-AD9601BCPZ-250 Datasheet
1Mb / 32P
   10-Bit, 200 MSPS/250 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
More results

Podobny opis - AD9601BCPZ-250

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9266 AD-AD9266_17 Datasheet
1Mb / 33P
   1.8 V Analog-to-Digital Converter
AD9634 AD-AD9634_17 Datasheet
1Mb / 31P
   1.8 V Analog-to-Digital Converter
AD9211 AD-AD9211_17 Datasheet
1Mb / 29P
   1.8 V Analog-to-Digital Converter
AD9626 AD-AD9626_17 Datasheet
1Mb / 37P
   1.8 V Analog-to-Digital Converter
AD9635 AD-AD9635_17 Datasheet
995Kb / 37P
   1.8 V Analog-to-Digital Converter
AD9637 AD-AD9637_17 Datasheet
1,012Kb / 41P
   1.8 V Analog-to-Digital Converter
AD9230 AD-AD9230_17 Datasheet
1Mb / 33P
   1.8 V Analog-to-Digital Converter
AD9257 AD-AD9257_17 Datasheet
1Mb / 41P
   1.8 V Analog-to-Digital Converter
AD9246 AD-AD9246_17 Datasheet
1,007Kb / 45P
   1.8 V Analog-to-Digital Converter
AD9434 AD-AD9434_17 Datasheet
921Kb / 29P
   1.8 V Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com