Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9627 Arkusz danych(PDF) 8 Page - Analog Devices

Numer części AD9627
Szczegółowy opis  1.8 V Dual Analog-to-Digital Converter
Download  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9627 Arkusz danych(HTML) 8 Page - Analog Devices

Back Button AD9627 Datasheet HTML 4Page - Analog Devices AD9627 Datasheet HTML 5Page - Analog Devices AD9627 Datasheet HTML 6Page - Analog Devices AD9627 Datasheet HTML 7Page - Analog Devices AD9627 Datasheet HTML 8Page - Analog Devices AD9627 Datasheet HTML 9Page - Analog Devices AD9627 Datasheet HTML 10Page - Analog Devices AD9627 Datasheet HTML 11Page - Analog Devices AD9627 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 77 page
background image
AD9627
Rev. B | Page 7 of 76
ADC AC SPECIFICATIONS—AD9627-80/AD9627-105
AVDD = 1.8 V, DVDD = 1.8 V, DRVDD = 3.3 V, maximum sample rate, VIN = −1.0 dBFS differential input, 1.0 V internal reference, DCS
enabled, fast detect output pins disabled, and signal monitor disabled, unless otherwise noted.
Table 3.
Parameter1
Temperature
AD9627-80
AD9627-105
Unit
Min
Typ
Max
Min
Typ
Max
SIGNAL-TO-NOISE RATIO (SNR)
fIN = 2.3 MHz
25°C
69.7
69.6
dB
fIN = 70 MHz
25°C
69.5
69.4
dB
Full
68.1
68.6
dB
fIN = 140 MHz
25°C
69.2
69.1
dB
fIN = 220 MHz
25°C
68.5
68.4
dB
SIGNAL-TO-NOISE AND DISTORTION (SINAD)
fIN = 2.3 MHz
25°C
69.6
69.5
dB
fIN = 70 MHz
25°C
69.4
69.3
dB
Full
67.4
68.0
dB
fIN = 140 MHz
25°C
69.0
69.0
dB
fIN = 220 MHz
25°C
68.3
68.1
dB
EFFECTIVE NUMBER OF BITS (ENOB)
fIN = 2.3 MHz
25°C
11.5
11.4
Bits
fIN = 70 MHz
25°C
11.4
11.4
Bits
fIN = 140 MHz
25°C
11.4
11.4
Bits
fIN = 220 MHz
25°C
11.3
11.2
Bits
WORST SECOND OR THIRD HARMONIC
fIN = 2.3 MHz
25°C
−87
−87
dBc
fIN = 70 MHz
25°C
−85
−85
dBc
Full
−74
−74
dBc
fIN = 140 MHz
25°C
−84
−84
dBc
fIN = 220 MHz
25°C
−83
−83
dBc
SPURIOUS-FREE DYNAMIC RANGE (SFDR)
fIN = 2.3 MHz
25°C
87
87
dBc
fIN = 70 MHz
25°C
85
85
dBc
Full
74
74
dBc
fIN = 140 MHz
25°C
84
84
dBc
fIN = 220 MHz
25°C
83
83
dBc
WORST OTHER HARMONIC OR SPUR
fIN = 2.3 MHz
25°C
−92
−92
dBc
fIN = 70 MHz
25°C
−89
−88
dBc
Full
−82
−82
dBc
fIN = 140 MHz
25°C
−89
−87
dBc
fIN = 220 MHz
25°C
−89
−86
dBc
TWO-TONE SFDR
fIN = 29.1 MHz, 32.1 MHz (−7 dBFS )
25°C
85
85
dBc
fIN = 169.1 MHz, 172.1 MHz (−7 dBFS )
25°C
82
82
dBc
CROSSTALK2
Full
−95
−95
dB
ANALOG INPUT BANDWIDTH
25°C
650
650
MHz
1 See Application Note AN-835, Understanding High Speed ADC Testing and Evaluation, for a complete set of definitions.
2 Crosstalk is measured at 100 MHz with −1 dBFS on one channel and with no input on the alternate channel.


Podobny numer części - AD9627

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9627 AD-AD9627 Datasheet
765Kb / 40P
   12-Bit, 80/105/125/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
Rev. PrA
AD9627 AD-AD9627 Datasheet
2Mb / 76P
   12-Bit, 80 MSPS/105 MSPS/125 MSPS/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. B
AD9627-11 AD-AD9627-11_15 Datasheet
4Mb / 72P
   11-Bit, 105 MSPS/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. B
AD9627ABCPZ-125 AD-AD9627ABCPZ-125 Datasheet
2Mb / 76P
   12-Bit, 80 MSPS/105 MSPS/125 MSPS/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. B
AD9627BCPZ-105 AD-AD9627BCPZ-105 Datasheet
765Kb / 40P
   12-Bit, 80/105/125/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
Rev. PrA
More results

Podobny opis - AD9627

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9628 AD-AD9628_17 Datasheet
1Mb / 43P
   1.8 V Dual Analog-to-Digital Converter
AD9204 AD-AD9204_17 Datasheet
1Mb / 37P
   1.8 V Dual Analog-to-Digital Converter
AD9251 AD-AD9251_17 Datasheet
1Mb / 37P
   1.8 V Dual Analog-to-Digital Converter
AD9600 AD-AD9600 Datasheet
2Mb / 73P
   1.8 V Dual Analog-to-Digital Converter
AD9268 AD-AD9268_17 Datasheet
2Mb / 45P
   1.8 V Dual Analog-to-Digital Converter (ADC)
AD9608 AD-AD9608_17 Datasheet
1Mb / 41P
   1.8 V Dual Analog-to-Digital Converter (ADC)
AD9266 AD-AD9266_17 Datasheet
1Mb / 33P
   1.8 V Analog-to-Digital Converter
AD9634 AD-AD9634_17 Datasheet
1Mb / 31P
   1.8 V Analog-to-Digital Converter
AD9601 AD-AD9601_17 Datasheet
972Kb / 33P
   1.8 V Analog-to-Digital Converter
AD9211 AD-AD9211_17 Datasheet
1Mb / 29P
   1.8 V Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com