Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9601-250EBZ Arkusz danych(PDF) 5 Page - Analog Devices

Numer części AD9601-250EBZ
Szczegółowy opis  1.8 V Analog-to-Digital Converter
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9601-250EBZ Arkusz danych(HTML) 5 Page - Analog Devices

  AD9601-250EBZ Datasheet HTML 1Page - Analog Devices AD9601-250EBZ Datasheet HTML 2Page - Analog Devices AD9601-250EBZ Datasheet HTML 3Page - Analog Devices AD9601-250EBZ Datasheet HTML 4Page - Analog Devices AD9601-250EBZ Datasheet HTML 5Page - Analog Devices AD9601-250EBZ Datasheet HTML 6Page - Analog Devices AD9601-250EBZ Datasheet HTML 7Page - Analog Devices AD9601-250EBZ Datasheet HTML 8Page - Analog Devices AD9601-250EBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
AD9601
Rev. 0 | Page 4 of 32
AC SPECIFICATIONS
AVDD = 1.8 V, DRVDD = 1.8 V, TMIN = −40°C, TMAX = +85°C, fIN = −1.0 dBFS, full scale = 1.25 V, DCS enabled, unless otherwise noted. 1
Table 2.
AD9601-200
AD9601-250
Parameter2
Temp
Min
Typ
Max
Min
Typ
Max
Unit
SNR
fIN = 10 MHz
25°C
59.5
59.4
dB
Full
58.5
57.8
dB
fIN = 70 MHz
25°C
59.3
59.4
dB
SINAD
fIN = 10 MHz
25°C
59.5
59.4
dB
Full
58.5
57.7
dB
fIN = 70 MHz
25°C
59.3
59.4
dB
EFFECTIVE NUMBER OF BITS (ENOB)
fIN = 10 MHz
25°C
9.6
9.7
Bits
fIN = 70 MHz
25°C
9.6
9.7
Bits
WORST HARMONIC (SECOND OR THIRD)
fIN = 10 MHz
25°C
84
84
dBc
Full
77
72
dBc
fIN = 70 MHz
25°C
78
81
dBc
WORST OTHER (SFDR EXCLUDING SECOND AND THIRD)
fIN = 10 MHz
25°C
88
86
dBc
Full
80
75
dBc
fIN = 70 MHz
25°C
87
85
dBc
TWO-TONE IMD
170.2 MHz/171.3 MHz @ −7 dBFS
25°C
81
81
dBFS
ANALOG INPUT BANDWIDTH
25°C
700
700
MHz
1 All ac specifications tested by driving CLK+ and CLK− differentially.
2 See the AN-835 Application Note, Understanding High Speed ADC Testing and Evaluation, for a complete set of definitions and how these tests were completed.


Podobny numer części - AD9601-250EBZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9601-250EBZ AD-AD9601-250EBZ Datasheet
1Mb / 32P
   10-Bit, 200 MSPS/250 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
More results

Podobny opis - AD9601-250EBZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9266 AD-AD9266_17 Datasheet
1Mb / 33P
   1.8 V Analog-to-Digital Converter
AD9634 AD-AD9634_17 Datasheet
1Mb / 31P
   1.8 V Analog-to-Digital Converter
AD9211 AD-AD9211_17 Datasheet
1Mb / 29P
   1.8 V Analog-to-Digital Converter
AD9626 AD-AD9626_17 Datasheet
1Mb / 37P
   1.8 V Analog-to-Digital Converter
AD9635 AD-AD9635_17 Datasheet
995Kb / 37P
   1.8 V Analog-to-Digital Converter
AD9637 AD-AD9637_17 Datasheet
1,012Kb / 41P
   1.8 V Analog-to-Digital Converter
AD9230 AD-AD9230_17 Datasheet
1Mb / 33P
   1.8 V Analog-to-Digital Converter
AD9257 AD-AD9257_17 Datasheet
1Mb / 41P
   1.8 V Analog-to-Digital Converter
AD9246 AD-AD9246_17 Datasheet
1,007Kb / 45P
   1.8 V Analog-to-Digital Converter
AD9434 AD-AD9434_17 Datasheet
921Kb / 29P
   1.8 V Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com