Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9600BCPZ-105 Arkusz danych(PDF) 9 Page - Analog Devices

Numer części AD9600BCPZ-105
Szczegółowy opis  1.8 V Dual Analog-to-Digital Converter
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9600BCPZ-105 Arkusz danych(HTML) 9 Page - Analog Devices

Back Button AD9600BCPZ-105 Datasheet HTML 5Page - Analog Devices AD9600BCPZ-105 Datasheet HTML 6Page - Analog Devices AD9600BCPZ-105 Datasheet HTML 7Page - Analog Devices AD9600BCPZ-105 Datasheet HTML 8Page - Analog Devices AD9600BCPZ-105 Datasheet HTML 9Page - Analog Devices AD9600BCPZ-105 Datasheet HTML 10Page - Analog Devices AD9600BCPZ-105 Datasheet HTML 11Page - Analog Devices AD9600BCPZ-105 Datasheet HTML 12Page - Analog Devices AD9600BCPZ-105 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 73 page
background image
AD9600
Rev. B | Page 8 of 72
Parameter
Temperature
Min
Typ
Max
Unit
LOGIC INPUTS/OUTPUTS (SMI SDO/OEB, SMI SCLK/PDWN)2
High Level Input Voltage
Full
1.22
3.6
V
Low Level Input Voltage
Full
0
0.6
V
High Level Input Current (VIN = 3.3 V)
Full
−90
−134
μA
Low Level Input Current
Full
−10
+10
μA
Input Resistance
Full
26
Input Capacitance
Full
5
pF
DIGITAL OUTPUTS
CMOS Mode—DRVDD = 3.3 V
High Level Output Voltage (IOH = 50 μA)
Full
3.29
V
High Level Output Voltage (IOH = 0.5 mA)
Full
3.25
V
Low Level Output Voltage (IOL = 1.6 mA)
Full
0.2
V
Low Level Output Voltage (IOL = 50 μA)
Full
0.05
V
CMOS Mode—DRVDD = 1.8 V
High Level Output Voltage (IOH = 50 μA)
Full
1.79
V
High Level Output Voltage (IOH = 0.5 mA)
Full
1.75
V
Low Level Output Voltage (IOL = 1.6 mA)
Full
0.2
V
Low Level Output Voltage (IOL = 50 μA)
Full
0.05
V
LVDS Mode—DRVDD = 1.8 V
Differential Output Voltage (VOD), ANSI Mode
Full
250
350
450
mV
Output Offset Voltage (VOS), ANSI Mode
Full
1.15
1.25
1.35
V
Differential Output Voltage (VOD), Reduced Swing Mode
Full
150
200
280
mV
Output Offset Voltage (VOS), Reduced Swing Mode
Full
1.15
1.25
1.35
V
1 Pull up.
2 Pull down.


Podobny numer części - AD9600BCPZ-105

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9600BCPZ-105 AD-AD9600BCPZ-105 Datasheet
2Mb / 72P
   10-Bit, 105 MSPS/125 MSPS/150 MSPS
REV. B
More results

Podobny opis - AD9600BCPZ-105

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9628 AD-AD9628_17 Datasheet
1Mb / 43P
   1.8 V Dual Analog-to-Digital Converter
AD9204 AD-AD9204_17 Datasheet
1Mb / 37P
   1.8 V Dual Analog-to-Digital Converter
AD9627 AD-AD9627_17 Datasheet
2Mb / 77P
   1.8 V Dual Analog-to-Digital Converter
AD9251 AD-AD9251_17 Datasheet
1Mb / 37P
   1.8 V Dual Analog-to-Digital Converter
AD9268 AD-AD9268_17 Datasheet
2Mb / 45P
   1.8 V Dual Analog-to-Digital Converter (ADC)
AD9608 AD-AD9608_17 Datasheet
1Mb / 41P
   1.8 V Dual Analog-to-Digital Converter (ADC)
AD9266 AD-AD9266_17 Datasheet
1Mb / 33P
   1.8 V Analog-to-Digital Converter
AD9634 AD-AD9634_17 Datasheet
1Mb / 31P
   1.8 V Analog-to-Digital Converter
AD9601 AD-AD9601_17 Datasheet
972Kb / 33P
   1.8 V Analog-to-Digital Converter
AD9211 AD-AD9211_17 Datasheet
1Mb / 29P
   1.8 V Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com