Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9640-80EBZ Arkusz danych(PDF) 6 Page - Analog Devices

Numer części AD9640-80EBZ
Szczegółowy opis  1.8V Dual Analog-to-Digital Converter
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9640-80EBZ Arkusz danych(HTML) 6 Page - Analog Devices

Back Button AD9640-80EBZ Datasheet HTML 2Page - Analog Devices AD9640-80EBZ Datasheet HTML 3Page - Analog Devices AD9640-80EBZ Datasheet HTML 4Page - Analog Devices AD9640-80EBZ Datasheet HTML 5Page - Analog Devices AD9640-80EBZ Datasheet HTML 6Page - Analog Devices AD9640-80EBZ Datasheet HTML 7Page - Analog Devices AD9640-80EBZ Datasheet HTML 8Page - Analog Devices AD9640-80EBZ Datasheet HTML 9Page - Analog Devices AD9640-80EBZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 54 page
background image
AD9640
Rev. B | Page 4 of 52
GENERAL DESCRIPTION
The AD9640 is a dual 14-bit, 80/105/125/150 MSPS analog-to-
digital converter (ADC). The AD9640 is designed to support
communications applications where low cost, small size, and
versatility are desired.
The dual ADC core features a multistage, differential pipelined
architecture with integrated output error correction logic. Each
ADC features wide bandwidth differential sample-and-hold
analog input amplifiers supporting a variety of user-selectable
input ranges. An integrated voltage reference eases design
considerations. A duty cycle stabilizer is provided to compen-
sate for variations in the ADC clock duty cycle, allowing the
converters to maintain excellent performance.
The AD9640 has several functions that simplify the automatic
gain control (AGC) function in the system receiver. The fast detect
feature allows fast overrange detection by outputting four bits of
input level information with very short latency.
In addition, the programmable threshold detector allows moni-
toring of the incoming signal power using the four fast detect
bits of the ADC with very low latency. If the input signal level
exceeds the programmable threshold, the fine upper threshold
indicator goes high. Because this threshold is set from the four
MSBs, the user can quickly turn down the system gain to avoid an
overrange condition.
The second AGC-related function is the signal monitor. This
block allows the user to monitor the composite magnitude of
the incoming signal, which aids in setting the gain to optimize
the dynamic range of the overall system.
The ADC output data can be routed directly to the two external
14-bit output ports. These outputs can be set from 1.8 V to 3.3 V
CMOS or 1.8 V LVDS.
Flexible power-down options allow significant power savings,
when desired.
Programming for setup and control is accomplished using a
3-bit SPI-compatible serial interface.
The AD9640 is available in a 64-lead LFCSP and is specified
over the industrial temperature range of −40°C to +85°C.


Podobny numer części - AD9640-80EBZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9640-80EBZ AD-AD9640-80EBZ Datasheet
1Mb / 52P
   14-Bit, 80/105/125/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. B
More results

Podobny opis - AD9640-80EBZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9234 AD-AD9234_17 Datasheet
1Mb / 67P
   Dual Analog-to-Digital Converter
AD9680 AD-AD9680_17 Datasheet
3Mb / 99P
   Dual Analog-to-Digital Converter
AD9684 AD-AD9684_17 Datasheet
1Mb / 65P
   Dual Analog-to-Digital Converter
AD9689 AD-AD9689 Datasheet
2Mb / 134P
   Dual Analog-to-Digital Converter
AD9250 AD-AD9250_17 Datasheet
1Mb / 45P
   Dual Analog-to-Digital Converter
AD9691 AD-AD9691_17 Datasheet
1Mb / 73P
   Dual Analog-to-Digital Converter
AD9695 AD-AD9695 Datasheet
5Mb / 136P
   Dual Analog-to-Digital Converter
AD9254S AD-AD9254S Datasheet
2Mb / 26P
   14-BIT, 150 MSPS, 1.8V ANALOG-TO-DIGITAL CONVERTER
REV. B
logo
Texas Instruments
TMS57014A TI-TMS57014A Datasheet
227Kb / 16P
[Old version datasheet]   DUAL AUDIO DIGITAL-TO-ANALOG CONVERTER
logo
Analog Devices
AD9218 AD-AD9218_17 Datasheet
872Kb / 29P
   3V Dual Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com