Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AMER60N-42140Z Arkusz danych(PDF) 1 Page - AIMTEC

Numer części AMER60N-42140Z
Szczegółowy opis  up to 1600mA | AC-DC LED driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AIMTEC [AIMTEC]
Strona internetowa  https://aimtec.com
Logo AIMTEC - AIMTEC

AMER60N-42140Z Arkusz danych(HTML) 1 Page - AIMTEC

  AMER60N-42140Z Datasheet HTML 1Page - AIMTEC AMER60N-42140Z Datasheet HTML 2Page - AIMTEC AMER60N-42140Z Datasheet HTML 3Page - AIMTEC AMER60N-42140Z Datasheet HTML 4Page - AIMTEC AMER60N-42140Z Datasheet HTML 5Page - AIMTEC AMER60N-42140Z Datasheet HTML 6Page - AIMTEC AMER60N-42140Z Datasheet HTML 7Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Series AMER60N-Z
up to 1600mA | AC-DC LED driver
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC (924 6832)
F 052.1e R3
1 of 7
North America only
FEATURES:
Models
Single output
Model
Max Output
Power (W)
Output Voltage
Range (V)
Output Current
(mA)
Input Voltage
(VAC/Hz)
Efficiency
(%)
AMER60N-42130Z
54.6
24-42
1300
90-305/47-63
87
AMER60N-42140Z
58.8
24-42
1400
90-305/47-63
87
AMER60N-42150Z
63.0
24-42
1500
90-305/47-63
88
AMER60N-42160Z
67.2
24-42
1600
90-305/47-63
88
NOTE: All specifications in this datasheet are measured at an ambient temperature of 25°C, humidity <75%, nominal input voltage and at
rated output load unless otherwise specified.
Input Specifications
Parameters
Conditions
Typical
Maximum
Units
Input Current
90 VAC, full load
1.0
Arms
Inrush current <2ms
115 VAC, cold start
40
A
230 VAC, cold start
60
Leakage current
0.75
mA
Input dissipation
No Load
1.5
W
Output Short
4.5
W
Power Factor
115 VAC, full load
0.98
230 VAC, full load
0.95
Input Fuse
3.15A / 300V
Start-up Time
115 VAC, full load
1.5
Sec.
230 VAC, full load
1.0
Sec.
Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Current accuracy
±5
%
Line regulation
LL to HL
±3
%
Load regulation
Full Output Voltage Range
±5
%
Ripple & Noise
200
mV p-p
Output Current Ripple
Full load
120
mA
Current Overshoot
LL to HL, full load at cold start,
% of rated output current
15
%
Hold-up time (min)
0
ms
Minimum Load Voltage
See Models Table Above
Isolation Specifications
Parameters
Conditions
Typical
Rated
Units
Tested I/O voltage
I/P
– O/P
3750
VAC
I/P
– FG
2000
VAC
O/P
– FG
500
VAC
Isolation Resistance
500VDC
>100
Isolation Capacitance
5000
pF
 Universal Input: 90~305 VAC
 IP65/67 Design for outdoor application
 High Efficiency: Up to 88%
 Long Life, High reliability
 Active Power Factor Correction
 Ultra-low ripple without flickering
 Short Circuit / Open Circuit Protection
 5-year limited warranty


Podobny numer części - AMER60N-42140Z

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AIMTEC
AMER60N-42140Z AIMTEC-AMER60N-42140Z Datasheet
841Kb / 6P
   up to 1600mA | AC-DC LED driver
More results

Podobny opis - AMER60N-42140Z

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AIMTEC
AMER60-Z AIMTEC-AMER60-Z Datasheet
456Kb / 6P
   up to 1600mA | AC-DC LED driver
AMER60-42130Z AIMTEC-AMER60-42130Z Datasheet
456Kb / 6P
   up to 1600mA | AC-DC LED driver
AMER60N-Z AIMTEC-AMER60N-Z Datasheet
841Kb / 6P
   up to 1600mA | AC-DC LED driver
AMEPR25D-24100AZ AIMTEC-AMEPR25D-24100AZ_16 Datasheet
212Kb / 4P
   up to 1A | AC-DC LED Driver
AMEPR30D-5070AZ-U AIMTEC-AMEPR30D-5070AZ-U Datasheet
505Kb / 5P
   up to 2A | AC-DC LED driver
AMEPR50N-42100Z AIMTEC-AMEPR50N-42100Z Datasheet
549Kb / 6P
   up to 1150mA | AC-DC LED driver
AMER160-48320Z AIMTEC-AMER160-48320Z Datasheet
436Kb / 6P
   up to 3400mA | AC-DC LED driver
AMEQR50N-50100Z AIMTEC-AMEQR50N-50100Z Datasheet
418Kb / 4P
   up to 1000mA | AC-DC LED driver
AMER120C-Z AIMTEC-AMER120C-Z Datasheet
909Kb / 6P
   up to 1700mA | AC-DC LED driver
AMER90-Z AIMTEC-AMER90-Z Datasheet
436Kb / 5P
   up to 2000mA | AC-DC LED driver
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com