Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC1800 Arkusz danych(PDF) 3 Page - Tripp Lite. All Rights Reserved

Numer części LC1800
Szczegółowy opis  1800W 120V Power Conditioner
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TRIPPLITE [Tripp Lite. All Rights Reserved]
Strona internetowa  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

LC1800 Arkusz danych(HTML) 3 Page - Tripp Lite. All Rights Reserved

  LC1800 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved LC1800 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved LC1800 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
WARRANTY
Product Warranty Period (Worldwide)
2-year limited warranty
Connected Equipment Insurance
(U.S., Canada & Puerto Rico)
$25,000 Ultimate Lifetime Insurance
© 2017 Tripp Lite. All rights reserved. All product and company names are trademarks or registered trademarks of their respective holders. Use of them does
not imply any affiliation with or endorsement by them. Tripp Lite has a policy of continuous improvement. Specifications are subject to change without notice.
Tripp Lite uses primary and third-party agencies to test its products for compliance with standards. See a list of Tripp Lite's testing agencies:
https://www.tripplite.com/products/product-certification-agencies
3 / 3


Podobny numer części - LC1800

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
LC1800 ETC2-LC1800 Datasheet
543Kb / 3P
    Line Conditioner - Automatic voltage regulation with surge protection
More results

Podobny opis - LC1800

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tripp Lite. All Rights ...
LS606M TRIPPLITE-LS606M Datasheet
444Kb / 3P
   600W 120V Power Conditioner
LC2400 TRIPPLITE-LC2400 Datasheet
493Kb / 3P
   2400W 120V Power Conditioner
LS604WM TRIPPLITE-LS604WM Datasheet
454Kb / 3P
   600W 120V Wall-Mount Power Conditioner
LC1200 TRIPPLITE-LC1200 Datasheet
500Kb / 3P
   1200W 120V Line Conditioner
LCR2400 TRIPPLITE-LCR2400 Datasheet
423Kb / 3P
   2400W 120V 3U Rack-Mount Power Conditioner
logo
First Silicon Co., Ltd
FTVS0871P FS-FTVS0871P Datasheet
349Kb / 4P
   1800W peak pulse power (8/20μs)
2021. 10. 01 Revision No : 0
logo
StarHope
TVS-TSD12U SPSEMI-TVS-TSD12U Datasheet
270Kb / 5P
   TSD(1800W) Series
logo
Tripp Lite. All Rights ...
LR2000 TRIPPLITE-LR2000 Datasheet
546Kb / 3P
   2000W 230V AVR Line Conditioner, Power Conditioner
LR604 TRIPPLITE-LR604 Datasheet
487Kb / 3P
   600W 230V AVR Line Conditioner, Power Conditioner
logo
Pepperl+Fuchs Inc.
KLD2-PC-1.1.IEC PF-KLD2-PC-1.1.IEC Datasheet
1Mb / 4P
   Fieldbus Power Conditioner
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com