Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9248BSTZRL-40 Arkusz danych(PDF) 5 Page - Analog Devices

Numer części AD9248BSTZRL-40
Szczegółowy opis  Dual A/D Converter
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9248BSTZRL-40 Arkusz danych(HTML) 5 Page - Analog Devices

  AD9248BSTZRL-40 Datasheet HTML 1Page - Analog Devices AD9248BSTZRL-40 Datasheet HTML 2Page - Analog Devices AD9248BSTZRL-40 Datasheet HTML 3Page - Analog Devices AD9248BSTZRL-40 Datasheet HTML 4Page - Analog Devices AD9248BSTZRL-40 Datasheet HTML 5Page - Analog Devices AD9248BSTZRL-40 Datasheet HTML 6Page - Analog Devices AD9248BSTZRL-40 Datasheet HTML 7Page - Analog Devices AD9248BSTZRL-40 Datasheet HTML 8Page - Analog Devices AD9248BSTZRL-40 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 49 page
background image
AD9248
Rev. B | Page 4 of 48
Test
AD9248BST/BCP-20
AD9248BST/BCP-40
AD9248BST/BCP-65
Parameter
Temp
Level
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
MATCHING CHARACTERISTICS
Offset Error
(Nonshared Reference Mode)
25°C
I
±0.19
±1.56
±0.19
±1.56
±0.25
±1.74
% FSR
Offset Error
(Shared Reference Mode)
25°C
I
±0.19
±1.56
±0.19
±1.56
±0.25
±1.74
% FSR
Gain Error
(Nonshared Reference Mode)
25°C
I
±0.07
±1.43
±0.07
±1.43
±0.07
±1.47
% FSR
Gain Error
(Shared Reference Mode)
25°C
I
±0.01
±0.06
±0.01
±0.06
±0.01
±0.10
% FSR
1 Gain error and gain temperature coefficient are based on the ADC only (with a fixed 1.0 V external reference).
2 Measured at maximum clock rate with a low frequency sine wave input and approximately 5 pF loading on each output bit.
3 Input capacitance refers to the effective capacitance between one differential input pin and AVSS. Refer to Figure
for the equivalent analog input structure.
29
4 Measured with dc input at maximum clock rate.
5 Standby power is measured with the CLK_A and CLK_B pins inactive (that is, set to AVDD or AGND).


Podobny numer części - AD9248BSTZRL-40

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9248BSTZRL-40 AD-AD9248BSTZRL-40 Datasheet
1Mb / 48P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
More results

Podobny opis - AD9248BSTZRL-40

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MC1650 MOTOROLA-MC1650 Datasheet
113Kb / 11P
   DUAL A/D CONVERTER
logo
Analog Devices
AD9288 AD-AD9288_17 Datasheet
633Kb / 25P
   Dual A/D Converter
AD9238 AD-AD9238_17 Datasheet
1Mb / 49P
   Dual A/D Converter
ADC1100 AD-ADC1100_15 Datasheet
1Mb / 4P
   LOW COST DUAL SLOPE A/D CONVERTER
ADC1105 AD-ADC1105_15 Datasheet
2Mb / 6P
   High Resolution, Dual Slope A/D Converter
AD7112 AD-AD7112 Datasheet
230Kb / 12P
   LC2MOS LOGDAC Dual Logarithmic D/A Converter
REV. 0
logo
Samsung semiconductor
KDA0316 SAMSUNG-KDA0316 Datasheet
400Kb / 10P
   D/A CONVERTER
logo
Texas Instruments
ADC10061 TI1-ADC10061 Datasheet
1Mb / 22P
[Old version datasheet]   A/D Converter
logo
Analog Devices
AD9054A AD-AD9054A_17 Datasheet
362Kb / 21P
   A/D Converter
AD9057 AD-AD9057_17 Datasheet
358Kb / 13P
   A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com