Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

WZ140376WT75236BJ1 Arkusz danych(PDF) 6 Page - Vishay Siliconix

Numer części WZ140376WT75236BJ1
Szczegółowy opis  Watercooled RF Power Pot Capacitors Internal Cooling System
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

WZ140376WT75236BJ1 Arkusz danych(HTML) 6 Page - Vishay Siliconix

  WZ140376WT75236BJ1 Datasheet HTML 1Page - Vishay Siliconix WZ140376WT75236BJ1 Datasheet HTML 2Page - Vishay Siliconix WZ140376WT75236BJ1 Datasheet HTML 3Page - Vishay Siliconix WZ140376WT75236BJ1 Datasheet HTML 4Page - Vishay Siliconix WZ140376WT75236BJ1 Datasheet HTML 5Page - Vishay Siliconix WZ140376WT75236BJ1 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Legal Disclaimer Notice
www.vishay.com
Vishay
Revision: 08-Feb-17
1
Document Number: 91000
Disclaimer
ALL PRODUCT, PRODUCT SPECIFICATIONS AND DATA ARE SUBJECT TO CHANGE WITHOUT NOTICE TO IMPROVE
RELIABILITY, FUNCTION OR DESIGN OR OTHERWISE.
Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively,
“Vishay”), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any other
disclosure relating to any product.
Vishay makes no warranty, representation or guarantee regarding the suitability of the products for any particular purpose or
the continuing production of any product. To the maximum extent permitted by applicable law, Vishay disclaims (i) any and all
liability arising out of the application or use of any product, (ii) any and all liability, including without limitation special,
consequential or incidental damages, and (iii) any and all implied warranties, including warranties of fitness for particular
purpose, non-infringement and merchantability.
Statements regarding the suitability of products for certain types of applications are based on Vishay’s knowledge of
typical requirements that are often placed on Vishay products in generic applications. Such statements are not binding
statements about the suitability of products for a particular application. It is the customer’s responsibility to validate that a
particular product with the properties described in the product specification is suitable for use in a particular application.
Parameters provided in datasheets and / or specifications may vary in different applications and performance may vary over
time. All operating parameters, including typical parameters, must be validated for each customer application by the customer’s
technical experts. Product specifications do not expand or otherwise modify Vishay’s terms and conditions of purchase,
including but not limited to the warranty expressed therein.
Except as expressly indicated in writing, Vishay products are not designed for use in medical, life-saving, or life-sustaining
applications or for any other application in which the failure of the Vishay product could result in personal injury or death.
Customers using or selling Vishay products not expressly indicated for use in such applications do so at their own risk.
Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for
such applications.
No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document
or by any conduct of Vishay. Product names and markings noted herein may be trademarks of their respective owners.
© 2017 VISHAY INTERTECHNOLOGY, INC. ALL RIGHTS RESERVED


Podobny numer części - WZ140376WT75236BJ1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
WZ11A ETC2-WZ11A Datasheet
131Kb / 4P
   METRAport 3A Folding Analog Multimeter
WZ11B ETC2-WZ11B Datasheet
131Kb / 4P
   METRAport 3A Folding Analog Multimeter
WZ12A ETC2-WZ12A Datasheet
131Kb / 4P
   METRAport 3A Folding Analog Multimeter
WZ12B ETC2-WZ12B Datasheet
131Kb / 4P
   METRAport 3A Folding Analog Multimeter
WZ12C ETC2-WZ12C Datasheet
131Kb / 4P
   METRAport 3A Folding Analog Multimeter
More results

Podobny opis - WZ140376WT75236BJ1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
TWIF085175 VISHAY-TWIF085175 Datasheet
102Kb / 6P
   Watercooled RF Power Pot Capacitors Internal Cooling System
Revision: 11-May-16
TWXFZ106266 VISHAY-TWXFZ106266 Datasheet
100Kb / 5P
   Watercooled RF Power Pot Capacitors Internal Cooling System
Revision: 11-Sep-15
TWX VISHAY-TWX Datasheet
152Kb / 11P
   Water Cooled RF Power Pot Capacitors, External Cooling System
TDFZ170229 VISHAY-TDFZ170229_15 Datasheet
82Kb / 4P
   RF Power Pot Capacitors
Revision: 07-Sep-15
TOSW118115 VISHAY-TOSW118115 Datasheet
78Kb / 3P
   Watercooled RF Power Barrel Capacitors for Dielectric Heating Equipment
Revision: 21-Jan-16
T050120 VISHAY-T050120 Datasheet
95Kb / 5P
   RF Power Pot Capacitors with Mounting Tags, Class 1 Ceramic
T020030 VISHAY-T020030 Datasheet
134Kb / 10P
   RF Power Pot Capacitors with Mounting Tags, Class 1 Ceramic
T085120 VISHAY-T085120 Datasheet
93Kb / 5P
   RF Power Pot Capacitors with Mounting Tags, Class 1 Ceramic
T045090 VISHAY-T045090 Datasheet
132Kb / 10P
   RF Power Pot Capacitors with Mounting Tags, Class 1 Ceramic
T.045090 VISHAY-T.045090 Datasheet
135Kb / 10P
   RF Power Pot Capacitors with Mounting Tags, Class 1 Ceramic
Revision: 14-Sep-15
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com