Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD3U1600W4G11 Arkusz danych(PDF) 1 Page - A-Data Technology

Numer części AD3U1600W4G11
Szczegółowy opis  High speed up to 1600MHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  A-DATA [A-Data Technology]
Strona internetowa  https://www.adata.com
Logo A-DATA - A-Data Technology

AD3U1600W4G11 Arkusz danych(HTML) 1 Page - A-Data Technology

  AD3U1600W4G11 Datasheet HTML 1Page - A-Data Technology AD3U1600W4G11 Datasheet HTML 2Page - A-Data Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Wide DDR3 choice: U-DIMM/VLP, U-DIMM/R-DIMM/VLP, R-DIMM/SO-DIMM
Premier Series DDR3 1.5V modules are offered in multiple form factors to accommodate desktops, notebooks,
servers, and data centers. From standard U-DIMM to registered memory (R-DIMM) and from very low profile modules
(VLP) to small outline modules (SO-DIMM), each product implements cutting edge technology that enables
remarkable reliability, stability, and longevity. All modules are produced in strict compliance with JEDEC and RoHS
design and production standards, ensuring compatibility with all major computing platforms and delivering
environmentally-friendly products. Every ADATA memory module includes a lifetime warranty, protecting your
investment.
Features
U-DIMM
VLP U-DIMM
R-DIMM
VLP R-DIMM
SO-DIMM
 High speed up to 1600MHz
 Transfer bandwidths up to 12.8GB/s
6-layer PCB provides improved signal transfer
and system stability


Podobny numer części - AD3U1600W4G11

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
AD30 ETC2-AD30 Datasheet
85Kb / 1P
   CPRIIRNCTEUDI TCI RICMUPITR BIMOA횋RD
logo
Guangzhou Reicu Electro...
AD30 REICU-AD30 Datasheet
559Kb / 1P
   AC/DC CONVERTER
REV:15.1
AD30-D05 REICU-AD30-D05 Datasheet
559Kb / 1P
   AC/DC CONVERTER
REV:15.1
AD30-D05-05 REICU-AD30-D05-05 Datasheet
559Kb / 1P
   AC/DC CONVERTER
REV:15.1
AD30-D05-12 REICU-AD30-D05-12 Datasheet
559Kb / 1P
   AC/DC CONVERTER
REV:15.1
More results

Podobny opis - AD3U1600W4G11

ProducentNumer częściArkusz danychSzczegółowy opis
logo
A-Data Technology
DDR3L A-DATA-DDR3L Datasheet
438Kb / 2P
   High speed up to 1600MHz
logo
List of Unclassifed Man...
MI-I56SL ETC2-MI-I56SL Datasheet
320Kb / 1P
   1x SO-DIMM DDR3L-1333/1600MHz up to 8G
logo
A-Data Technology
DDR2 A-DATA-DDR2 Datasheet
372Kb / 2P
   High speed up to 800MHz
DDR42133 A-DATA-DDR42133 Datasheet
401Kb / 2P
   High speed up to 2133MHz
DDR42400 A-DATA-DDR42400 Datasheet
394Kb / 2P
   High speed up to 2400MHz
DDR42400SO-DIMM A-DATA-DDR42400SO-DIMM Datasheet
401Kb / 2P
   High speed up to 2400MHz
logo
RF Micro Devices
RFPA1802 RFMD-RFPA1802 Datasheet
872Kb / 10P
   Integrated Power Amplifier 1600MHz to 2000MHz
logo
Linear Technology
LTC5598 LINER-LTC5598 Datasheet
289Kb / 16P
   5MHz to 1600MHz High Linearity Direct Quadrature Modulator
LTC5598 LINER-LTC5598_15 Datasheet
293Kb / 16P
   5MHz to 1600MHz High Linearity Direct Quadrature Modulator
logo
Maxim Integrated Produc...
MAX2042A MAXIM-MAX2042A Datasheet
10Mb / 52P
   SiGe High-Linearity, 1600MHz to 3900MHz Upconversion/Downconversion
Rev 0; 6/11
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com