Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KA79XXA Arkusz danych(PDF) 10 Page - Fairchild Semiconductor

Numer części KA79XXA
Szczegółowy opis  FIXED VOLTAGE REGULATOR (NEGATIVE)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA79XXA Arkusz danych(HTML) 10 Page - Fairchild Semiconductor

Back Button KA79XXA Datasheet HTML 6Page - Fairchild Semiconductor KA79XXA Datasheet HTML 7Page - Fairchild Semiconductor KA79XXA Datasheet HTML 8Page - Fairchild Semiconductor KA79XXA Datasheet HTML 9Page - Fairchild Semiconductor KA79XXA Datasheet HTML 10Page - Fairchild Semiconductor KA79XXA Datasheet HTML 11Page - Fairchild Semiconductor KA79XXA Datasheet HTML 12Page - Fairchild Semiconductor KA79XXA Datasheet HTML 13Page - Fairchild Semiconductor KA79XXA Datasheet HTML 14Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
MC79XX (LM79XX) (KA79XX/A)
FIXED VOLTAGE REGULATOR (NEGATIVE)
LM7905A ELECTRICAL CHARACTERISTICS
(VI = 10V, lO = 500mA, 0
°C ≤T
J
≤ +125°C, C
I =2.2
µF, C
O =1
µF, unless otherwise specified.)
* Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must be
taken into account separately. Pulse testing with low duty is used.
Characteristic
Symbol
Test Conditions
Min
Typ
Max
Unit
TJ =+ 25
°C
- 4.9
- 5.0
- 5.1
Output Voltage
VO
IO = 5mA to 1A, PO 15W
VI = -7 to -20V
- 4.8
-5.0
- 5.2
V
VI = -7 to -20V
IO=1A
5
50
VI = -8 to -12V
IO=1A
2
25
VI = -7.5 to -25V
7
50
VI= -8 to -12V
IO=1A
7
50
IO = 5mA to 1.5A
10
100
TJ =+ 25
°C
IO = 250 to 750mA
3
50
Quiescent Current
IQ
TJ = +25
°C
3
6
mA
IO = 5mA to 1A
0.05
0.5
VI = -8 to -25V
0.1
0.8
Temperature Coefficient of VD
∆V
O/
∆T
IO = 5mA
- 0.4
mV/
°C
Output Noise Voltage
VN
f = 10Hz to 100KHz
TA =+ 25
°C
40
µV
Ripple Rejection
RR
f = 120Hz, IO = -35V
∆V
I = 10V
54
60
dB
Dropout Voltage
VD
TJ=+ 25
°C
IO = 1A
2
V
Short Circuit Current
ISC
TJ =+ 25
°C, V
I = -35V
300
mA
Peak Current
IPK
TJ =+ 25
°C
2.2
A
Load Regulation
∆V
O
Line Regulation
∆V
O
TJ =+25
°C
mV
mV
Quiescent Current Change
∆I
Q
mA


Podobny numer części - KA79XXA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
KA79XXA FAIRCHILD-KA79XXA Datasheet
121Kb / 18P
   3-Terminal 1A Negative Voltage Regulator
More results

Podobny opis - KA79XXA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AUK corp
S79XXPI AUK-S79XXPI Datasheet
270Kb / 8P
   Fixed-Negative-Voltage Regulator
logo
Micro Electronics
SG7900A MICRO-ELECTRONICS-SG7900A Datasheet
175Kb / 7P
   NEGATIVE FIXED VOLTAGE REGULATOR
logo
AUK corp
S79XXPIC AUK-S79XXPIC_1 Datasheet
301Kb / 8P
   Fixed-Negative-Voltage Regulator
logo
Microsemi Corporation
SG79XXA MICROSEMI-SG79XXA Datasheet
1Mb / 12P
   Negative Fixed Voltage Regulator
SG120 MICROSEMI-SG120 Datasheet
167Kb / 8P
   NEGATIVE FIXED VOLTAGE REGULATOR
logo
AUK corp
S79XXPIC AUK-S79XXPIC Datasheet
271Kb / 8P
   Fixed-Negative-Voltage Regulator
logo
Microsemi Corporation
SG7912AR MICROSEMI-SG7912AR Datasheet
405Kb / 9P
   Negative Fixed Voltage Regulator
logo
AUK corp
S79XXPI AUK-S79XXPI_1 Datasheet
302Kb / 8P
   Fixed-Negative-Voltage Regulator
logo
Microsemi Corporation
SG7900A MICROSEMI-SG7900A Datasheet
375Kb / 7P
   NEGATIVE FIXED VOLTAGE REGULATOR
SG120 MICROSEMI-SG120_1 Datasheet
379Kb / 8P
   NEGATIVE FIXED VOLTAGE REGULATOR
SG79XXA MICROSEMI-SG79XXA_10 Datasheet
417Kb / 9P
   Negative Fixed Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com