Zakładka z wyszukiwarką danych komponentów |
|
LB10SB Arkusz danych(PDF) 1 Page - GOOD-ARK Electronics |
|
LB10SB Arkusz danych(HTML) 1 Page - GOOD-ARK Electronics |
1 / 3 page LB2SB thru LB10SB Low Profile Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier Reverse Voltage 200 and 1000V Forward Current 0.8A Features ◆ Low Profile: Typical height of 1.4mm ◆ Ideal for automated placement ◆ High surge current capability ◆ Solder Dip 260℃,10seconds Mechanical Data ◆ Case:SOPA-4 Epoxy meets UL-94V-0 Flammability rating py y g ◆ Terminals:Matte tin plated ldads, solderable per J-STD-002B and JESD22-B102D ◆ Polarity:As markde on body Maximum Ratings & Electrical Characteristics Ratings at 25℃ ambient temperature unless otherwise specified. Parameter Symbol LB2SB LB4SB LB6SB LB8SB LB10SB Unit Parameter Symbol LB2SB LB4SB LB6SB LB8SB LB10SB Unit Maximum repetitive peak reverse voltage VRRM 200 400 600 800 1000 V Maximum RMS voltage VRMS 140 280 420 560 700 V Maximum DC blocking voltage VDC 200 400 600 800 1000 V Maximum Average forward output rectified current on glass-eposy P.C.B on aluminum substrate IF(AV) 0.8 1.0 A on aluminum substrate Peak forward surge current 8.3 ms single sine-wave superimposed on rated load (JEDEC Method) Rating for fusig (t<8.3ms) I 2t A 2sec Maximum instantaneous forward voltage drop per diode at 1.0A Mi DC t t TA 25℃ IFSM V VF A 40 6.5 1.00 5 Maximum DC reverse current at TA=25℃ rated DC blocking voltage per leg TA=125℃ RθJA RθJL Operating junction temperature range TJ ℃ Storage temperature range TSTG ℃ Notes: 1. Device mounted P.C.B with 0.47x0.47''(12mmx12mm) Copper Pads. IR 25 -55 to +150 -55 to +150 µA Typical thermal resistance per leg (Note 1) 5 500 80 ℃ /W 2. JEDEC registered values + - ~ ~ |
Podobny numer części - LB10SB |
|
Podobny opis - LB10SB |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |