Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9214 Arkusz danych(PDF) 5 Page - Analog Devices

Numer części AD9214
Szczegółowy opis  3V A/D Converter
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9214 Arkusz danych(HTML) 5 Page - Analog Devices

  AD9214_17 Datasheet HTML 1Page - Analog Devices AD9214_17 Datasheet HTML 2Page - Analog Devices AD9214_17 Datasheet HTML 3Page - Analog Devices AD9214_17 Datasheet HTML 4Page - Analog Devices AD9214_17 Datasheet HTML 5Page - Analog Devices AD9214_17 Datasheet HTML 6Page - Analog Devices AD9214_17 Datasheet HTML 7Page - Analog Devices AD9214_17 Datasheet HTML 8Page - Analog Devices AD9214_17 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
REV. D
–4–
AD9214–SPECIFICATIONS
SWITCHING SPECIFICATIONS
Test
AD9214-65
AD9214-80
AD9214-105
Parameter
Temp
Level
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
ENCODE INPUT PARAMETERS
*
Maximum Conversion Rate
Full
VI
65
80
105
MSPS
Minimum Conversion Rate
Full
IV
20
20
20
MSPS
Encode Pulsewidth High (tEH)
Full
IV
6.0
5.0
3.8
ns
Encode Pulsewidth Low (tEL)
Full
IV
6.0
5.0
3.8
ns
Aperture Delay (tA)25
°C
V
2.0
2.0
2.0
ns
Aperture Uncertainty (Jitter)
25
°C
V
3
3
3
ps rms
DATA OUTPUT PARAMETERS
Pipeline Delays
Full
IV
5
5
5
Clock Cycle
Output Valid Time (tV)*
Full
V
3.0
4.5
3.0
4.5
3.0
4.5
ns
Output Propagation Delay
* (tPD)
Full
V
4.5
6.0
4.5
6.0
4.5
6.0
ns
TRANSIENT RESPONSE TIME
25
°C
V
555
ns
OUT-OF-RANGE RECOVERY TIME
25
°C
V
555
ns
*tV and tPD are measured from the 1.5 V level of the ENCODE input to the 50% levels of the digital output swing. The digital output load during test is not to exceed
an ac load of 5 pF or a dc current of
±40 µA.
Specifications subject to change without notice.
AIN
ENCODE
D9 – D0
SAMPLE N
SAMPLE N+1
SAMPLE N+2
SAMPLE N+3
SAMPLE N+4
SAMPLE N+5
tA
tEH
tEL
1/FS
tPD
tV
DATA N–5
DATA N–4
DATA N–3
DATA N–2
DATA N–1
DATA N
Figure 1. Timing Diagram
(AVDD = 3 V, DrVDD = 3 V; ENCODE = Maximum Conversion Rate; TMIN = –40 C, TMAX = +85 C;
external 1.25 V voltage reference used, unless otherwise noted.)


Podobny numer części - AD9214_17

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9214-105PCB AD-AD9214-105PCB Datasheet
447Kb / 20P
   10-Bit, 65/80/105 MSPS 3 V A/D Converter
REV. D
AD9214-105PCB AD-AD9214-105PCB Datasheet
453Kb / 20P
   10-Bit, 65/80/105 MSPS 3 V A/D Converter
REV. D
More results

Podobny opis - AD9214_17

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9283 AD-AD9283_17 Datasheet
279Kb / 13P
   3V A/D Converter
AD9215 AD-AD9215_17 Datasheet
1,012Kb / 37P
   3V A/D Converter
AD9235 AD-AD9235_17 Datasheet
833Kb / 41P
   3V A/D Converter
logo
Texas Instruments
ADC10065 TI1-ADC10065_14 Datasheet
1Mb / 27P
[Old version datasheet]   10-Bit 65 MSPS 3V A/D Converter
ADC10065 TI1-ADC10065_15 Datasheet
1Mb / 26P
[Old version datasheet]   10-Bit 65 MSPS 3V A/D Converter
logo
Analog Devices
AD9283S AD-AD9283S Datasheet
126Kb / 8P
   8-Bit, 100 MSPS 3V A/D Converter
logo
National Semiconductor ...
ADC10065 NSC-ADC10065 Datasheet
945Kb / 19P
   ADC10065 10-Bit 65 MSPS 3V A/D Converter
ADC10040 NSC-ADC10040 Datasheet
914Kb / 19P
   10-Bit, 40 MSPS, 3V, 55.5 mW A/D Converter
logo
Linear Technology
LTC1282 LINER-LTC1282 Datasheet
439Kb / 24P
   3V 140ksps 12-Bit Sampling A/D Converter with Reference
logo
Analog Devices
AD9215 AD-AD9215 Datasheet
1Mb / 36P
   10-Bit, 65/80/105 MSPS, 3V A/D Converter
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com