Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9238BSTRL-40 Arkusz danych(PDF) 8 Page - Analog Devices

Numer części AD9238BSTRL-40
Szczegółowy opis  Dual A/D Converter
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9238BSTRL-40 Arkusz danych(HTML) 8 Page - Analog Devices

Back Button AD9238BSTRL-40 Datasheet HTML 4Page - Analog Devices AD9238BSTRL-40 Datasheet HTML 5Page - Analog Devices AD9238BSTRL-40 Datasheet HTML 6Page - Analog Devices AD9238BSTRL-40 Datasheet HTML 7Page - Analog Devices AD9238BSTRL-40 Datasheet HTML 8Page - Analog Devices AD9238BSTRL-40 Datasheet HTML 9Page - Analog Devices AD9238BSTRL-40 Datasheet HTML 10Page - Analog Devices AD9238BSTRL-40 Datasheet HTML 11Page - Analog Devices AD9238BSTRL-40 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 49 page
background image
AD9238
Rev. C | Page 7 of 48
ABSOLUTE MAXIMUM RATINGS
Absolute maximum ratings are limiting values to be applied
individually, and beyond which the serviceability of the circuit
may be impaired. Functional operability is not necessarily implied.
Exposure to absolute maximum rating conditions for an extended
period may affect device reliability.
Table 5.
Parameter
Rating
ELECTRICAL
AVDD to AGND
−0.3 V to +3.9 V
DRVDD to DRGND
−0.3 V to +3.9 V
AGND to DRGND
−0.3 V to +0.3 V
AVDD to DRVDD
−3.9 V to +3.9 V
Digital Outputs to DRGND
−0.3 V to DRVDD + 0.3 V
OEB, DFS, CLK, DCS, MUX_SELECT,
SHARED_REF to AGND
−0.3 V to AVDD + 0.3 V
VINA, VINB to AGND
−0.3 V to AVDD + 0.3 V
VREF to AGND
−0.3 V to AVDD + 0.3 V
SENSE to AGND
−0.3 V to AVDD + 0.3 V
REFB, REFT to AGND
−0.3 V to AVDD + 0.3 V
PDWN to AGND
−0.3 V to AVDD + 0.3 V
ENVIRONMENTAL1
Operating Temperature
−40°C to +85°C
Junction Temperature
150°C
Lead Temperature (10 sec)
300°C
Storage Temperature
−65°C to +150°C
1 Typical thermal impedances: 64-lead LQFP, θJA = 54°C/W; 64-lead LFCSP, θJA
= 26.4°C/W with heat slug soldered to ground plane. These measurements
were taken on a 4-layer board in still air, in accordance with EIA/JESD51-7.
EXPLANATION OF TEST LEVELS
I
100% production tested.
II
100% production tested at 25°C and sample tested at
specified temperatures.
III
Sample tested only.
IV
Parameter is guaranteed by design and characterization
testing.
V
Parameter is a typical value only.
VI
100% production tested at 25°C; guaranteed by design and
characterization testing for industrial temperature range;
100% production tested at temperature extremes for
military devices.
ESD CAUTION


Podobny numer części - AD9238BSTRL-40

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9238BSTRL-40 AD-AD9238BSTRL-40 Datasheet
1Mb / 24P
   12-Bit, 20/40/65 MSPS Dual A/D Converter
REV. A
AD9238BSTRL-40 AD-AD9238BSTRL-40 Datasheet
1Mb / 48P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
More results

Podobny opis - AD9238BSTRL-40

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MC1650 MOTOROLA-MC1650 Datasheet
113Kb / 11P
   DUAL A/D CONVERTER
logo
Analog Devices
AD9248 AD-AD9248_17 Datasheet
1Mb / 49P
   Dual A/D Converter
AD9288 AD-AD9288_17 Datasheet
633Kb / 25P
   Dual A/D Converter
ADC1100 AD-ADC1100_15 Datasheet
1Mb / 4P
   LOW COST DUAL SLOPE A/D CONVERTER
ADC1105 AD-ADC1105_15 Datasheet
2Mb / 6P
   High Resolution, Dual Slope A/D Converter
AD7112 AD-AD7112 Datasheet
230Kb / 12P
   LC2MOS LOGDAC Dual Logarithmic D/A Converter
REV. 0
logo
Samsung semiconductor
KDA0316 SAMSUNG-KDA0316 Datasheet
400Kb / 10P
   D/A CONVERTER
logo
Texas Instruments
ADC10061 TI1-ADC10061 Datasheet
1Mb / 22P
[Old version datasheet]   A/D Converter
logo
Analog Devices
AD9054A AD-AD9054A_17 Datasheet
362Kb / 21P
   A/D Converter
AD9057 AD-AD9057_17 Datasheet
358Kb / 13P
   A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com