Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

0-0B06PRA004RC-L022C09 Arkusz danych(PDF) 7 Page - Vincotech

Numer części 0-0B06PRA004RC-L022C09
Szczegółowy opis  IGBT in TRENCHSTOP RC technology
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VINCOTECH [Vincotech]
Strona internetowa  http://www.vincotech.com
Logo VINCOTECH - Vincotech

0-0B06PRA004RC-L022C09 Arkusz danych(HTML) 7 Page - Vincotech

Back Button 0-0B06PRA004RC-L022C09 Datasheet HTML 3Page - Vincotech 0-0B06PRA004RC-L022C09 Datasheet HTML 4Page - Vincotech 0-0B06PRA004RC-L022C09 Datasheet HTML 5Page - Vincotech 0-0B06PRA004RC-L022C09 Datasheet HTML 6Page - Vincotech 0-0B06PRA004RC-L022C09 Datasheet HTML 7Page - Vincotech 0-0B06PRA004RC-L022C09 Datasheet HTML 8Page - Vincotech 0-0B06PRA004RC-L022C09 Datasheet HTML 9Page - Vincotech 0-0B06PRA004RC-L022C09 Datasheet HTML 10Page - Vincotech 0-0B06PRA004RC-L022C09 Datasheet HTML 11Page - Vincotech Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
10-0B06PRA004RC-L022C09
datasheet
Copyright Vincotech
7
13 Feb. 2017 / Revision 2
Thermistor Characteristics
Thermistor typical temperature characteristic
Typical Thermistor resistance values
Typical NTC characteristic
as a function of temperature
R T = f(T )
0
5000
10000
15000
20000
25000
25
50
75
100
125
T
(°C)
NTC-typical temperature characteristic
Rectifier characteristics
Typical f orward charact erist ics
Rect if ier Diode
Transient t hermal impedance as a f unct ion of pulse widt h
Rectif ier Diode
I F = f(V F)
Z th(j-s) = f(t p)
t p =
250
µs
25 °C
D =
t p / T
T j:
125 °C
R th(j-s) =
2,09
K/W
150 °C
Diode thermal model values
R (K/W)
τ (s)
4,86E-02
1,03E+01
1,45E-01
6,91E-01
1,18E+00
6,09E-02
5,40E-01
1,88E-02
1,74E-01
1,96E-03
0
3
6
9
12
15
18
21
0
0,5
1
1,5
2
2,5
3
V
F (V)
ttttpppp (s)
D = 0,5
0,2
0,1
0,05
0,02
0,01
0,005
0.000
10-4
10-3
10-2
10-1
100
101
102
10-2
10-1
100
101


Podobny numer części - 0-0B06PRA004RC-L022C09

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vincotech
0-0B066PA006SB-M992F09 VINCOTECH-0-0B066PA006SB-M992F09 Datasheet
1Mb / 17P
   Open emitter topology
More results

Podobny opis - 0-0B06PRA004RC-L022C09

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Infineon Technologies A...
IGU04N60T INFINEON-IGU04N60T Datasheet
349Kb / 12P
   IGBT in TRENCHSTOP technology
Rev. 2.0 24.02.2014
IGU04N60T INFINEON-IGU04N60T_16 Datasheet
464Kb / 12P
   Low Loss IGBT : IGBT in TRENCHSTOP??technology
Rev. 2.1 17.02.2016
IGB50N60T INFINEON-IGB50N60T_09 Datasheet
467Kb / 12P
   Low Loss IGBT in TrenchStop technology
Rev. 2.5 04.03.2009
IGD06N60T INFINEON-IGD06N60T Datasheet
460Kb / 12P
   IGBT in TRENCHSTOP and Fieldstop technology
Rev. 2.2, 20.09.2013
IGB30N60T INFINEON-IGB30N60T_09 Datasheet
465Kb / 12P
   Low Loss IGBT in TrenchStop technology
Rev. 2.3 04.03.2009
IHW40T60 INFINEON-IHW40T60 Datasheet
462Kb / 13P
   Low Loss DuoPack : IGBT in TrenchStop-technology
Rev. 2.0 Sep. 08
IGW50N60T INFINEON-IGW50N60T_15 Datasheet
495Kb / 12P
   Low Loss IGBT : IGBT in TRENCHSTOP??and Fieldstop technology
Rev. 2.8 19.05.2015
IGP15N60T INFINEON-IGP15N60T_15 Datasheet
502Kb / 12P
   Low Loss IGBT : IGBT in TRENCHSTOP??and Fieldstop technology
Rev. 2.4 30.04.2015
IGB30N60T INFINEON-IGB30N60T_15 Datasheet
674Kb / 12P
   Low Loss IGBT : IGBT in TRENCHSTOP??and Fieldstop technology
Rev. 2.5 19.05.2015
IGB15N60T INFINEON-IGB15N60T_15 Datasheet
688Kb / 12P
   Low Loss IGBT : IGBT in TRENCHSTOP??and Fieldstop technology
Rev. 2.6 30.04.2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com