Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MCZ5303SH Arkusz danych(PDF) 10 Page - Shindengen Electric Mfg.Co.Ltd

Numer części MCZ5303SH
Szczegółowy opis  Starter IC with High-Efficiency Burst Function
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Strona internetowa  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

MCZ5303SH Arkusz danych(HTML) 10 Page - Shindengen Electric Mfg.Co.Ltd

Back Button MCZ5303SH Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd MCZ5303SH Datasheet HTML 7Page - Shindengen Electric Mfg.Co.Ltd MCZ5303SH Datasheet HTML 8Page - Shindengen Electric Mfg.Co.Ltd MCZ5303SH Datasheet HTML 9Page - Shindengen Electric Mfg.Co.Ltd MCZ5303SH Datasheet HTML 10Page - Shindengen Electric Mfg.Co.Ltd MCZ5303SH Datasheet HTML 11Page - Shindengen Electric Mfg.Co.Ltd MCZ5303SH Datasheet HTML 12Page - Shindengen Electric Mfg.Co.Ltd MCZ5303SH Datasheet HTML 13Page - Shindengen Electric Mfg.Co.Ltd MCZ5303SH Datasheet HTML 14Page - Shindengen Electric Mfg.Co.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
Confidential
MCZ5303SG, MCZ5303SH Application Manual Vol. 1.0
5RE-125294-2
– 10 –
Figure 7. Connection diagram with LLC controller (MCZ5303SG)
4-8. KVc1 Terminal (pin9)
The KVc1 terminal is a terminal for Vcc supply to the control IC. In burst operation, it makes the LLC
perform burst operation by repeating start and stop of supply from the KVc1 terminal to reduce wasteful
IC power consumption in the oscillation stop period.
In burst mode (STBY: Open)
COMPin terminal input threshold
voltage
Operation
KVc1 SW
Set with 1.06V
Oscillation stop (KVc1 supply stop)
ON --> OFF
Reset with 0.96V
Oscillation start (KVc1 supply start)
OFF --> ON
KVc1 SW: See Figure 8.
4-9. Vcc Terminal (pin12)
The Vcc terminal receives a current supplied from the Vin at the time of start and from the Vw terminal
after start. The UVLO threshold value of Vcc is 7V, and output of KVc1 is turned off when the value is
below the threshold.
For the Cvcc capacitor, select a capacity of 220uF or below with which the power supply can be started.
Figure 8. Connection diagram of Vcc system (MCZ5303SG)


Podobny numer części - MCZ5303SH

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Shindengen Electric Mfg...
MCZ5303SG SHINDENGEN-MCZ5303SG Datasheet
1Mb / 27P
   Starter IC with High-Efficiency Burst Function
More results

Podobny opis - MCZ5303SH

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Shindengen Electric Mfg...
MCZ5303SG SHINDENGEN-MCZ5303SG Datasheet
1Mb / 27P
   Starter IC with High-Efficiency Burst Function
logo
Kinetic Technologies.
KTD3134 KINETIC-KTD3134 Datasheet
1Mb / 24P
   High Efficiency 2-Channel LED Backlight with Flash Function
April 2019 - Revision 04a
logo
Nippon Precision Circui...
5041 NPC-5041 Datasheet
121Kb / 11P
   High-stability Crystal Oscillator IC with Frequency Adjustment Function
logo
NXP Semiconductors
TEA1541 PHILIPS-TEA1541 Datasheet
112Kb / 19P
   SMPS control IC with synchronization function
2003 Aug 11
logo
Rohm
BA6129AF ROHM-BA6129AF Datasheet
108Kb / 9P
   Reset IC with battery backup function
logo
Nippon Precision Circui...
5042 NPC-5042 Datasheet
116Kb / 11P
   High-stability Crystal Oscillator IC with Frequency Adjustment Function
logo
Kinetic Technologies.
KTD3137 KINETIC-KTD3137 Datasheet
1Mb / 24P
   High Efficiency 3-Channel LED Backlight with Panel Flash Function
April 2019 - Revision 04a
logo
Shenzhen Winsemi Microe...
WS2596B WINSEMI-WS2596B Datasheet
693Kb / 9P
   High Efficiency Charger Control IC
logo
Rohm
BH6172GU ROHM-BH6172GU Datasheet
920Kb / 17P
   High-efficiency Power Management IC
logo
List of Unclassifed Man...
WS2596B ETC2-WS2596B Datasheet
693Kb / 9P
   High Efficiency Charger Control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com